Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AFC Fiches technique(PDF) 3 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

No de pièce AFC
Description  350 mW DO-35 Hermetically Sealed Glass AFC / Trigger Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Site Internet  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

AFC Fiches technique(HTML) 3 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  AFC Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd AFC Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd AFC Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd AFC Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd AFC Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd AFC Datasheet HTML 6Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
March 2002 / A
Page 3
SEMICONDUCTOR
TAK CHEONG
®
Tape & Reel Packaging Information
Tape & Reel Outline
Reel Dimensions
DIM
Millimeters
D1
356
D2
30
D3
84
W1
77.5
Quantity Per Reel
PKG Type
Quantity Per Reel
DO-35
10,000


Numéro de pièce similaire - AFC

FabricantNo de pièceFiches techniqueDescription
logo
Arch Electronics Corp.
AFC ARCH-AFC Datasheet
495Kb / 5P
   AC-DC Power Module
logo
Astrodyne Corporation
AFC ASTRODYNE-AFC Datasheet
187Kb / 3P
   PowerBlock Micro-Miniature Modular Switching Power Supplies
logo
Cornell Dubilier Electr...
AFC CDE-AFC Datasheet
488Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 째C
AFC CDE-AFC Datasheet
726Kb / 4P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
logo
Astrodyne Corporation
AFC-12S ASTRODYNE-AFC-12S Datasheet
514Kb / 3P
   PowerBlock Micro-Miniature Modular Switching Power Supplies
More results

Description similaire - AFC

FabricantNo de pièceFiches techniqueDescription
logo
Tak Cheong Electronics ...
FV-1043 TAK_CHEONG-FV-1043 Datasheet
187Kb / 6P
   350 mW DO-35 Hermetically Sealed Glass AFC / Trigger Diodes
TC1N4148 TAK_CHEONG-TC1N4148 Datasheet
125Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Fast Switching Diodes
TCBAW76 TAK_CHEONG-TCBAW76 Datasheet
125Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Fast Switching Diodes
logo
Shanghai Leiditech Elec...
1N4148 LEIDITECH-1N4148 Datasheet
2Mb / 3P
   500 mW DO-35 Hermetically Sealed Glass Fast Switching Diodes
logo
List of Unclassifed Man...
TC1N4148 ETC1-TC1N4148 Datasheet
509Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Fast Switching Diodes
logo
Tak Cheong Electronics ...
TC1N4148 TAK_CHEONG-TC1N4148_10 Datasheet
428Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Fast Switching Diodes
TC1N60 TAK_CHEONG-TC1N60 Datasheet
75Kb / 2P
   500 mW DO-35 Hermetically Sealed Glass Small Signal Schottky Diodes
TCBAV19 TAK_CHEONG-TCBAV19 Datasheet
105Kb / 2P
   500 mW DO-35 Hermetically Sealed Glass - High Voltage Switching Diodes
TC1N60 TAK_CHEONG-TC1N60_09 Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Small Signal Schottky Diodes
KELDB3 TAK_CHEONG-KELDB3 Datasheet
92Kb / 3P
   DO-35 Hermetically Sealed Glass BI-directional Trigger Diode
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com