Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

540LP3E Fiches technique(PDF) 6 Page - Hittite Microwave Corporation

No de pièce 540LP3E
Description  1 dB LSB GaAs MMIC 4-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 5.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITTITE [Hittite Microwave Corporation]
Site Internet  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

540LP3E Fiches technique(HTML) 6 Page - Hittite Microwave Corporation

  540LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 540LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 540LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 540LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 540LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 540LP3E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
5
5 - 175
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Evaluation PCB
The circuit board used in the final application should
use RF circuit design techniques. Signal lines
should have 50 ohm impedance while the package
ground leads and exposed paddle should be con-
nected directly to the ground plane similar to that
shown. A sufficient number of via holes should be
used to connect the top and bottom ground planes.
The evaluation circuit board shown is available from
Hittite upon request.
List of Materials for Evaluation PCB 111315 [1]
Item
Description
J1 - J2
PCB Mount SMA Connector
J3 - J8
DC Pin
C1 - C3
1000 pF Capacitor, 0402 Pkg.
C4, C5
330 pF Capacitor, 0402 Pkg.
U1
HMC540LP3 / HMC540LP3E
Digital Attenuator
PCB [2]
111291 Evaluation PCB
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
HMC540LP3 / 540LP3E
1 dB LSB GaAs MMIC 4-BIT DIGITAL
POSITIVE CONTROL ATTENUATOR, DC - 5.5 GHz
v00.0605


Numéro de pièce similaire - 540LP3E

FabricantNo de pièceFiches techniqueDescription
logo
HB Electronic Component...
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
List of Unclassifed Man...
540LW7C ETC2-540LW7C Datasheet
164Kb / 4P
   LED SPECIFICATION
More results

Description similaire - 540LP3E

FabricantNo de pièceFiches techniqueDescription
logo
Hittite Microwave Corpo...
HMC540LP3 HITTITE-HMC540LP3 Datasheet
327Kb / 6P
   1 dB LSB GaAs MMIC 4-BIT DIG POSITIVE CONTROL ATTENUATOR, DC - 5.5 GHz
HMC470LP3 HITTITE-HMC470LP3 Datasheet
393Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.0 GHz
HMC470LP3 HITTITE-HMC470LP3_08 Datasheet
269Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3 GHz
HMC468LP3 HITTITE-HMC468LP3_08 Datasheet
225Kb / 6P
   1 dB LSB GaAs MMIC 3-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 6 GHz
HMC468LP3 HITTITE-HMC468LP3 Datasheet
206Kb / 6P
   1 dB LSB GaAs MMIC 3-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 6.0 GHz
logo
Analog Devices
HMC470ALP3 AD-HMC470ALP3 Datasheet
1Mb / 4P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC539LP3 HITTITE-HMC539LP3_08 Datasheet
240Kb / 6P
   0.25 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 4 GHz
HMC235QS16G HITTITE-HMC235QS16G_01 Datasheet
205Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 4 GHz
HMC467LP3 HITTITE-HMC467LP3_08 Datasheet
206Kb / 6P
   2 dB LSB GaAs MMIC 2-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 6 GHz
logo
Analog Devices
HMC472ALP4 AD-HMC472ALP4 Datasheet
717Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com