Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LS6D28 Fiches technique(PDF) 1 Page - ice Components, Ins.

No de pièce LS6D28
Description  Surface Mount Power Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ICE [ice Components, Ins.]
Site Internet  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

LS6D28 Fiches technique(HTML) 1 Page - ice Components, Ins.

  LS6D28_08 Datasheet HTML 1Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
800.729.2099 tel
www.icecomponents.com
Part
6
Number
Inductance
1
H+/-30%)
Test Frequency
(kHz)
I
DC max
2
(A)
DCR max
(
Ω)
Features
Will Handle Up To 3A
Economical Design
Suitable For Pick And Place
Withstands Solder Reflow
Shielded Design
Applications
DC/DC Converters
Output Power Chokes
Handheld And PDA Applications
Battery Powered Or Low Voltage Applications
Mechanical
Electrical Specifications
Packaging
Reel Diameter: 330mm
Reel Width: 16.3mm
Pieces Per Reel: 1000
LS6D28-3R0-RN
LS6D28-3R9-RN
LS6D28-5R0-RN
LS6D28-6R0-RN
LS6D28-7R3-RN
LS6D28-8R6-RN
LS6D28-100-RN
LS6D28-120-RN
LS6D28-150-RN
LS6D28-180-RN
LS6D28-220-RN
LS6D28-270-RN
LS6D28-330-RN
LS6D28-390-RN
LS6D28-470-RN
LS6D28-560-RN
LS6D28-680-RN
LS6D28-820-RN
LS6D28-101-RN
LS6D28-121-RN
LS6D28-151-RN
LS6D28-181-RN
LS6D28-221-RN
LS6D28-271-RN
LS6D28-331-RN
LS6D28-391-RN
LS6D28-471-RN
LS6D28-561-RN
LS6D25-681-RN
3.0
3.9
5.0
6.0
7.3
8.6
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
0.024
0.027
0.031
0.035
0.054
0.058
0.065
0.070
0.084
0.095
0.128
0.142
0.165
0.210
0.238
0.277
0.304
0.390
0.535
0.750
0.950
1.20
1.50
1.70
2.15
2.25
3.15
3.75
5.15
3.00
2.60
2.40
2.25
2.10
1.85
1.70
1.55
1.40
1.32
1.20
1.05
.97
.86
.80
.73
.65
.60
.54
.51
.47
.41
.37
.33
.28
.27
.21
.20
.20
7.3
2.0
2.65(X2)
6.7 +/- 0.3
XXX
3.0 max
2.0 Ref.
1. Tested @ 10kHz, 0.1Vrms.
2. Inductance drop = 35% at rated I
DC max.
3. Electrical specifications at 25ºC.
4. Operating temperature range:
-40ºC to +85ºC.
5. Meets UL 94V-0.
6. Optional Tolerances: 10%(K), 15%(L),
and 20%(M).
unit= mm
LS6D28 Series
Surface Mount Power Inductors
58
(04/08) LS-12


Numéro de pièce similaire - LS6D28_08

FabricantNo de pièceFiches techniqueDescription
logo
ice Components, Ins.
LS6D28-100-RN ICE-LS6D28-100-RN Datasheet
273Kb / 1P
   Surface Mount Power Inductors
LS6D28-101-RN ICE-LS6D28-101-RN Datasheet
273Kb / 1P
   Surface Mount Power Inductors
LS6D28-120-RN ICE-LS6D28-120-RN Datasheet
273Kb / 1P
   Surface Mount Power Inductors
LS6D28-121-RN ICE-LS6D28-121-RN Datasheet
273Kb / 1P
   Surface Mount Power Inductors
LS6D28-150-RN ICE-LS6D28-150-RN Datasheet
273Kb / 1P
   Surface Mount Power Inductors
More results

Description similaire - LS6D28_08

FabricantNo de pièceFiches techniqueDescription
logo
ice Components, Ins.
LO3316 ICE-LO3316 Datasheet
408Kb / 1P
   Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0 Datasheet
783Kb / 3P
   Surface Mount Power Inductors
logo
Abracon Corporation
ASPI-0804T-1R0M ABRACON-ASPI-0804T-1R0M Datasheet
182Kb / 1P
   SURFACE-MOUNT POWER INDUCTORS
logo
ice Components, Ins.
LS74 ICE-LS74_08 Datasheet
218Kb / 1P
   Surface Mount Power Inductors
LS1608 ICE-LS1608_08 Datasheet
174Kb / 1P
   Surface Mount Power Inductors
LS125 ICE-LS125 Datasheet
567Kb / 1P
   Surface Mount Power Inductors
LS3316 ICE-LS3316 Datasheet
542Kb / 1P
   Surface Mount Power Inductors
LO1608 ICE-LO1608_08 Datasheet
174Kb / 1P
   Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0_08 Datasheet
136Kb / 3P
   Surface Mount Power Inductors
logo
TT Electronics.
HM62-2610 TTELEC-HM62-2610 Datasheet
1Mb / 8P
   Surface Mount Power Inductors
logo
RENCO ELECTRONICS, INC.
RL-6280 RENCO-RL-6280 Datasheet
410Kb / 6P
   SURFACE MOUNT POWER INDUCTORS
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com