Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA2011-0000-000P00G040H Fiches technique(PDF) 4 Page - Cree, Inc

No de pièce CXA2011-0000-000P00G040H
Description  Cree짰 XLamp짰 CXA2011 LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2011-0000-000P00G040H Fiches technique(HTML) 4 Page - Cree, Inc

  CXA2011-0000-000P00G040H Datasheet HTML 1Page - Cree, Inc CXA2011-0000-000P00G040H Datasheet HTML 2Page - Cree, Inc CXA2011-0000-000P00G040H Datasheet HTML 3Page - Cree, Inc CXA2011-0000-000P00G040H Datasheet HTML 4Page - Cree, Inc CXA2011-0000-000P00G040H Datasheet HTML 5Page - Cree, Inc CXA2011-0000-000P00G040H Datasheet HTML 6Page - Cree, Inc CXA2011-0000-000P00G040H Datasheet HTML 7Page - Cree, Inc CXA2011-0000-000P00G040H Datasheet HTML 8Page - Cree, Inc CXA2011-0000-000P00G040H Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
4
XLamp CXa2011 LED
relative sPectral Power distriBution (i
f=270 ma, tJ=85°c)
The following graph represents typical spectral emission of the XLamp CXa2011 LeD.
relative luminous fluX vs. Junction temPerature (i
f=270 ma)
The following graph represents typical performance of the XLamp CXa2011 LeD.
Relative Spectral Power Distribution - White, Hot Binned, Baby
This is native CXA Spectral Data @ 3000K
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
400
450
500
550
600
650
700
750
Wavelength (nm)
3000K CCT
4000K CCT
5000K CCT
Relative Flux Output vs. Junction Temperature (If = 270 mA?)
0%
20%
40%
60%
80%
100%
120%
0
25
50
75
100
125
150
Junction Temperature (ºC)


Numéro de pièce similaire - CXA2011-0000-000P00G040H

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CXA2011-0000-000P00G040H CREE-CXA2011-0000-000P00G040H Datasheet
1Mb / 14P
   Cree XLamp CXA2011 LED
More results

Description similaire - CXA2011-0000-000P00G040H

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CXA2011 CREE-CXA2011 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CMT1925 CREE-CMT1925 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1925 LED
CMA1306 CREE-CMA1306 Datasheet
2Mb / 35P
   Cree짰 XLamp짰 CMA1306 LED
CMT1412 CREE-CMT1412 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1412 LED
CMT1420 CREE-CMT1420 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1420 LED
CXA1507_1211 CREE-CXA1507_1211 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1512 CREE-CXA1512 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CMT2850 CREE-CMT2850 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT2850 LED
CXA1507 CREE-CXA1507 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CMT2870 CREE-CMT2870 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT2870 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com