Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2575R Fiches technique(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

No de pièce LM2575R
Description  1A, 52kHz, Step-Down Switching Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HTC [HTC Korea TAEJIN Technology Co.]
Site Internet  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM2575R Fiches technique(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  LM2575R Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM2575R Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM2575R Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM2575R Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM2575R Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM2575R Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM2575R Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM2575R Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM2575R Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1A, 52kHz, Step-Down Switching Regulator
LM2575
ABSOLUTE MAXIMUM RATINGS
(Absolute Maximum Ratings indicate limits beyond which damage to the device may occur)
Maximum Junction Temperature
TJ
150
Lead Temperature (Soldering,10seconds)
-
260
Minimum ESD Rating(Human Body Model :
-
2.0
kV
C=100 pF, R=1.5㏀)
Storage Temperature Range
Tstg
-60 to +150
Thermal Resistance, Juntion to Case
PθJC
5.0
℃/W
Internally Limited
W
Thermal Resistance, Juntion to Ambient
PθJA
70
℃/W
TO-220 5Lead
PD
Thermal Resistance, Juntion to Ambient
PθJA
Thermal Resistance, Juntion to Case
PθJC
TO-263 5Lead
PD
Power Dissipation
Internally Limited
W
65
℃/W
5.0
℃/W
45
-
- 1.0
V
Rating
Symbol
Value
Unit
HTC
2 −
V
On/Off Pin Input Voltage
-
-0.3V ≤ V ≤ +Vin
V
Output Voltage to Ground (Steady-State)
Maximum Supply Voltage
Vin
Typical Application (Fixed Output Voltage Versions)
Figure 1. Block Diagram and Typical Application
LM2575
1A Load


Numéro de pièce similaire - LM2575R

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
LM2575 MOTOROLA-LM2575 Datasheet
382Kb / 28P
   EASY SWITCHERE??1.0 A STEP-DOWN VOLTAGE REGULATOR
logo
ON Semiconductor
LM2575 ONSEMI-LM2575 Datasheet
461Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575 Datasheet
382Kb / 26P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
May, 2004 ??Rev. 6
LM2575 ONSEMI-LM2575 Datasheet
461Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
logo
Semtech Corporation
LM2575 SEMTECH-LM2575 Datasheet
441Kb / 19P
   1A & 3A Miniconverter Switching Regulators
More results

Description similaire - LM2575R

FabricantNo de pièceFiches techniqueDescription
logo
HTC Korea TAEJIN Techno...
LM2576 HTC-LM2576 Datasheet
928Kb / 14P
   3.0A, 52kHz, Step-Down Switching Regulator
LM2576 HTC-LM2576_11 Datasheet
413Kb / 11P
   3A, 52kHz, Step-Down Switching Regulator
LM2576HV HTC-LM2576HV Datasheet
592Kb / 7P
   3A, 52kHz, Step-down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2576HVS-ADJ TECHPUBLIC-LM2576HVS-ADJ Datasheet
1Mb / 6P
   3A | 52kHz Step-Down Switching Regulator
LM2576HVS-5.0 TECHPUBLIC-LM2576HVS-5.0 Datasheet
1Mb / 6P
   3A | 52kHz Step-Down Switching Regulator
logo
STMicroelectronics
L4976 STMICROELECTRONICS-L4976 Datasheet
100Kb / 11P
   1A STEP DOWN SWITCHING REGULATOR
May 2000
L4976 STMICROELECTRONICS-L4976_07 Datasheet
256Kb / 17P
   1A step down switching regulator
L5981 STMICROELECTRONICS-L5981 Datasheet
823Kb / 37P
   1A step-down switching regulator
logo
List of Unclassifed Man...
GM7110 ETC-GM7110 Datasheet
295Kb / 11P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Linear Technology
LT3682 LINER-LT3682_15 Datasheet
264Kb / 24P
   1A Micropower Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com