Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI-3012KS Fiches technique(PDF) 1 Page - Sanken electric

No de pièce SI-3012KS
Description  Surface-Mount, Low Current Consumption, Low Dropout Voltage
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3012KS Fiches technique(HTML) 1 Page - Sanken electric

  SI-3012KS Datasheet HTML 1Page - Sanken electric SI-3012KS Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
70
ICs
1-1-4 Linear Regulator ICs
■Absolute Maximum Ratings
Unit
V
V
A
W
°C
°C
°C/W
°C/W
Ratings
17
VIN
1.0
0.76
–40 to +125
–40 to +125
130
22
Symbol
VIN*1
VC
IO*1
PD*1, *2
Tj
Tstg
θj-a
θj-L
Parameter
DC Input Voltage
Output Control Terminal Voltage
DC Output Current
Power Dissipation
Junction Temperature
Storage Temperature
Thermal Resistance (Junction to Ambient Air)
Thermal resistance (Junction to Lead (pin 7))
*1: VIN (max) and IO (max) are restricted by the relation PD = (VIN - VO) × IO. Please calculate these values referring to the
Copper laminate area vs. Power dissipation data as shown hereinafter.
*2: When mounted on a glass epoxy board of 1600 mm2 (copper laminate area 2%).
(Ta=25°C)
■Features
• Compact surface-mount package (SOP8)
• Output current: 1.0 A
• Compatible with low ESR capacitor
• Low circuit current at output OFF Iq ≤ 350 µA
(IO = 0 A, VC = 2 V)
• Low current consumption Iq (OFF) ≤ 1 µA (VC
= 0 V)
• Low dropout voltage VDIF ≤ 0.6 V (IO = 1 A)
•3 types of output voltages (2.5 V, 3.3 V, and
variable type) available
• Output ON/OFF control terminal voltage
compatible with LS-TTL
• Built-in drooping-type-overcurrent and thermal
protection circuits
■Applications
• Local power supplies
• Battery-driven electronic equipment
■Electrical Characteristics
(Ta=25°C, Vc=2 V, unless otherwise specified)
*1: Refer to the Dropout Voltage parameter.
*2: The Is1 is specified at the 5% drop point of output voltage VO on the condition that VIN = VO + 1 V, and IO = 10 mA.
*3: Output is OFF when the output control terminal VC is open. Each input level is equivalent to LS-TTL level. Therefore, the device can be driven directly by LS-TTLs.
Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3000KS Series
Unit
V
V
V
mV
mV
µA
µA
mV/
°C
dB
A
V
µA
µA
Parameter
Input Voltage
Output Voltage
(Reference voltage VADJ for SI-3012KS)
Dropout Voltage
Line Regulation
Load Regulation
Quiescent Circuit Current
Circuit Current at Output OFF
Temperature Coefficient of
Output Voltage
Ripple Rejection
Overcurrent Protection
Starting Current*2
Control Voltage (Output ON)*3
Control Voltage (Output OFF)
VC
Control Current (Output ON)
Terminal
Control Current (Output OFF)
Symbol
VIN
VO (VADJ)
Conditions
VDIF
Conditions
Conditions
∆VOLINE
Conditions
∆VOLOAD
Conditions
Iq
Conditions
Iq (OFF)
Conditions
∆VO/∆Ta
Conditions
RREJ
Conditions
IS1
Conditions
VC, IH
VC, IL
IC, IH
Conditions
IC, IL
Conditions
Ratings
SI-3012KS (variable type)
SI-3025KS
SI-3033KS
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
2.4
*1
*1
1.24
1.28
1.32
2.45
2.50
2.55
3.234
3.300
3.366
0.3
0.4
0.4
0.6
0.6
0.6
10
10
15
40
40
50
350
350
350
11
1
±0.3
±0.3
±0.3
55
55
55
1.2
1.2
1.2
2.0
2.0
2.0
0.8
0.8
0.8
40
40
40
–5
0
–5
0
–5
0
VIN=3.3V, IO=10mA
IO=0.5A
IO=1A
VIN=3.3 to 8V, IO=10mA
VIN=3.3V, IO=0 to 1A
VIN=3.3V, IO=0A, VC=2V
VIN=3.3V, VC=0V
Tj=0 to 100
°C
VIN=3.3V, f=100 to 120HZ
VIN=3.3V, IO=10mA
IO=1A (VO=2.5V)
VIN=3.3 to 8V, IO=10mA (VO=2.5V)
VIN=3.3V, IO=0A, VC=2V, R2=24k
VIN=3.3V, IO=0 to 1A (VO=2.5V)
VIN=3.3V, f=100 to 120HZ (VO=2.5V)
Tj=0 to 100
°C (VO=2.5V)
VIN=3.3V, VC=0V
VIN=3.3V (VO=2.5V)
IO=0.5A (VO=2.5V)
VC=0V
VC=2V
VIN=3.3V
VIN=5V, IO=10mA
IO=0.5A
IO=1A
VIN=5 to 10V, IO=10mA
VIN=5V, IO=0 to 1A
VIN=5V, IO=0A, VC=2V
VIN=5V, VC=0V
Tj =0 to 100
°C
VIN=5V, f=100 to 120HZ
VIN=5V


Numéro de pièce similaire - SI-3012KS

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SI-3012KS ETC-SI-3012KS Datasheet
92Kb / 7P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
logo
Allegro MicroSystems
SI-3012KS ALLEGRO-SI-3012KS Datasheet
97Kb / 6P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3012KS SANKEN-SI-3012KS Datasheet
97Kb / 6P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3012KS SANKEN-SI-3012KS Datasheet
56Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results

Description similaire - SI-3012KS

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SI-3050KD SANKEN-SI-3050KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3012KD SANKEN-SI-3012KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3033KD SANKEN-SI-3033KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3000LLSL SANKEN-SI-3000LLSL_11 Datasheet
70Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3018LSA SANKEN-SI-3018LSA Datasheet
53Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3050LSA SANKEN-SI-3050LSA Datasheet
53Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3010KD SANKEN-SI-3010KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3025KS SANKEN-SI-3025KS Datasheet
56Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3033KS SANKEN-SI-3033KS Datasheet
56Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3033LSA SANKEN-SI-3033LSA Datasheet
53Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com