Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BYZ35A47 Fiches technique(PDF) 1 Page - Diotec Semiconductor

No de pièce BYZ35A47
Description  Silicon-Protectifiers with TVS characteristic ??High Temperature Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIOTEC [Diotec Semiconductor]
Site Internet  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BYZ35A47 Fiches technique(HTML) 1 Page - Diotec Semiconductor

  BYZ35A47 Datasheet HTML 1Page - Diotec Semiconductor BYZ35A47 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BYZ35A22 ... BYZ35A47, BYZ35K22 ... BYZ35K47
BYZ35A22 ... BYZ35A47, BYZ35K22 ... BYZ35K47
Silicon-Protectifiers® with TVS characteristic – High Temperature Diodes
Silizium-Schutzgleichrichter mit Begrenzereigenschaft – Hochtemperatur-Dioden
Version 2009-05-04
Dimensions - Maße [mm]
Nominal Current
Nennstrom
35 A
Nominal breakdown voltage
Nominale Abbruchspannung
22 ... 47 V
Metal press-fit case with plastic cover
Metall-Einpressgehäuse mit Plastik-Abdeckung
Weight approx.
Gewicht ca.
10 g
Compound has classification UL94V-0
Vergussmasse nach UL94V-0 klassifiziert
Standard packaging: bulk
Standard Lieferform: lose im Karton
Maximum ratings
Grenzwerte
Type / Typ
Wire to / Draht an
Breakdown voltage
Abbruchspannung
IT = 100 mA
Reverse voltage
Sperrspannung
IR = 5 µA
Max. clamping voltage
Max. Begrenzerspanng.
at / bei Ipp, tp = 1 ms
Anode
Cathode
VBRmin [V]
VBRmax [V]
VR [V]
VC [V]
Ipp [A]
BYZ35A22
BYZ35K22
19.8
24.2
> 17.8
31.9
157
BYZ35A27
BYZ35K27
24.3
29.7
> 21.8
39.1
128
BYZ35A33
BYZ35K33
29.7
36.3
> 26.8
47.7
105
BYZ35A39
BYZ35K39
35.1
42.9
> 31.6
56.4
89
BYZ35A47
BYZ35K47
42.3
51.7
> 38.1
67.8
74
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TC = 150°C
IFAV
35 A
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
72 A 1)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
360/400 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
660 A2s
Operating junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+215°C
-50...+215°C
Max. junction temperature in case of “Load-Dump“
Max. Sperrschichttemperatur bei “Load-Dump“
Tjmax
+280°C
1
Max. case temperature TC = 150°C – Max. Gehäusetemperatur TC = 150°C
© Diotec Semiconductor AG
http://www.diotec.com/
1
Ø 12.75
Ø
±0.1
11
1.3
Ø
±01
13


Numéro de pièce similaire - BYZ35A47

FabricantNo de pièceFiches techniqueDescription
logo
Diotec Semiconductor
BYZ35A47 DIOTEC-BYZ35A47 Datasheet
152Kb / 2P
   Silicon Protectifiers with TVS characteristics High-temperature diodes
BYZ35A47 DIOTEC-BYZ35A47 Datasheet
72Kb / 2P
   Silicon-Protectifiers with TVS characteristic - High Temperature Diodes
BYZ35A47 DIOTEC-BYZ35A47 Datasheet
108Kb / 2P
   High Temperature Diodes
BYZ35A47 DIOTEC-BYZ35A47 Datasheet
147Kb / 2P
   Press-Fit Diodes ??Protectifiers
More results

Description similaire - BYZ35A47

FabricantNo de pièceFiches techniqueDescription
logo
Diotec Semiconductor
BYZ35A22 DIOTEC-BYZ35A22_07 Datasheet
72Kb / 2P
   Silicon-Protectifiers with TVS characteristic - High Temperature Diodes
BYZ50A22 DIOTEC-BYZ50A22_09 Datasheet
118Kb / 2P
   Silicon-Protectifiers with TVS characteristic ??High Temperature Diodes
BYZ50A22 DIOTEC-BYZ50A22_07 Datasheet
72Kb / 2P
   Silicon-Protectifiers with TVS characteristic -High Temperature Diodes
RA32Z39 DIOTEC-RA32Z39 Datasheet
158Kb / 2P
   Silicon Protectifiers with TVS characteristic - Button Diodes
RA32Z39 DIOTEC-RA32Z39_14 Datasheet
229Kb / 2P
   Silicon Protectifiers with TVS characteristic
logo
Semikron International
BYZ35A22 SEMIKRON-BYZ35A22_06 Datasheet
210Kb / 1P
   Silicon Protectifiers with TVS characteristics High-temperature diodes
logo
Diotec Semiconductor
BYZ35A22 DIOTEC-BYZ35A22 Datasheet
152Kb / 2P
   Silicon Protectifiers with TVS characteristics High-temperature diodes
BYZ50A22 DIOTEC-BYZ50A22 Datasheet
163Kb / 2P
   Silicon Protectifiers with TVS characteristics High-temperature diodes
logo
Semikron International
BYZ50A22 SEMIKRON-BYZ50A22_06 Datasheet
210Kb / 1P
   Silicon Protectifiers with TVS characteristics High-temperature diodes
BYZ35A22 SEMIKRON-BYZ35A22 Datasheet
206Kb / 1P
   Silicon Protectifiers with TVS characteristics High-temperature diodes
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com