Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC4467 Fiches technique(PDF) 1 Page - Sanken electric

No de pièce 2SC4467
Description  Silicon NPN Triple Diffused Planar Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SC4467 Fiches technique(HTML) 1 Page - Sanken electric

  2SC4467_01 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
108
Silicon NPN Triple Diffused Planar Transistor (Complement to type 2SA1694)
Application : Audio and General Purpose
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
Ratings
160
120
6
8
3
80(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
fT
COB
Ratings
10max
10max
120min
50min
1.5max
20typ
200typ
Unit
µA
µA
V
V
MHz
pF
Conditions
VCB=160V
VEB=6V
IC=50mA
VCE=4V, IC=3A
IC=3A, IB=0.3A
VCE=12V, IE=–0.5A
VCB=10V, f=1MHz
2SC4467
(Ta=25°C)
(Ta=25°C)
I C– V CE Characteristics (Typical)
h FE– I C Characteristics (Typical)
h FE– I C Temperature Characteristics (Typical)
θj-a–t Characteristics
I C– V BE Temperature Characteristics (Typical)
V CE(sat) – I B Characteristics (Typical)
Pc – T a Derating
Safe Operating Area (Single Pulse)
f T– I E Characteristics (Typical)
0
3
2
1
0
0.1 0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Base Current I B(A)
I C=8A
2A
4A
0
8
6
2
4
0
1.5
1.0
0.5
Base-Emittor Voltage V BE(V)
(V CE=4V)
80
60
40
20
3.5
0
0
2 5
5 0
7 5
100
125
150
Ambient Temperature Ta(˚C)
Without Heatsink
10
50
5
100
200
0.1
1
0.5
10
20
5
Collector-Emitter Voltage V CE(V)
Without Heatsink
Natural Cooling
DC
100ms
10ms
0.02
0.1
0.5
1
5
8
20
50
100
200
Collector Current I C(A)
(V CE=4V)
Typ
0
0
2
4
6
8
2
13
4
Collector-Emitter Voltage V CE(V)
100mA
150mA
75mA
50mA
20mA
I B=10mA
(V CE=4V)
0.02
0.5
5
8
1
20
50
200
100
0.1
Collector Current I C(A)
125˚C
25˚C
–30˚C
–0.02
–0.1
–1
–8
0
10
20
40
30
(V CE=12V)
Emitter Current I E(A)
Typ
0.3
1
3
0.5
1
1 0
100
1000
Time t(ms)
sTypical Switching Characteristics (Common Emitter)
VCC
(V)
40
RL
(
Ω)
10
IC
(A)
4
VBB2
(V)
–5
IB2
(A)
–0.4
ton
(
µs)
0.13typ
tstg
(
µs)
3.50typ
tf
(
µs)
0.32typ
IB1
(A)
0.4
VBB1
(V)
10
External Dimensions MT-100(TO3P)
15.6±0.4
9.6
ø3.2±0.1
2
3
1.05
+0.2
-0.1
BE
5.45±0.1
5.45±0.1
C
4.8±0.2
0.65
+0.2
-0.1
1.4
2.0±0.1
a
b
Weight : Approx 6.0g
a. Part No.
b. Lot No.
∗hFE Rank O(50to100), P(70to140), Y(90to180)


Numéro de pièce similaire - 2SC4467_01

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
2SC4467G-O-T3N-T UTC-2SC4467G-O-T3N-T Datasheet
174Kb / 4P
   SILICON NPN TRIPLE DIFFUSED PLANAR TRANSISTOR
2SC4467G-P-T3N-T UTC-2SC4467G-P-T3N-T Datasheet
174Kb / 4P
   SILICON NPN TRIPLE DIFFUSED PLANAR TRANSISTOR
2SC4467G-P-T3P-T UTC-2SC4467G-P-T3P-T Datasheet
174Kb / 4P
   SILICON NPN TRIPLE DIFFUSED PLANAR TRANSISTOR
2SC4467G-X-T3N-T UTC-2SC4467G-X-T3N-T Datasheet
169Kb / 4P
   SILICON NPN TRIPLE DIFFUSED PLANAR TRANSISTOR
2SC4467G-X-T3P-T UTC-2SC4467G-X-T3P-T Datasheet
169Kb / 4P
   SILICON NPN TRIPLE DIFFUSED PLANAR TRANSISTOR
More results

Description similaire - 2SC4467_01

FabricantNo de pièceFiches techniqueDescription
logo
Wing Shing Computer Com...
2SD1555 WINGS-2SD1555 Datasheet
29Kb / 1P
   NPN TRIPLE DIFFUSED(PLANAR SILICON TRANSISTOR)
logo
Fairchild Semiconductor
FJAF6810D FAIRCHILD-FJAF6810D Datasheet
77Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
FJAF6910 FAIRCHILD-FJAF6910 Datasheet
109Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
FJL6825 FAIRCHILD-FJL6825 Datasheet
107Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
KSD5072 FAIRCHILD-KSD5072 Datasheet
95Kb / 4P
   NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
logo
List of Unclassifed Man...
2SC2621 ETC1-2SC2621 Datasheet
299Kb / 8P
   NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5338D FAIRCHILD-KSC5338D_10 Datasheet
394Kb / 8P
   NPN Triple Diffused Planar Silicon Transistor
logo
Sanken electric
2SC3835 SANKEN-2SC3835_07 Datasheet
33Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
2SC3858 SANKEN-2SC3858_07 Datasheet
34Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
2SC3927 SANKEN-2SC3927_07 Datasheet
34Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
2SC4140 SANKEN-2SC4140_01 Datasheet
33Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com