Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PQ3RD13 Fiches technique(PDF) 2 Page - Sharp Corporation

No de pièce PQ3RD13
Description  3.3V Output, High Cost Performance Low Power-Loss Voltage Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHARP [Sharp Corporation]
Site Internet  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ3RD13 Fiches technique(HTML) 2 Page - Sharp Corporation

  PQ3RD13 Datasheet HTML 1Page - Sharp Corporation PQ3RD13 Datasheet HTML 2Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PQ3RD13
Low Power-Loss Voltage Regulator
Tec.PW960301
(Ta=25˚C)
Parameter
Symbol
Rating
Unit
*1 Input voltage
Vin
20
V
*1 ON/OFF control terminal voltage
Vc
20
V
Output current
Io
1A
*2 Power dissipation
Pd1
1.4
W
Pd2
15
W
*3 Junction temperature
Tj
150
˚C
Operating temperature
Topr
−20 to +80
˚C
Storage temperature
Tstg
−40 to +150
˚C
Soldering temperature
Tsol
260(For 10s)
˚C
(Ta=25˚C)
Parameter
Symbol
Conditions
MIN.
TYP.
MIN.
Unit
Input voltage
Vin
3.7
20
V
Output voltage
Vo
3.201
3.3
3.399
V
Load regulation
RegL
Io=5mA to 1A
0.1
2
%
Line regulation
RegI
Vin=4 to 10V, Io=5mA
Vin=3.7V
0.1
2.5
%
Temperature coefficient of output voltage
TcVo
Tj=0 to 125˚C, Io=5mA
±0.02
%/˚C
Ripple rejection
RR
45
55
dB
Dropout voltage
Vi-o
−−
0.5
V
*4 ON-state voltage for control
Vc(on)
2.0
V
ON-state current for control
Ic(on)
Vc=2.7V
−−
20
µA
OFF-state voltage for control
Vc(off)
−−
0.8
V
OFF-state current for control
Ic(off)
Vc=0.4V
−−
−0.4
mA
Quiescent current
Iq
Io=0A
−−
10
mA
Absolute Maximum Ratings
*1 All are open except GND and applicable terminals.
*2 Pd1: No heat sink, Pd2: With infinite heat sink
*3 Overheat protection may operate at 125<=Tj<=150˚C.
Electrical Characteristics
*4 In case of opening control terminal 4 , output voltage turns on.
As of March 1996
(Unless otherwise specified, Vin=5V, Io=0.5A.)


Numéro de pièce similaire - PQ3RD13

FabricantNo de pièceFiches techniqueDescription
logo
Sharp Corporation
PQ3RD13 SHARP-PQ3RD13 Datasheet
67Kb / 6P
   1A Output, General Purpose Low Power-loss Voltage Regulators
More results

Description similaire - PQ3RD13

FabricantNo de pièceFiches techniqueDescription
logo
Sharp Corporation
PQ5RS1 SHARP-PQ5RS1 Datasheet
13Kb / 1P
   0.15A Output, High Cost Performance Type Low Power-Loss Voltage Regulator
PQ3RF43 SHARP-PQ3RF43 Datasheet
30Kb / 4P
   3.3V/4.6V Output Low Power-Loss Voltage Regulator
PQ3DF53 SHARP-PQ3DF53 Datasheet
31Kb / 4P
   3.3V Output, High Output Current (5A) Type Low Power-loss Voltage Regulator
PQ30RV31 SHARP-PQ30RV31_01 Datasheet
56Kb / 5P
   Variable Output Low Power-Loss Voltage Regulator
PQ05RD08 SHARP-PQ05RD08 Datasheet
100Kb / 8P
   0.8A OUTPUT LOW POWER LOSS VOLTAGE REGULATOR
PQ30RV31 SHARP-PQ30RV31 Datasheet
34Kb / 4P
   Variable Output Low Power-Loss Voltage Regulator
PQ6RD083 SHARP-PQ6RD083 Datasheet
20Kb / 2P
   High Cost Performance Type Low Power-Loss Voltage Regulator for Power Supply of CRT Display Heater
logo
Unisonic Technologies
R33LD20 UTC-R33LD20 Datasheet
383Kb / 11P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
UR1220 UTC-UR1220 Datasheet
283Kb / 6P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
Sharp Corporation
PQ05RD21 SHARP-PQ05RD21_01 Datasheet
70Kb / 7P
   2.0A Output Type Low Power-Loss Voltage Regulator
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com