Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL59911IRZ Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce ISL59911IRZ
Description  250MHz Triple Differential Receiver/ Equalizer with I2C Interface
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59911IRZ Fiches technique(HTML) 1 Page - Intersil Corporation

  ISL59911IRZ Datasheet HTML 1Page - Intersil Corporation ISL59911IRZ Datasheet HTML 2Page - Intersil Corporation ISL59911IRZ Datasheet HTML 3Page - Intersil Corporation ISL59911IRZ Datasheet HTML 4Page - Intersil Corporation ISL59911IRZ Datasheet HTML 5Page - Intersil Corporation ISL59911IRZ Datasheet HTML 6Page - Intersil Corporation ISL59911IRZ Datasheet HTML 7Page - Intersil Corporation ISL59911IRZ Datasheet HTML 8Page - Intersil Corporation ISL59911IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
250MHz Triple Differential Receiver/ Equalizer with I2C
Interface
ISL59911
The ISL59911 is a triple channel differential receiver and
equalizer optimized for RGB and YPbPr video signals. It
contains three high speed differential receivers with
programmable frequency compensation. The ISL59911
features manual or automatic offset calibration and ±4dB of
gain adjustment range with a resolution of 0.1dB.
The ISL59911 has a bandwidth of 250MHz and consumes only
110mA from a ±5V supply in normal operation.
When deasserted, the ENABLE pin puts the amplifiers into a
low power, high impedance state, minimizing power when not
needed and also allowing multiple devices to be connected in
parallel, allowing two or more ISL59911 devices to function as
a multiplexer.
The ISL59911 can also directly decode the sync signals
encoded onto the common modes of three pairs of Cat 5 cable
(by an ISL59311, EL4543, or similar device) or it can output
the actual common mode voltages for each of the three
channels.
The ISL59911 is available in a 32 Ld QFN package and is
specified for operation over the full -40°C to +85°C
temperature range.
Features
• 250MHz -3dB bandwidth
• 5 Adjustable EQ bands: 100MHz, 20MHz, 6MHz, 1MHz, and
200kHz
• 3rd-order lowpass filter at output with programmable corner
• ±4dB fine gain control with 0.1dB (7-bit) resolution
• Offset calibration minimizes output offset voltage
• Decodes HSYNC and VSYNC signals embedded in common
mode
•I2C interface with four unique addresses
• ±5V supplies @ 110mA
• 32 Ld 5mm x 6mm QFN package
Applications
• KVM monitor extension
• Digital signage
• General-purpose twisted-pair receiving and equalization
• High-resolution security video
TWISTED-PAIR RGB VIDEO RECEIVER
74HC04 or
SIMILAR
TERMINATION
NETWORK
RIN-
RIN+
ISL59911
50
50
50
1k
0.1µF
GIN+
GIN-
BIN+
BIN-
SCL
SDA
SYSTEM
MICRO-
CONTROLLER
I2C INTERFACE
ISL59311
OR
EL4543
TRIPLE
DIFFERENTIAL
VIDEO
DRIVER
RP
RP
ADDR0
ADDR1
ROUT
GOUT
BOUT
HSOUT/RCM
VSOUT/GCM
BCM
NC
RREF
GREF
BREF
TERMINATION
NETWORK
TERMINATION
NETWORK
UP TO 300m OF
CAT X CABLE
+5V
ENABLE
-5V
+5V
CBYPASS
*
x3
CBYPASS
*
x3
V+
V- and
THERMAL
PAD
GND
+5V
75 x3
ISL59920
ISL59921
ISL59922
or
ISL59923
VIDEO
DELAY
LINE
FIGURE 1. TYPICAL APPLICATION CIRCUIT
*See “Power Supply Bypassing” on
page 10 for more information.
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2011. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
September 2, 2011
FN7548.0


Numéro de pièce similaire - ISL59911IRZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL59911IRZ INTERSIL-ISL59911IRZ Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
September 2, 2011
logo
Renesas Technology Corp
ISL59911IRZ RENESAS-ISL59911IRZ Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
logo
Intersil Corporation
ISL59911IRZ-EVALZ INTERSIL-ISL59911IRZ-EVALZ Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
September 2, 2011
logo
Renesas Technology Corp
ISL59911IRZ-EVALZ RENESAS-ISL59911IRZ-EVALZ Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
More results

Description similaire - ISL59911IRZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL59911IRZ INTERSIL-ISL59911IRZ Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
September 2, 2011
logo
Renesas Technology Corp
ISL59911 RENESAS-ISL59911 Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
logo
Intersil Corporation
ISL59910IRZ INTERSIL-ISL59910IRZ Datasheet
485Kb / 12P
   Triple Differential Receiver/Equalizer
December 15, 2006
logo
Renesas Technology Corp
ISL59910 RENESAS-ISL59910 Datasheet
819Kb / 12P
   Triple Differential Receiver/Equalizer
logo
Intersil Corporation
EL9111 INTERSIL-EL9111 Datasheet
800Kb / 12P
   Triple Differential Receiver/Equalizer
EL9111 INTERSIL-EL9111_06 Datasheet
573Kb / 13P
   Triple Differential Receiver/Equalizer
EL9111 INTERSIL-EL9111_07 Datasheet
576Kb / 13P
   Triple Differential Receiver/Equalizer
logo
Renesas Technology Corp
EL9111 RENESAS-EL9111 Datasheet
1Mb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
logo
Intersil Corporation
ISL59910 INTERSIL-ISL59910 Datasheet
481Kb / 12P
   Triple Differential Receiver/Equalizer
EL9111IL INTERSIL-EL9111IL Datasheet
579Kb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com