Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL32614EFHZ-T Fiches technique(PDF) 7 Page - Intersil Corporation

No de pièce ISL32614EFHZ-T
Description  짹16.5kV ESD Protected, 125째C, 1.8V to 3.6V, Low Power, SOT-23, RS-485/RS-422 Transmitters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32614EFHZ-T Fiches technique(HTML) 7 Page - Intersil Corporation

Back Button ISL32614EFHZ-T Datasheet HTML 3Page - Intersil Corporation ISL32614EFHZ-T Datasheet HTML 4Page - Intersil Corporation ISL32614EFHZ-T Datasheet HTML 5Page - Intersil Corporation ISL32614EFHZ-T Datasheet HTML 6Page - Intersil Corporation ISL32614EFHZ-T Datasheet HTML 7Page - Intersil Corporation ISL32614EFHZ-T Datasheet HTML 8Page - Intersil Corporation ISL32614EFHZ-T Datasheet HTML 9Page - Intersil Corporation ISL32614EFHZ-T Datasheet HTML 10Page - Intersil Corporation ISL32614EFHZ-T Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ISL32613E, ISL32614E
7
FN7906.0
August 30, 2011
Application Information
Driver Features
These transmitters are differential output devices that operate
with VCC as low as 1.8V, and up to 3.6V. Devices are RS-485
compliant with VCC ≥ 3V, but significant power savings are
obtained by operating at VCC = 1.8V.
The transmitter outputs are tri-statable via the active high DE
input. If the Tx enable function is not needed, tie DE to VCC
through a 1kΩ to 2kΩ resistor. Outputs are slew rate limited to
minimize EMI, and to reduce reflections in unterminated or
improperly terminated networks.
1.8V Operation
The ISL32613E and ISL32614E operate with VCC as low as 1.8V.
When coupled with the ISL32610E or ISL32611E 1.8V receivers,
they provide a differential communication link optimized for very
low power, and for slow data rates. Figures 7 and 8 illustrate the
static and dynamic power savings from using these transmitters
at low supply voltages. With VCC = 1.8V rather than 3.3V, using
the ISL32613E at 128kbps reduces the operating supply current
from 9.9mA to 56µA (a factor of 177)!
5.5V Tolerant Logic Pins
Logic input pins (DI, DE) contain no ESD or parasitic diodes to
VCC, so they withstand input voltages exceeding 5.5V, regardless
of the VCC voltage.
Hot Plug Function
When a piece of equipment powers up, there is a period of time
during which the processor or ASIC driving the RS-485 control
line (DE) is unable to ensure that the RS-485 Tx outputs are kept
disabled. If the equipment is connected to the bus, a driver
activating prematurely during power-up may crash the bus. To
avoid this scenario, these transmitters incorporate a “Hot Plug”
function. During power-up, circuitry monitoring VCC ensures that the
Tx outputs remain disabled for a period of time, regardless of the
state of DE. This gives the processor/ASIC a chance to stabilize and
drive the control lines to the proper states.
ESD Protection
All pins on these devices include class 3 (8kV) Human Body
Model (HBM) ESD protection structures, but the driver outputs
incorporate advanced structures that allow them to survive ESD
events in excess of ±16.5kV HBM and ±7kV to the IEC61000
contact test method. The RS-485 pins are particularly
vulnerable to ESD damage because they typically connect to an
exposed port on the exterior of the finished product. Simply
touching the port pins, or connecting a cable, can cause an ESD
event that might destroy unprotected ICs. These new ESD
structures protect the device whether it is powered up or not,
and without degrading the common mode range. This built-in
ESD protection eliminates the need for board-level protection
structures (e.g., transient suppression diodes) and the
associated, undesirable capacitive load they present.
Driver Overload Protection
The driver output stages incorporate short-circuit, current-limiting
circuitry, which ensures that the output current never exceeds the
RS-485 specification over a ±2V (-7V to +12V for VCC ≥ 2.7V)
common mode voltage range.
In the event of a major short-circuit condition, the device also
includes a thermal shutdown feature that disables the drivers
whenever the die temperature becomes excessive. This eliminates
power dissipation, allowing the die to cool. The drivers
automatically re-enable after the die temperature drops by about
+20°C. If the condition persists, the thermal shutdown/re-enable
cycle repeats until the fault is cleared.
Low Power Shutdown Mode
This BiCMOS transmitter uses a fraction of the power required by
its bipolar counterparts, but it also includes a shutdown feature
that reduces the already low quiescent ICC to a 10nA trickle. This
device enters shutdown whenever the driver disables (DE = GND).


Numéro de pièce similaire - ISL32614EFHZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL32614EFHZ-T RENESAS-ISL32614EFHZ-T Datasheet
687Kb / 12P
   ±16.5kV ESD Protected, 125°C, 1.8V to 3.6V, Low Power, SOT-23,
Sep 27, 2019
ISL32614EFHZ-T7A RENESAS-ISL32614EFHZ-T7A Datasheet
687Kb / 12P
   ±16.5kV ESD Protected, 125°C, 1.8V to 3.6V, Low Power, SOT-23,
Sep 27, 2019
More results

Description similaire - ISL32614EFHZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
logo
Renesas Technology Corp
ISL32610E RENESAS-ISL32610E Datasheet
791Kb / 12P
   짹16.5kV ESD Protected, 1.8V, Micro Power, 125째C, 1/8 Unit Load, RS-485/RS- 422 Differential Receivers
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Integrated Device Techn...
ISL3283EFHZ-T IDT-ISL3283EFHZ-T Datasheet
605Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Intersil Corporation
ISL32172E INTERSIL-ISL32172E Datasheet
1Mb / 20P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Maxim Integrated Produc...
MAX3040 MAXIM-MAX3040 Datasheet
262Kb / 15P
   짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
Rev 1; 12/01
logo
STMicroelectronics
ST485E STMICROELECTRONICS-ST485E Datasheet
265Kb / 13P
   짹5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
ST485E STMICROELECTRONICS-ST485E_07 Datasheet
305Kb / 19P
   짹15KV ESD protected, low power RS-485/RS-422 transceiver
8339 STMICROELECTRONICS-8339 Datasheet
303Kb / 13P
   짹15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com