Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL32614EFHZ-T Fiches technique(PDF) 5 Page - Intersil Corporation

No de pièce ISL32614EFHZ-T
Description  짹16.5kV ESD Protected, 125째C, 1.8V to 3.6V, Low Power, SOT-23, RS-485/RS-422 Transmitters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32614EFHZ-T Fiches technique(HTML) 5 Page - Intersil Corporation

  ISL32614EFHZ-T Datasheet HTML 1Page - Intersil Corporation ISL32614EFHZ-T Datasheet HTML 2Page - Intersil Corporation ISL32614EFHZ-T Datasheet HTML 3Page - Intersil Corporation ISL32614EFHZ-T Datasheet HTML 4Page - Intersil Corporation ISL32614EFHZ-T Datasheet HTML 5Page - Intersil Corporation ISL32614EFHZ-T Datasheet HTML 6Page - Intersil Corporation ISL32614EFHZ-T Datasheet HTML 7Page - Intersil Corporation ISL32614EFHZ-T Datasheet HTML 8Page - Intersil Corporation ISL32614EFHZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ISL32613E, ISL32614E
5
FN7906.0
August 30, 2011
SUPPLY CURRENT
No-Load Supply Current
ICC
DE = VCC = 1.8V, DI = 0V or VCC
Full
-
20
80
µA
DE = VCC, 2.7V ≤ VCC ≤ 3.6V, DI = 0V or VCC
Full
-
100
150
µA
Shutdown Supply Current
ISHDN
1.8V ≤ VCC ≤ 3.6V, DE = 0V, DI = 0V or VCC
Full
-
0.01
2
µA
ESD PERFORMANCE
RS-485 Pins (Y, Z)
Human Body Model, from bus pins to GND
25
-
±16.5
-
kV
IEC61000 Contact, from bus pins to GND
25
-
±7
-
kV
All Pins
HBM, per MIL-STD-883 Method 3015
25
-
±8
-
kV
Machine Model
25
-
±400
-
V
DRIVER SWITCHING CHARACTERISTICS (ISL32613E, 128kbps Version)
Maximum Data Rate
fMAX
VCC = 1.8V
Full
128
-
-
kbps
3V ≤ VCC ≤ 3.6V
Full
256
-
-
kbps
Driver Differential Output Delay
tDD
CD = 50pF (Figure 3)
VCC = 1.8V
Full
-
1700
2600
ns
3V ≤ VCC ≤ 3.6V
Full
-
1100
1500
ns
Driver Differential Output Skew
tDSK
CD = 50pF (Figure 3)
VCC = 1.8V
Full
-
30
200
ns
3V ≤ VCC ≤ 3.6V
Full
-
2
30
ns
Driver Differential Rise or Fall Time
tR, tF
CD = 50pF (Figure 3)
VCC = 1.8V
Full
-
1600
2600
ns
3V ≤ VCC ≤ 3.6V
Full
400
960
1500
ns
Driver Enable to Output High
tZH
RL = 500Ω, CL = 50pF, SW = GND (Figure 4)
Full
-
460
800
ns
Driver Enable to Output Low
tZL
RL = 500Ω, CL = 50pF, SW = VCC (Figure 4)
Full
-
460
800
ns
Driver Disable from Output High
tHZ
RL = 500Ω, CL = 50pF, SW = GND (Figure 4)
Full
-
60
250
ns
Driver Disable from Output Low
tLZ
RL = 500Ω, CL = 50pF, SW = VCC (Figure 4)
Full
-
60
250
ns
DRIVER SWITCHING CHARACTERISTICS (ISL32614E, 256kbps Version)
Maximum Data Rate
fMAX
RD = ∞, CD = 50pF
VCC = 1.8V
Full
256
-
-
kbps
3V ≤ VCC ≤ 3.6V
Full
500
-
-
kbps
Driver Differential Output Delay
tDD
RD = ∞, CD = 50pF
(Figure 3)
VCC = 1.8V
Full
-
700
2000
ns
3V ≤ VCC ≤ 3.6V
Full
-
350
500
ns
Driver Differential Output Skew
tDSK
RD = ∞, CD = 50pF
(Figure 3)
VCC = 1.8V
Full
-
30
200
ns
3V ≤ VCC ≤ 3.6V
Full
-
2
30
ns
Driver Differential Rise or Fall Time
tR, tF
RD = ∞, CD = 50pF
(Figure 3)
VCC = 1.8V
Full
-
1700
2600
ns
3V ≤ VCC ≤ 3.6V
Full
200
350
800
ns
Driver Enable to Output High
tZH
RL = 500Ω, CL = 50pF, SW = GND (Figure 4)
Full
-
460
800
ns
Driver Enable to Output Low
tZL
RL = 500Ω, CL = 50pF, SW = VCC (Figure 4)
Full
-
460
800
ns
Driver Disable from Output High
tHZ
RL = 500Ω, CL = 50pF, SW = GND (Figure 4)
Full
-
60
250
ns
Driver Disable from Output Low
tLZ
RL = 500Ω, CL = 50pF, SW = VCC (Figure 4)
Full
-
60
250
ns
NOTES:
7. All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground unless otherwise specified.
8. Applies to peak current. See “Typical Performance Curves” on page 8 for more information.
9. If the Driver Enable function is not needed, connect DE to VCC through a 1kΩ to 2kΩ resistor.
10. Compliance to data sheet limits is assured by one or more methods: production test, characterization and/or design.
Electrical Specifications VCC = 1.8V; typicals are at TA = +25°C; unless otherwise specified. Boldface limits apply over the operating
temperature range, -40°C to +125°C. (Note 7)
(Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 10)
TYP
MAX
(Note 10) UNITS


Numéro de pièce similaire - ISL32614EFHZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL32614EFHZ-T RENESAS-ISL32614EFHZ-T Datasheet
687Kb / 12P
   ±16.5kV ESD Protected, 125°C, 1.8V to 3.6V, Low Power, SOT-23,
Sep 27, 2019
ISL32614EFHZ-T7A RENESAS-ISL32614EFHZ-T7A Datasheet
687Kb / 12P
   ±16.5kV ESD Protected, 125°C, 1.8V to 3.6V, Low Power, SOT-23,
Sep 27, 2019
More results

Description similaire - ISL32614EFHZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
logo
Renesas Technology Corp
ISL32610E RENESAS-ISL32610E Datasheet
791Kb / 12P
   짹16.5kV ESD Protected, 1.8V, Micro Power, 125째C, 1/8 Unit Load, RS-485/RS- 422 Differential Receivers
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Integrated Device Techn...
ISL3283EFHZ-T IDT-ISL3283EFHZ-T Datasheet
605Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Intersil Corporation
ISL32172E INTERSIL-ISL32172E Datasheet
1Mb / 20P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Maxim Integrated Produc...
MAX3040 MAXIM-MAX3040 Datasheet
262Kb / 15P
   짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
Rev 1; 12/01
logo
STMicroelectronics
ST485E STMICROELECTRONICS-ST485E Datasheet
265Kb / 13P
   짹5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
ST485E STMICROELECTRONICS-ST485E_07 Datasheet
305Kb / 19P
   짹15KV ESD protected, low power RS-485/RS-422 transceiver
8339 STMICROELECTRONICS-8339 Datasheet
303Kb / 13P
   짹15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com