Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL23318WFUZ Fiches technique(PDF) 11 Page - Intersil Corporation

No de pièce ISL23318WFUZ
Description  Single, 128-taps Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23318WFUZ Fiches technique(HTML) 11 Page - Intersil Corporation

Back Button ISL23318WFUZ Datasheet HTML 7Page - Intersil Corporation ISL23318WFUZ Datasheet HTML 8Page - Intersil Corporation ISL23318WFUZ Datasheet HTML 9Page - Intersil Corporation ISL23318WFUZ Datasheet HTML 10Page - Intersil Corporation ISL23318WFUZ Datasheet HTML 11Page - Intersil Corporation ISL23318WFUZ Datasheet HTML 12Page - Intersil Corporation ISL23318WFUZ Datasheet HTML 13Page - Intersil Corporation ISL23318WFUZ Datasheet HTML 14Page - Intersil Corporation ISL23318WFUZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ISL23318
11
FN7887.0
July 26, 2011
FIGURE 11. 10k WIPER RESISTANCE vs TAP POSITION, VCC = 5V
FIGURE 12. 50k WIPER RESISTANCE vs TAP POSITION, VCC = 5V
FIGURE 13. 10k TCv vs TAP POSITION
FIGURE 14. 50k TCv vs TAP POSITION
FIGURE 15. 10k TCr vs TAP POSITION
FIGURE 16. 50k TCr vs TAP POSITION
Typical Performance Curves (Continued)
0
10
20
30
40
50
60
0
16
32
486480
96
112
128
TAP POSITION (DECIMAL)
+125°C
-40°C
+25°C
0
10
20
30
40
50
0
16
3248648096
112
128
TAP POSITION (DECIMAL)
+125°C
-40°C
+25°C
0
20
40
60
80
100
120
140
16
32
48
64
80
96
112
128
TAP POSITION (DECIMAL)
0
5
10
15
20
25
30
16
32
48
64
80
96
112
128
TAP POSITION (DECIMAL)
0
50
100
150
200
250
300
350
16
32
48
64
80
96
112
128
TAP POSITION (DECIMAL)
0
25
50
75
100
16
32
48
64
80
96
112
128
TAP POSITION (DECIMAL)


Numéro de pièce similaire - ISL23318WFUZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL23318WFUZ INTERSIL-ISL23318WFUZ Datasheet
725Kb / 19P
   Single, 128-taps Low Voltage Digitally Controlled Potentiometer (XDCP??
July 26, 2011
logo
Renesas Technology Corp
ISL23318WFUZ RENESAS-ISL23318WFUZ Datasheet
1,010Kb / 19P
   Single, 128-taps Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

Description similaire - ISL23318WFUZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL23318 RENESAS-ISL23318 Datasheet
1,010Kb / 19P
   Single, 128-taps Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23318TFUZ INTERSIL-ISL23318TFUZ Datasheet
725Kb / 19P
   Single, 128-taps Low Voltage Digitally Controlled Potentiometer (XDCP??
July 26, 2011
logo
Renesas Technology Corp
ISL23418 RENESAS-ISL23418 Datasheet
1Mb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23418 INTERSIL-ISL23418 Datasheet
927Kb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL22316 RENESAS-ISL22316 Datasheet
934Kb / 16P
   Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
ISL90726 RENESAS-ISL90726 Datasheet
441Kb / 8P
   Single Volatile 128-Tap XDCP??Digitally Controlled Potentiometer (XDCP)
ISL22316WM RENESAS-ISL22316WM Datasheet
206Kb / 3P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power I2C Bus, 128 Taps
November 11, 2011
ISL90727 RENESAS-ISL90727 Datasheet
436Kb / 8P
   Single Volatile 128-Tap XDCP??Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
ISL23315 INTERSIL-ISL23315 Datasheet
834Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL22317 RENESAS-ISL22317 Datasheet
848Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com