Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AME15-3.3SMAZ Fiches technique(PDF) 4 Page - AIMTEC

No de pièce AME15-3.3SMAZ
Description  15 Watt | AC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AME15-3.3SMAZ Fiches technique(HTML) 4 Page - AIMTEC

  AME15-3.3SMAZ Datasheet HTML 1Page - AIMTEC AME15-3.3SMAZ Datasheet HTML 2Page - AIMTEC AME15-3.3SMAZ Datasheet HTML 3Page - AIMTEC AME15-3.3SMAZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Series AME15-MAZ
15 Watt | AC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.H
4 of 4
North America only
Derating
-40 -20
020
40
60
80
100
100
80
60
40
20
0
Free Air Convection
55 º C
Safe Operating Area
Ambient Temperature º C
85
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer
controlled by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary
based on the date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C,
humidity<75%, nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all
internal components and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for
release.
6. This product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications
which necessitate specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at
www.aimtec.com.


Numéro de pièce similaire - AME15-3.3SMAZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AME15-3.3SMAZ AIMTEC-AME15-3.3SMAZ Datasheet
156Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
AME15-3.3SMAZ AIMTEC-AME15-3.3SMAZ Datasheet
298Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
AME15-3.3SMAZ AIMTEC-AME15-3.3SMAZ Datasheet
298Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
More results

Description similaire - AME15-3.3SMAZ

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SVM12SB ETC2-SVM12SB Datasheet
649Kb / 4P
   15 WATT AC-DC CONVERTER
logo
ETA-USA
VTM-WA ETA-USA-VTM-WA Datasheet
625Kb / 4P
   15 WATT AC-DC CONVERTER
SVM-SA ETA-USA-SVM-SA Datasheet
630Kb / 4P
   15 WATT AC-DC CONVERTER
logo
AIMTEC
AMEC15-MAZ AIMTEC-AMEC15-MAZ Datasheet
585Kb / 5P
   15 Watt | AC-DC Converter
logo
ETA-USA
MRM-SA ETA-USA-MRM-SA Datasheet
489Kb / 4P
   15 WATT AC-DC CONVERTER
BNME-SA ETA-USA-BNME-SA Datasheet
263Kb / 2P
   15 WATT AC-DC CONVERTER
BWM-SA ETA-USA-BWM-SA Datasheet
395Kb / 3P
   15 WATT AC-DC CONVERTER
SVM-SB ETA-USA-SVM-SB Datasheet
649Kb / 4P
   15 WATT AC-DC CONVERTER
ERM-00A ETA-USA-ERM-00A Datasheet
587Kb / 4P
   15 WATT AC/DC CONVERTER
logo
AIMTEC
AMES15-MAZ AIMTEC-AMES15-MAZ Datasheet
349Kb / 5P
   15 Watt | AC-DC Converter
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com