Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM1L-0509S-FZ Fiches technique(PDF) 4 Page - AIMTEC

No de pièce AM1L-0509S-FZ
Description  1 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1L-0509S-FZ Fiches technique(HTML) 4 Page - AIMTEC

  AM1L-0509S-FZ Datasheet HTML 1Page - AIMTEC AM1L-0509S-FZ Datasheet HTML 2Page - AIMTEC AM1L-0509S-FZ Datasheet HTML 3Page - AIMTEC AM1L-0509S-FZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Series AM1L-FZ
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.A
4 of 4
North America only
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change
without notice. Once printed or downloaded, datasheets are no longer controlled by Aimtec; refer
to www.aimtec.com for the most current product specifications.
2. Product labels shown, including
safety agency certifications on labels, may vary based on the date manufactured.
3. Mechanical
drawings and specifications are for reference only.
4. All specifications are measured at an
ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load unless
otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on
all internal components and chemicals at the time of publishing this document. CAS numbers and
other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous
environments, nuclear control systems or other such applications which necessitate specific safety
and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with
Aimtec’s standard Terms of Sale available at www.aimtec.com.
8.40
(0.33)
Top View
Front View
Side View
1.50
(0.06)
12.80
(0.50)
0.50
(0.02)
2.54
(0.10)
Single 1000Vdc Isolation
1
7.62
(0.30)
11.20
(0.44)
2.05
(0.08)
5.10
(0.20)
0.25
(0.01)
7.62
(0.30)
0º~10º angle
8.40
(0.33)
7.62
(0.30)
Top View
Front View
Side View
1.50
(0.06)
15.20
(0.60)
0.50
(0.02)
2.54
(0.10)
All other models
1
7.62
(0.30)
11.20
(0.44)
2.05
(0.08)
5.10
(0.20)
0.25
(0.01)
0º~10º angle
7.40
(0.29)


Numéro de pièce similaire - AM1L-0509S-FZ

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AM1L-0509S-N ETC-AM1L-0509S-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
AIMTEC
AM1L-0509S-N AIMTEC-AM1L-0509S-N Datasheet
367Kb / 4P
   0.5 watt dc-dc converters
AM1L-0509S-N AIMTEC-AM1L-0509S-N Datasheet
371Kb / 4P
   0.25 watt dc-dc converters
AM1L-0509S-N AIMTEC-AM1L-0509S-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
AM1L-0509S-NZ AIMTEC-AM1L-0509S-NZ Datasheet
354Kb / 6P
   1 Watt | DC-DC Converter
More results

Description similaire - AM1L-0509S-FZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com