Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL431AU Fiches technique(PDF) 2 Page - Micro Commercial Components

No de pièce TL431AU
Description  Programmable Precision Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

TL431AU Fiches technique(HTML) 2 Page - Micro Commercial Components

  TL431AU Datasheet HTML 1Page - Micro Commercial Components TL431AU Datasheet HTML 2Page - Micro Commercial Components TL431AU Datasheet HTML 3Page - Micro Commercial Components TL431AU Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
M C C
IK
Vref
VKA
Input
Figure 1. Test Circuit for VKA = Vref
Input
IK
R2
Iref
Vref
VKA
R1
Figure 2. Test Circuit for VKA > Vref
VKA + Vref 1 )
R1
R2 )
Iref S R1
Ioff
Input
VKA
Figure 3. Test Circuit for Ioff
-1.0
IMin
200
400
VKA, CATHODE VOLTAGE (V)
-200
0
0
1.0
2.0
3.0
800
600
-2.0
-1.0
0
-100
1.0
2.0
3.0
150
50
VKA, CATHODE VOLTAGE (V)
0
-50
Figure 4. Cathode Current versus
Cathode Voltage
Figure 5. Cathode Current versus
Cathode Voltage
Input
100
VKA = Vref
TA = 25°C
IK
VKA
125
TA, AMBIENT TEMPERATURE (°C)
3.0
100
50
75
-55
0
2.5
0.5
2.0
1.0
25
0
-25
1.5
2600
2580
2560
2540
2520
2500
2480
2460
VKA = Vref
IK = 10 mA
TA, AMBIENT TEMPERATURE (°C)
VKA
IK
-55
Input
Vref
75
100
125
2440
0
50
Figure 6. Reference Input Voltage versus
Ambient Temperature
Figure 7. Reference Input Current versus
Ambient Temperature
2420
2400
25
-25
Input
IK
IK = 10 mA
Iref
10k
VKA
VKA = Vref
TA = 25°C
Input
VKA
IK
Vref Typ = 2500mV
Vref Max = 2525mV
Vref Min = 2475mV
TL431AU
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 4


Numéro de pièce similaire - TL431AU

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
TL431AU MCC-TL431AU Datasheet
422Kb / 3P
   Programmable Precision Regulator
TL431AU MCC-TL431AU_13 Datasheet
212Kb / 4P
   Programmable Precision Regulator
More results

Description similaire - TL431AU

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
TL431BLP MCC-TL431BLP Datasheet
236Kb / 4P
   Programmable Precision Regulator
TL431AU MCC-TL431AU Datasheet
422Kb / 3P
   Programmable Precision Regulator
TL431BU MCC-TL431BU_13 Datasheet
188Kb / 4P
   Programmable Precision Regulator
TL431BLP MCC-TL431BLP_13 Datasheet
199Kb / 4P
   Programmable Precision Regulator
TL431K MCC-TL431K Datasheet
463Kb / 6P
   Programmable Precision Regulator
TL431ALP MCC-TL431ALP Datasheet
251Kb / 2P
   Programmable Precision Regulator
TL431AU MCC-TL431AU_13 Datasheet
212Kb / 4P
   Programmable Precision Regulator
TL431BU MCC-TL431BU Datasheet
242Kb / 4P
   Programmable Precision Regulator
TL431X MCC-TL431X Datasheet
690Kb / 2P
   Programmable Precision Shunt Regulator
logo
National Semiconductor ...
LH0076 NSC-LH0076 Datasheet
156Kb / 5P
   NEGATIVE PRECISION PROGRAMMABLE REGULATOR
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com