Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LZ34C10 Fiches technique(PDF) 4 Page - Sharp Corporation

No de pièce LZ34C10
Description  1/4-type Color CMOS Image Sensor with 110 k Pixels
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHARP [Sharp Corporation]
Site Internet  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LZ34C10 Fiches technique(HTML) 4 Page - Sharp Corporation

  LZ34C10 Datasheet HTML 1Page - Sharp Corporation LZ34C10 Datasheet HTML 2Page - Sharp Corporation LZ34C10 Datasheet HTML 3Page - Sharp Corporation LZ34C10 Datasheet HTML 4Page - Sharp Corporation LZ34C10 Datasheet HTML 5Page - Sharp Corporation LZ34C10 Datasheet HTML 6Page - Sharp Corporation LZ34C10 Datasheet HTML 7Page - Sharp Corporation LZ34C10 Datasheet HTML 8Page - Sharp Corporation LZ34C10 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LZ34C10
4
ABSOLUTE MAXIMUM RATINGS
(TA = +25 ˚C)
PARAMETER
SYMBOL
Power supply voltage
VDD
Input signal voltage
VØ
–0.3 to VDD + 0.3
–0.3 to +4.3
RATING
UNIT
V
V
˚C
–40 to +80
TSTG
Storage temperature
PARAMETER
SYMBOL
Power supply voltage
VDD
Operating temperature
TOPR
–20
2.7
MIN.
UNIT
V
˚C
TYP.
MAX.
3.0
3.3
+25
+60
RECOMMENDED OPERATING CONDITIONS
9.0
MHz
fCK
Oscillation frequency
(Connect to pin
through a capacitor)
Analog input voltage
Digital input voltage
VØL
0V
0.2VDD
LOW level
HIGH level
Analog bias voltage
(Connect to GND
through a capacitor)
VØH
0.8VDD
VDD
V
3
1
2
NOTE
NOTES :
1. Applied to input pins HD, VD, SDI and SCLK.
2. Applied to input pins SIGIN and REFIN. Do not connect to DC directly.
3. Applied to pins BIAS1, BIAS2, BIAS3, OFS, ADL, DAL, DAH, CLP1 and CLP2.
Do not connect to GND directly.


Numéro de pièce similaire - LZ34C10

FabricantNo de pièceFiches techniqueDescription
logo
Sharp Corporation
LZ34B10 SHARP-LZ34B10 Datasheet
32Kb / 2P
   1/4-type Color CMOS Image Sensor with 350 k Pixels
LZ34B1B SHARP-LZ34B1B Datasheet
144Kb / 15P
   1/4-type Color CMOS Image Sensor with 350 k Pixels
logo
VBsemi Electronics Co.,...
LZ34N VBSEMI-LZ34N Datasheet
1Mb / 9P
   N-Channel 60 V (D-S) MOSFET
More results

Description similaire - LZ34C10

FabricantNo de pièceFiches techniqueDescription
logo
Sharp Corporation
LZ0P3800 SHARP-LZ0P3800 Datasheet
110Kb / 14P
   1/4-type Built-in Lens Color CMOS Image Sensor with 110 k Pixels
LZ34B1B SHARP-LZ34B1B Datasheet
144Kb / 15P
   1/4-type Color CMOS Image Sensor with 350 k Pixels
LZ34B10 SHARP-LZ34B10 Datasheet
32Kb / 2P
   1/4-type Color CMOS Image Sensor with 350 k Pixels
LZ0P3817 SHARP-LZ0P3817 Datasheet
145Kb / 16P
   1/4-type Built-in Lens Color CMOS Image Sensor with 350 k Pixels
LZ2463A SHARP-LZ2463A Datasheet
88Kb / 11P
   1/4-type Color CCD Area Sensor with 470 k Pixels
LZ2423H SHARP-LZ2423H Datasheet
85Kb / 11P
   1/4-type Color CCD Area Sensor with 320 k Pixels
LZ2453A SHARP-LZ2453A Datasheet
89Kb / 11P
   1/4-type Color CCD Area Sensor with 410 k Pixels
LZ2523 SHARP-LZ2523 Datasheet
87Kb / 11P
   1/5-type Color CCD Area Sensor with 320 k Pixels
LZ24BP SHARP-LZ24BP Datasheet
87Kb / 10P
   1/4-type Progressive-scan Color CCD Area Sensor with 350 k Pixels
LZ2513 SHARP-LZ2513 Datasheet
86Kb / 11P
   1/5-type Color CCD Area Sensor with 270 k Pixels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com