Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP1612PW05 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce STP1612PW05
Description  16-channel LED driver with 16-bit PWM, 8-bit gain and full LED error detection
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP1612PW05 Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button STP1612PW05 Datasheet HTML 4Page - STMicroelectronics STP1612PW05 Datasheet HTML 5Page - STMicroelectronics STP1612PW05 Datasheet HTML 6Page - STMicroelectronics STP1612PW05 Datasheet HTML 7Page - STMicroelectronics STP1612PW05 Datasheet HTML 8Page - STMicroelectronics STP1612PW05 Datasheet HTML 9Page - STMicroelectronics STP1612PW05 Datasheet HTML 10Page - STMicroelectronics STP1612PW05 Datasheet HTML 11Page - STMicroelectronics STP1612PW05 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Electrical ratings
STP1612PW05
8/35
Doc ID 15819 Rev 4
3.3
Recommended operating conditions
Table 7.
Recommended operating conditions at 25 °C, VDD = 5 V
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VDD
Supply voltage
3.0
-
5.5
V
VO
Output voltage
-
20
V
IO
Output current
OUTn
3
-
60
mA
IOH
Output current
SERIAL-OUT
-
+1
mA
IOL
Output current
SERIAL-OUT
-
-1
mA
VIH
Input voltage
0.7 VDD
-VDD
V
VIL
Input voltage
GND
-
0.3 VDD
V
twLAT
LE pulse width
VDD = 3.3 V to 5.0 V
20
-
ns
twCLK
CLK pulse width
10
-
ns
twEN
PWCLK pulse width
20
-
ns
tSETUP(D) Setup time for DATA
5
-
ns
tHOLD(D) Hold time for DATA
5
-
ns
tSETUP(L) Setup time for LATCH
5
-
ns
fCLK
Clock frequency
Cascade operation (1)
1.
If the device is connected in cascade, it may not be possible achieve the maximum data transfer. Please
considered the timings carefully.
-30
MHz


Numéro de pièce similaire - STP1612PW05

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STP160N3LL STMICROELECTRONICS-STP160N3LL Datasheet
393Kb / 13P
   Very low on-resistance
June 2015 Rev 3
logo
SHENZHEN DOINGTER SEMIC...
STP160N3LL DOINGTER-STP160N3LL Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
STMicroelectronics
STP160N4LF6 STMICROELECTRONICS-STP160N4LF6 Datasheet
817Kb / 14P
   N-channel 40 V, 0.0021 mΩ typ., 120 A, STripFET™ VI DeepGATE™ Power MOSFET in a TO-220 package
April 2014
STP160N75F3 STMICROELECTRONICS-STP160N75F3 Datasheet
361Kb / 13P
   N-channel 75V - 3.5m ohm - 120A - TO-220 - TO-247 - D2PAK MDmesh TM low voltage Power MOSFET
STP160N75F3 STMICROELECTRONICS-STP160N75F3 Datasheet
390Kb / 16P
   N-channel 75V - 3.5m廓 - 120A - TO-220 - TO-247 - D2PAK STripFET??Power MOSFET
More results

Description similaire - STP1612PW05

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ALED1642GW STMICROELECTRONICS-ALED1642GW Datasheet
2Mb / 39P
   16 channel LED driver with error detection, current gain control and 12/16-bit PWM brightness control for automotive applications
November 2015 Rev 4
LED1642GW STMICROELECTRONICS-LED1642GW Datasheet
2Mb / 42P
   16 channel LED driver with error detection current gain control
November 2015 Rev 6
logo
List of Unclassifed Man...
MBI5027 ETC-MBI5027 Datasheet
450Kb / 24P
   16 BIT CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
logo
Silicon Touch Technolog...
DM11C SITI-DM11C Datasheet
668Kb / 34P
   8-bit Constant Current LED Driver with Error Detection
logo
Texas Instruments
TLC5948A TI1-TLC5948A Datasheet
1Mb / 50P
[Old version datasheet]   16-Channel, 16-Bit, ES-PWM, Full Self-Diagnosis LED Driver
logo
List of Unclassifed Man...
MBI5029 ETC1-MBI5029 Datasheet
702Kb / 31P
   16-Bit Constant Current LED Sink Driver with Error Detection and Current Adjust
MBI5169 ETC-MBI5169 Datasheet
1Mb / 19P
   8 bit CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
logo
STMicroelectronics
STP16DP05 STMICROELECTRONICS-STP16DP05 Datasheet
598Kb / 28P
   Low voltage 16-bit constant current LED sink driver with outputs error detection
STP16DP05 STMICROELECTRONICS-STP16DP05_08 Datasheet
671Kb / 29P
   Low voltage 16-bit constant current LED sink driver with outputs error detection
STP16DPS05 STMICROELECTRONICS-STP16DPS05 Datasheet
1Mb / 34P
   Low voltage 16-bit constant current LED Sink driver with outputs error detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com