Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP006_1107 Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce TMP006_1107
Description  Infrared Thermopile Sensor in Chip-Scale Package
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMP006_1107 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TMP006_1107 Datasheet HTML 3Page - Texas Instruments TMP006_1107 Datasheet HTML 4Page - Texas Instruments TMP006_1107 Datasheet HTML 5Page - Texas Instruments TMP006_1107 Datasheet HTML 6Page - Texas Instruments TMP006_1107 Datasheet HTML 7Page - Texas Instruments TMP006_1107 Datasheet HTML 8Page - Texas Instruments TMP006_1107 Datasheet HTML 9Page - Texas Instruments TMP006_1107 Datasheet HTML 10Page - Texas Instruments TMP006_1107 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Device
ADR0
SCL
V+
A3
C3
C1
A1
SDA
B3
C2
B1
ADR1
A2
AGND
DGND
DRDY
C >0.01
F
m
F
TMP006
www.ti.com
SBOS518A
– MAY 2011 – REVISED JULY 2011
OVERVIEW
The TMP006 is a digital temperature sensor that is optimal for thermal management and thermal protection
applications where remote non-contact sensing is desired. The TMP006 is two-wire and SMBus interface
compatible, and is specified over the ambient temperature range of
–40°C to +125°C. The TMP006 measures
object temperatures over a temperature range of
–40°C to +125°C. The TMP006 contains registers for holding
configuration information, temperature measurement results, and sensor voltage measurement. The ambient
temperature measurement and the sensor voltage measurement are used to calculate the object temperature.
Refer to the TMP006 User Guide (SBOU107) for more details.
The SCL and SDA interface pins require pull-up resistors (10 k
Ω, typical) as part of the communication bus, while
DRDY is an open-drain output that must also use a pull-up resistor. DRDY may be shared with other devices if
desired for a wired-OR implementation. A 0.01-
μF power-supply bypass capacitor is recommended, as shown in
Figure 4.
Figure 4. Typical Connection Diagram
The TMP006 provides both local temperature and the thermopile sensor voltage outputs in a WCSP. The local
temperature sensor in the TMP006 is integrated on-chip; the thermal path runs through the WCSP solder balls.
The low thermal resistance of the solder balls provides the thermal path to maintain the chip at the temperature
of the local environment.
The top side of the WCSP must face the object that is being measured with an unobstructed view in order to
accurately measure the temperature. Refer to the user guide TMP006 Layout and Assembly Guidelines
(SBOU108) for more details.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TMP006


Numéro de pièce similaire - TMP006_1107

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP006 TI-TMP006_15 Datasheet
1Mb / 38P
[Old version datasheet]   TMP006/B Infrared Thermopile Sensor in Chip-Scale Package
TMP006 TI1-TMP006_17 Datasheet
1Mb / 38P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
More results

Description similaire - TMP006_1107

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP006 TI1-TMP006 Datasheet
262Kb / 17P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
MAY2011
TMP006 TI1-TMP006_17 Datasheet
1Mb / 38P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006BIYZFR TI1-TMP006BIYZFR Datasheet
789Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006 TI-TMP006_15 Datasheet
1Mb / 38P
[Old version datasheet]   TMP006/B Infrared Thermopile Sensor in Chip-Scale Package
logo
List of Unclassifed Man...
TP337 ETC1-TP337 Datasheet
214Kb / 9P
   Thermopile Infrared Sensor
OTC-236 ETC2-OTC-236 Datasheet
212Kb / 7P
   THERMOPILE INFRARED SENSOR
TS-1AMB ETC-TS-1AMB Datasheet
144Kb / 6P
   THERMOPILE INFRARED SENSOR
TP297A ETC2-TP297A Datasheet
239Kb / 8P
   THERMOPILE INFRARED SENSOR
OTC-238 ETC2-OTC-238 Datasheet
155Kb / 6P
   THERMOPILE INFRARED SENSOR
OTC-239 ETC2-OTC-239 Datasheet
186Kb / 7P
   THERMOPILE INFRARED SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com