Moteur de recherche de fiches techniques de composants électroniques |
|
BZX55C6V2 Fiches technique(PDF) 1 Page - Seme LAB |
|
BZX55C6V2 Fiches technique(HTML) 1 Page - Seme LAB |
1 / 2 page BZX55C Series PTOT Power Dissipation TMB = 25°C Derate above 25°C TOP Maximum Operating Ambient Temperature TSTG Storage Temperature Range TSOL Soldering Temperature (5 seconds max.) RθJA Thermal Resistance Junction to Ambient RθJ–MB Thermal Resistance Junction to Mounting Base 500mW 4mW/°C –55 to +150°C –65 to +175°C 260°C 336°C/W 140°C/W MECHANICAL DATA Dimensions in mm(inches) 21 0.51 ± 0.10 (0.02 ± 0.004) 0.31 (0.012) 1.91 ± 0.10 (0.075 ± 0.004) 3.05 ± 0.13 (0.12 ± 0.005) 1.02 ± 0.10 (0.04 ± 0.004) 1.40 (0.055) max. A 0.31 (0.012) rad. rad. A = 3 VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE FOR HI–REL APPLICATIONS FEATURES • HERMETIC CERAMIC SURFACE MOUNT PACKAGE (SOT23 COMPATIBLE) • VOLTAGE RANGE 2.4 TO 75V LCC1 PACKAGE ABSOLUTE MAXIMUM RATINGS Pad 1 – Anode Pad 2 – N/C Pad 3 – Cathode Parameter Test Conditions Min. Typ. Max. Units VZ Zener Voltage IR Reverse Current ZZ Small Signal Breakdown Impedance ZK Small Signal Breakdown Impedance near breakdown knee For VZ nom. ≤ 36V, IZ = 5mA For VZ nom. ≥ 39V, IZ = 2.5mA VR = VR test VR = VR test TAMB = 150°C IZ = IZ test For VZ nom. ≤ 36V, IZK = 1.0mA For VZ nom. ≥ 39V, IZK = 0.5mA VZ min. VZ nom. VZ max. IR max. IR max(2) ZZ max. ZK max. V µA Ω Ω ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise stated) See table 1 for type variants and test parameters. Underside View Semelab plc. Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612. E-mail: sales@semelab.co.uk Website http://www.semelab.co.uk Document Number 5743 Issue 4 Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to verify that datasheets are current before placing orders. |
Numéro de pièce similaire - BZX55C6V2 |
|
Description similaire - BZX55C6V2 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |