Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS79MCZC0 Fiches technique(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS79MCZC0
Description  3-Terminal 500mA Negative Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS79MCZC0 Fiches technique(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS79MCZC0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS79MCZC0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS79MCZC0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS79MCZC0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS79MCZC0 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS79MCZC0 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS79MCZC0 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TS79M00 Series
3-Terminal 500mA Negative Voltage Regulator
2/7
Version: C07
TS79M05 Electrical Characteristics
(Vin= -10V, Iout=350mA, 0
oC≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Tj=25
oC
-4.80
-5
-5.20
Output voltage
Vout
-7.5V≤Vin≤-20V,
5mA≤Iout≤500mA, PD≤5W
-4.75
-5
-5.25
V
-7.5V≤Vin≤-25V
--
7
50
Line Regulation
REGline
Tj=25
oC
-8V≤Vin≤-18V
--
2
30
5mA≤Iout≤500mA
--
20
100
Load Regulation
REGload
Tj=25
oC
250mA≤Iout≤200mA
--
10
50
mV
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
4
8
-7.5V≤Vin≤-25V
--
--
1
Quiescent Current Change
ΔIq
5mA≤Iout≤500mA
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz≤f≤100KHz, Tj=25
oC
--
40
--
µV
Ripple Rejection Ratio
RR
f=120Hz, -8V≤Vin≤-18V
54
66
--
dB
Voltage Drop
Vdrop
Iout=500mA, Tj=25
oC
--
2
--
V
Peak Output Current
Io peak
Tj=25
oC
--
2.1
--
A
Temperature Coefficient of
Output Voltage
ΔVout/ ΔTj
Iout=5mA, 0
oC≤Tj≤125oC
--
-0.1
--
mV/
oC
TS79M12 Electrical Characteristics
(Vin= -19V, Iout=350mA, 0
oC≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Tj=25
oC
-11.53
-12
-12.48
Output voltage
Vout
-14.5V≤Vin≤-27V,
5mA≤Iout≤500mA, PD ≤5W
-11.42
-12
-12.60
V
-14.5V≤Vin≤-30V
--
10
240
Line Regulation
REGline
Tj=25
oC
-15V≤Vin≤-19V
--
3
120
5mA≤Iout≤500mA
--
12
240
Load Regulation
REGload
Tj=25
oC
250mA≤Iout≤200mA
--
4
120
mV
Quiescent Current
Iq
Tj=25
oC, Iout=0
--
4.3
8
-14.5V≤Vin≤-30V
--
--
1
Quiescent Current Change
ΔIq
5mA≤Iout≤500mA
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz≤f≤100KHz, Tj=25
oC
--
75
--
µV
Ripple Rejection Ratio
RR
f=120Hz, -15V≤Vin≤-25V
55
70
--
dB
Voltage Drop
Vdrop
Iout=500mA, Tj=25
oC
--
2
--
V
Peak Output Current
Io peak
Tj=25
oC
--
2.1
--
A
Temperature Coefficient of
Output Voltage
ΔVout/ ΔTj
Iout=5mA, 0
oC≤Tj≤125oC
--
-1
--
mV/
oC
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
possible, and thermal effects must be taken into account separately.
This specification applies only for DC power dissipation permitted by absolute maximum ratings.
.


Numéro de pièce similaire - TS79MCZC0

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS79M00 TSC-TS79M00 Datasheet
169Kb / 7P
   3-Terminal Medium Current Negative Voltage Regulator
TS79M00 TSC-TS79M00 Datasheet
289Kb / 7P
   3-Terminal 500mA Negative Voltage Regulator
TS79M00A TSC-TS79M00A Datasheet
494Kb / 10P
   3-Terminal 500mA Negative Voltage Regulator
TS79M00 TSC-TS79M00_14 Datasheet
289Kb / 7P
   3-Terminal 500mA Negative Voltage Regulator
TS79M05 TSC-TS79M05 Datasheet
169Kb / 7P
   3-Terminal Medium Current Negative Voltage Regulator
More results

Description similaire - TS79MCZC0

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS79M00 TSC-TS79M00_14 Datasheet
289Kb / 7P
   3-Terminal 500mA Negative Voltage Regulator
TS79M00A TSC-TS79M00A Datasheet
494Kb / 10P
   3-Terminal 500mA Negative Voltage Regulator
logo
SeCoS Halbleitertechnol...
SJ79XX SECOS-SJ79XX Datasheet
457Kb / 5P
   3-Terminal Negative Voltage Regulator
SM79L06 SECOS-SM79L06 Datasheet
340Kb / 2P
   3-Terminal Negative Voltage Regulator
SM79L18 SECOS-SM79L18 Datasheet
356Kb / 2P
   3-Terminal Negative Voltage Regulator
SI79XXA SECOS-SI79XXA Datasheet
466Kb / 5P
   3-Terminal Negative Voltage Regulator
logo
New Japan Radio
NJM7906FA NJRC-NJM7906FA Datasheet
426Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL7909XE3 CYSTEKEC-PL7909XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7915XE3 CYSTEKEC-PL7915XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7908XE3 CYSTEKEC-PL7908XE3 Datasheet
149Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com