Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LQ056A3CH01 Fiches technique(PDF) 1 Page - Sharp Corporation

No de pièce LQ056A3CH01
Description  Color TFT-LCD Module(LCD TV/Digital still camera)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHARP [Sharp Corporation]
Site Internet  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LQ056A3CH01 Fiches technique(HTML) 1 Page - Sharp Corporation

  LQ056A3CH01 Datasheet HTML 1Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
In the absence of confirmation by device specification sheets, SHARP takes no responsibility
for any defects that may occur in using any SHARP devices shown in catalogs, data books, etc.
Contact SHARP in order to obtain the latest device specification sheets before using any
SHARP device. Specifications are subject to change without notice for improvement.
Outline Dimensions
unit : mm
Under Development
Color TFT-LCD Module
LQ056A3CH01
(LCD TV/Digital still camera)
Features
s 14 cm [5.6"] display size
s Built-in DC/AC converter for backlight drive
Specifications
Parameter
Unit
Parameter
Unit
Display size
14 [5.6]
cm [ "]
Backlight type
1CCFT(D)
-
No. of pixels
74 880
pixel
Brightness
300
cd/m2
Dot format (H x V)
320 x RGB x 234
dot
Power consumption
5.5
W
Dot pitch (H x V)
0.119 x 0.357
mm
Outline dimensions (W x H x D) 140.0 x 102.7 x 17.0
mm
Active area (H x V)
114.2 x 83.5
mm
Weight
260
g
Input signal system
NTSC/PAL*1
-
Operating temperature
-10 to +80
°C
Input video signal
Standard Analog RGB
-
Storage temperature
-30 to +80
°C
Viewing direction
6:00
-
*1...MBK-PAL system is adopted as PAL. LCD panel has 234 scanning lines, and displays a picture of 273 virtual scanning lines.
(Video-signals are deleted for certain intervals.)
Screen Size(114.2 x 83.5)
17
=Assurance area of screen
114.2 (Screen Area)
69.8 (Screen Area)
118 (pol)
120 (Case open area)
140
960H x 234V dots
67.5
133.5
Connector
(Stripe)
Screen Center
G
RG
BR


Numéro de pièce similaire - LQ056A3CH01

FabricantNo de pièceFiches techniqueDescription
logo
Sharp Corporation
LQ050A5BS01 SHARP-LQ050A5BS01 Datasheet
112Kb / 1P
   Color TFT-LCD Module(Car Navigation)
LQ057Q3DC02 SHARP-LQ057Q3DC02 Datasheet
118Kb / 1P
   Color TFT-LCD Module(FA/POS/Measuring instruments)
LQ057Q3DC03 SHARP-LQ057Q3DC03 Datasheet
341Kb / 18P
   TFT - LCD module
LQ058T5DRQ1 SHARP-LQ058T5DRQ1 Datasheet
115Kb / 1P
   Color TFT-LCD Module (Car Navigation)
LQ058T5GG01 SHARP-LQ058T5GG01 Datasheet
111Kb / 1P
   Color TFT-LCD Module(Car Navigation)
More results

Description similaire - LQ056A3CH01

FabricantNo de pièceFiches techniqueDescription
logo
Sharp Corporation
LQ064V1DS11 SHARP-LQ064V1DS11 Datasheet
114Kb / 1P
   Color TFT-LCD Module(LCD TV/Digital still camera)
LQ6AN102 SHARP-LQ6AN102 Datasheet
67Kb / 1P
   Color TFT-LCD Module for AV/Car Navigation(LCD TV/Digital still camera/LCD camcorder)
LQ4FN31 SHARP-LQ4FN31 Datasheet
54Kb / 1P
   Color TFT-LCD Module for AV/Car Navigation(LCD TV/Digital still camera/LCD camcorder)
LQ5AW116 SHARP-LQ5AW116 Datasheet
68Kb / 1P
   Color TFT-LCD Module for AV/Car Navigation(Digital still camera/LCD camcorder/LCD TV)
LQ6AW31K SHARP-LQ6AW31K Datasheet
16Kb / 1P
   Color TFT-LCD Module(LCD TV/Car Navigation)
LQ064A5CG01 SHARP-LQ064A5CG01 Datasheet
112Kb / 1P
   Color TFT-LCD Module(LCD TV/Car Navigation)
logo
List of Unclassifed Man...
TM150XG-22L01A ETC1-TM150XG-22L01A Datasheet
612Kb / 15P
   TFT COLOR LCD MODULE
logo
AZ Displays
PM070WU1 AZDISPLAYS-PM070WU1 Datasheet
582Kb / 20P
   color TFT LCD module
PM102ZY3 AZDISPLAYS-PM102ZY3 Datasheet
793Kb / 28P
   color TFT LCD module
logo
NEC
NL6448BC20-18D NEC-NL6448BC20-18D Datasheet
354Kb / 29P
   TFT COLOR LCD MODULE
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com