Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD103AWRH Fiches technique(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

No de pièce SD103AWRH
Description  400mW, Low VF SMD Schottky Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SD103AWRH Fiches technique(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SD103AWRH Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SD103AWRH Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SD103AWRH Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SD103AW,SD103BW,SD103CW
400mW, Low VF SMD Schottky Barrier Diode
Small Signal Diode
Low power loss, high current capability, low VF
Surface device type mounting
Moisture sensitivity level 1
Matte Tin(Sn) lead finish with Nickel(Ni) underplate
Pb free version and RoHS compliant
Min
Max
Min
Max
Case : SOD-123 small outline plastic package
1.50
1.70
0.059 0.067
3.55
3.85
0.140 0.152
0.45
0.65
0.018 0.026
2.60
2.80
0.102 0.110
1.05
1.25
0.041 0.049
0.08
0.15
0.003 0.006
Part No.
Packaging Code
Package
Packing
Marking
SD103AW
RH
SOD-123
3K / 7" Reel
S4
SD103BW
RH
SOD-123
3K / 7" Reel
S5
SD103CW
RH
SOD-123
3K / 7" Reel
S6
SD103AW
RHG
SOD-123
3K / 7" Reel
S4
SD103BW
RHG
SOD-123
3K / 7" Reel
S5
SD103CW
RHG
SOD-123
3K / 7" Reel
S6
Maximum Ratings
Pin Configuration
Marking Code: S4,S5,S6
B
C
Dimensions
-65 to + 125
°C
V
SD103AW
SD103BW
28
21
14
1.5
Units
Reverse Voltage
VR
Storage Temperature Range
TSTG
Junction Temperature
TJ
SD103CW
Suggested PAD Layout
Polarity : Indicated by cathode band
Weight:8.442mg(approximately)
Rating at 25°C ambient temperature unless otherwise specified.
G
0.02 REF
0.50 REF
Ordering Information
Type Number
VRRM
Power Dissipation
Repetitive Peak Reverse Voltage
PD
Symbol
Mean Forward Current @ TL=100℃ (Lead Temperature)
Thermal Resistance (Junction to Ambient)
IO
RθJA
Repetitive Peak Forward Current @ t ≤1.0s
IFRM
400
mW
A
V
40
30
20
mA
°C/W
°C
350
300
125
SOD-123
Maximum Ratings and Electrical Characteristics
Features
Mechanical Data
Terminal: Matte tin plated, lead free, solderable
per MIL-STD-202, Method 208 guaranteed
Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
High temperature soldering guaranteed: 260°C/10s
D
E
Unit(mm)
Unit(inch)
A
F
1.22
0.048
2.36
0.093
0.91
0.036
0.165
4.19
mm
inch
Version :B11


Numéro de pièce similaire - SD103AWRH

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
SD103AWRH TSC-SD103AWRH Datasheet
200Kb / 5P
   Low VF SMD Schottky Barrier Diode
SD103AWRHG TSC-SD103AWRHG Datasheet
200Kb / 5P
   Low VF SMD Schottky Barrier Diode
More results

Description similaire - SD103AWRH

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
RB520G-30 TSC-RB520G-30_14 Datasheet
176Kb / 5P
   Low VF SMD Schottky Barrier Diode
RB500V-40 TSC-RB500V-40_14 Datasheet
179Kb / 5P
   Low VF SMD Schottky Barrier Diode
RB706F-40 TSC-RB706F-40 Datasheet
483Kb / 3P
   Low VF SMD Schottky Barrier Diode
B0520LWF TSC-B0520LWF Datasheet
230Kb / 3P
   Low VF SMD Schottky Barrier Diode
logo
Comchip Technology
ACDBQC0130L-HF COMCHIP-ACDBQC0130L-HF Datasheet
473Kb / 4P
   Low VF SMD Schottky Barrier Diode
REV:D
logo
Taiwan Semiconductor Co...
SD103AXG TSC-SD103AXG Datasheet
142Kb / 3P
   Low VF SMD Schottky Barrier Diode
logo
Comchip Technology
CDBZ0130L-HF COMCHIP-CDBZ0130L-HF Datasheet
254Kb / 4P
   Low VF SMD Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
RB520G-30 TSC-RB520G-30 Datasheet
587Kb / 3P
   Low VF SMD Schottky Barrier Diode
logo
Comchip Technology
CDBZ0130L-HF COMCHIP-CDBZ0130L-HF Datasheet
254Kb / 4P
   Low VF SMD Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
RB706F-40 TSC-RB706F-40_14 Datasheet
441Kb / 5P
   Low VF SMD Schottky Barrier Diode
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com