Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL60002CIH318Z-TK Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce ISL60002CIH318Z-TK
Description  Precision Low Power FGA??Voltage References
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL60002CIH318Z-TK Fiches technique(HTML) 1 Page - Intersil Corporation

  ISL60002CIH318Z-TK Datasheet HTML 1Page - Intersil Corporation ISL60002CIH318Z-TK Datasheet HTML 2Page - Intersil Corporation ISL60002CIH318Z-TK Datasheet HTML 3Page - Intersil Corporation ISL60002CIH318Z-TK Datasheet HTML 4Page - Intersil Corporation ISL60002CIH318Z-TK Datasheet HTML 5Page - Intersil Corporation ISL60002CIH318Z-TK Datasheet HTML 6Page - Intersil Corporation ISL60002CIH318Z-TK Datasheet HTML 7Page - Intersil Corporation ISL60002CIH318Z-TK Datasheet HTML 8Page - Intersil Corporation ISL60002CIH318Z-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas Inc. 2004-2010. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries. FGA is a trademark of Intersil Corporation.
All other trademarks mentioned are the property of their respective owners.
Precision Low Power FGA™ Voltage References
ISL60002
The ISL60002 FGA™ voltage references are very high precision
analog voltage references fabricated in Intersil's proprietary
Floating Gate Analog technology and feature low supply
voltage operation at ultra-low 350nA operating current.
Additionally, the ISL60002 family features guaranteed initial
accuracy as low as ±1.0mV and 20ppm/°C temperature
coefficient. The initial accuracy and temperature stability
performance of the ISL60002 family, plus the low supply
voltage and 350nA power consumption, eliminates the need
to compromise thermal stability for reduced power
consumption making it an ideal companion to high resolution,
low power data conversion systems.
Special Note: Post-assembly x-ray inspection may lead to
permanent changes in device output voltage and should be
minimized or avoided. For further information, please see
“Applications Information” on page 32 and AN1533, “X-Ray
Effects on Intersil FGA References”.
Applications
• High Resolution A/Ds and D/As
• Digital Meters
• Bar Code Scanners
• Mobile Communications
•PDA’s and Notebooks
• Medical Systems
Features
• Reference Voltages . . . . . 1.024V, 1.2V, 1.25V, 1.8V, 2.048V,
2.5V, 2.6V, 3.0V and 3.3V
• Absolute Initial Accuracy Options . . . . . . . . ±1.0mV, ±2.5mV
and ±5.0mV
• Supply Voltage Range
- ISL60002-10, -11, -12, -18, -20, -25 . . . . . . . . 2.7V to 5.5V
- ISL60002-26 . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.8V to 5.5V
- ISL60002-30 . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.2V to 5.5V
- ISL60002-33 . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.5V to 5.5V
• Ultra-Low Supply Current. . . . . . . . . . . . . . . . . . . . . . 350nA typ
• Low 20ppm/°C Temperature Coefficient
•ISOURCE and ISINK = 7mA
•ISOURCE and ISINK = 20mA for ISL60002-33 only
• ESD Protection . . . . . . . . . . . . . . 5500V (Human Body Model)
• Standard 3 Ld SOT-23 Packaging
•Operating Temperature Range
- ISL60002-10, -11, -12, -18, -20, -25,
-26, -30
. . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
- ISL60002-33 . . . . . . . . . . . . . . . . . . . . . . .-40°C to +105°C
• Pb-Free (RoHS Compliant)
Related Literature
• See AN1494, “Reflow and PC Board Assembly Effects on
Intersil FGA References”
• See AN1533, “X-Ray Effects on Intersil FGA References”
Typical Application
VIN = +3.0V
0.1µF
0.001µF
*
SERIAL
BUS
VIN V
OUT
GND
ENABLE
SCK
SDAT
A/D CONVERTER
16 TO 24-BIT
REF IN
10µF
*
Also see Figure 118 in Applications Information.
VOUT = 2.50V
ISL60002-25
December 16, 2010
FN8082.17


Numéro de pièce similaire - ISL60002CIH318Z-TK

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL60002CIH318Z-TK INTERSIL-ISL60002CIH318Z-TK Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL60002CIH318Z-TK INTERSIL-ISL60002CIH318Z-TK Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002CIH318Z-TK INTERSIL-ISL60002CIH318Z-TK Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002CIH318Z-TK INTERSIL-ISL60002CIH318Z-TK Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL60002CIH318Z-TK RENESAS-ISL60002CIH318Z-TK Datasheet
2Mb / 40P
   Precision Low Power FGA Voltage References
More results

Description similaire - ISL60002CIH318Z-TK

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002_06 Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL60002_0712 INTERSIL-ISL60002_0712 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL60002 RENESAS-ISL60002 Datasheet
2Mb / 40P
   Precision Low Power FGA Voltage References
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL21032 INTERSIL-ISL21032 Datasheet
230Kb / 7P
   Precision 0.600V Low Voltage FGA References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com