Moteur de recherche de fiches techniques de composants électroniques |
|
ISL60002CIH311Z-TK Fiches technique(PDF) 3 Page - Intersil Corporation |
|
ISL60002CIH311Z-TK Fiches technique(HTML) 3 Page - Intersil Corporation |
3 / 36 page ISL60002 3 FN8082.17 December 16, 2010 Pin Configuration ISL60002 (3 LD SOT-23) TOP VIEW 1 2 3 VOUT GND VIN Pin Descriptions PIN NUMBER PIN NAME DESCRIPTION 1VIN Power Supply Input 2VOUT Voltage Reference Output 3GND Ground Ordering Information PART NUMBER (Notes 1, 2, 3) PART MARKING (Bottom) VOUT (V) GRADE TEMP. RANGE (°C) PACKAGE Tape & Reel (Pb-free) PKG. DWG. # ISL60002BIH310Z-TK DFB 1.024 ±1.0mV, 20ppm/°C -40 to +85 3 Ld SOT-23 P3.064 ISL60002CIH310Z-TK DFC 1.024 ±2.5mV, 20ppm/°C -40 to +85 3 Ld SOT-23 P3.064 ISL60002DIH310Z-TK DFD 1.024 ±5.0mV, 20ppm/°C -40 to +85 3 Ld SOT-23 P3.064 ISL60002BIH311Z-TK APM 1.200 ±1.0mV, 20ppm/°C -40 to +85 3 Ld SOT-23 P3.064 ISL60002CIH311Z-TK AOR 1.200 ±2.5mV, 20ppm/°C -40 to +85 3 Ld SOT-23 P3.064 ISL60002DIH311Z-TK AOY 1.200 ±5.0mV, 20ppm/°C -40 to +85 3 Ld SOT-23 P3.064 ISL60002BIH312Z-TK AOM 1.250 ±1.0mV, 20ppm/°C -40 to +85 3 Ld SOT-23 P3.064 ISL60002CIH312Z-TK AOS 1.250 ±2.5mV, 20ppm/°C -40 to +85 3 Ld SOT-23 P3.064 ISL60002DIH312Z-TK APA 1.250 ±5.0mV, 20ppm/°C -40 to +85 3 Ld SOT-23 P3.064 ISL60002BIH318Z-TK DEO 1.800 ±1.0mV, 20ppm/°C -40 to +85 3 Ld SOT-23 P3.064 ISL60002CIH318Z-TK DEP 1.800 ±2.5mV, 20ppm/°C -40 to +85 3 Ld SOT-23 P3.064 ISL60002DIH318Z-TK DEQ 1.800 ±5.0mV, 20ppm/°C -40 to +85 3 Ld SOT-23 P3.064 ISL60002BIH320Z-TK DEY 2.048 ±1.0mV, 20ppm/°C -40 to +85 3 Ld SOT-23 P3.064 ISL60002CIH320Z-TK DEZ 2.048 ±2.5mV, 20ppm/°C -40 to +85 3 Ld SOT-23 P3.064 ISL60002DIH320Z-TK DFA 2.048 ±5.0mV, 20ppm/°C -40 to +85 3 Ld SOT-23 P3.064 ISL60002BIH325Z-TK AON 2.500 ±1.0mV, 20ppm/°C -40 to +85 3 Ld SOT-23 P3.064 ISL60002DIH325Z-TK APB 2.500 ±5.0mV, 20ppm/°C -40 to +85 3 Ld SOT-23 P3.064 ISL60002CIH325Z-TK AOT 2.500 ±2.5mV, 20ppm/°C -40 to +85 3 Ld SOT-23 P3.064 ISL60002BIH326Z-TK DFK 2.600 ±1.0mV, 20ppm/°C -40 to +85 3 Ld SOT-23 P3.064 ISL60002CIH326Z-TK DFL 2.600 ±2.5mV, 20ppm/°C -40 to +85 3 Ld SOT-23 P3.064 ISL60002DIH326Z-TK DFM 2.600 ±5.0mV, 20ppm/°C -40 to +85 3 Ld SOT-23 P3.064 ISL60002BIH330Z-TK DFI 3.000 ±1.0mV, 20ppm/°C -40 to +85 3 Ld SOT-23 P3.064 ISL60002CIH330Z-TK DFJ 3.000 ±2.5mV, 20ppm/°C -40 to +85 3 Ld SOT-23 P3.064 ISL60002DIH330Z-TK DFH 3.000 ±5.0mV, 20ppm/°C -40 to +85 3 Ld SOT-23 P3.064 ISL60002BAH333Z-TK AOP 3.300 ±1.0mV, 20ppm/°C -40 to +105 3 Ld SOT-23 P3.064 ISL60002CAH333Z-TK AOU 3.300 ±2.5mV, 20ppm/°C -40 to +105 3 Ld SOT-23 P3.064 ISL60002DAH333Z-TK APC 3.300 ±5.0mV, 20ppm/°C -40 to +105 3 Ld SOT-23 P3.064 NOTES: 1. Please refer to TB347 for details on reel specifications. 2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 3. For Moisture Sensitivity Level (MSL), please see device information page for ISL60002. For more information on MSL please see techbrief TB363. |
Numéro de pièce similaire - ISL60002CIH311Z-TK |
|
Description similaire - ISL60002CIH311Z-TK |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |