Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL55210IRTZ-T7A Fiches technique(PDF) 6 Page - Intersil Corporation

No de pièce ISL55210IRTZ-T7A
Description  Wideband, Low-Power, Ultra-High Dynamic Range
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55210IRTZ-T7A Fiches technique(HTML) 6 Page - Intersil Corporation

Back Button ISL55210IRTZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL55210IRTZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL55210IRTZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL55210IRTZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL55210IRTZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL55210IRTZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL55210IRTZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL55210IRTZ-T7A Datasheet HTML 9Page - Intersil Corporation ISL55210IRTZ-T7A Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ISL55210
6
FN7811.0
March 2, 2011
Typical Performance Curves V
S+ = 3.3V, TA ≈ +25°C, unless otherwise noted.
FIGURE 2. FREQUENCY RESPONSE vs GAIN SETTING
FIGURE 3. FREQUENCY RESPONSE vs OUTPUT SWING
FIGURE 4. IM2 AND IM3 vs GAIN
FIGURE 5. OUTPUT VP-P FOR -1dB GAIN COMPRESSION
FIGURE 6. NOISE FIGURE
FIGURE 7. NOISE FIGURE AT HIGHER GAINS
-24
-21
-18
-15
-12
-9
-6
-3
0
3
6
107
108
109
FREQUENCY (Hz)
27dB
15dB
21dB
33dB
TEST CIRCUIT #1, RL = 200Ω,
VO = 500mVP-P DIFFERENTIAL
9
12
15
18
3
6
106
107
108
109
FREQUENCY (Hz)
TEST CIRCUIT #1
INPUT TRANSFORMER
VO = 3VP-P
SLEW LIMITING
VO = 1VP-P
+2VP-P
-125
-115
-105
-95
-85
-75
-65
50
100
150
200
250
TEST FREQUENCIES CENTER (MHz)
TEST CIRCUIT #1,
RL = 200Ω, VOP-P = 1VP-P EACH TONE
IM2 21dB GAIN
IM3 15dB GAIN
IM2 15dB GAIN
IM3 21dB GAIN
3.0
3.5
4.0
4.5
5.0
5.5
6.0
50
100
150
200
250
FREQUENCY (MHz)
RL = 200Ω
RL = 100Ω
RL = 50Ω
TEST CIRCUIT #1
6
7
8
9
10
11
12
50
200
350
500
FREQUENCY (MHz)
GAIN = 15dB
GAIN = 21dB
TEST CIRCUIT #1
6
7
8
9
10
11
12
50
200
350
500
FREQUENCY (MHz)
GAIN = 18dB
GAIN = 24dB
TEST CIRCUIT #1 WITH ADT4-1T
INPUT AND RG = 100Ω, RF = 400Ω


Numéro de pièce similaire - ISL55210IRTZ-T7A

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL55210IRTZ-T7A INTERSIL-ISL55210IRTZ-T7A Datasheet
1Mb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
ISL55210IRTZ-T7A INTERSIL-ISL55210IRTZ-T7A Datasheet
987Kb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
June 6, 2013
logo
Renesas Technology Corp
ISL55210IRTZ-T7A RENESAS-ISL55210IRTZ-T7A Datasheet
1Mb / 19P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
More results

Description similaire - ISL55210IRTZ-T7A

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL55210IRTZ INTERSIL-ISL55210IRTZ Datasheet
987Kb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
June 6, 2013
ISL55210 INTERSIL-ISL55210 Datasheet
1Mb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
logo
Renesas Technology Corp
ISL55210 RENESAS-ISL55210 Datasheet
1Mb / 19P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
logo
Mini-Circuits
ZFL-272VH MINI-ZFL-272VH Datasheet
244Kb / 3P
   Ultra High Dynamic Range Broadband Amplifier
logo
Tyco Electronics
AM50-0003V4 MACOM-AM50-0003V4 Datasheet
239Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier
logo
OmniVision Technologies...
OV10642 OMNIVISION-OV10642 Datasheet
4Mb / 2P
   high dynamic range
logo
M/A-COM Technology Solu...
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
Tyco Electronics
AM50-0004V6 MACOM-AM50-0004V6 Datasheet
256Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAL-008091 MA-COM-MAAL-008091_15 Datasheet
775Kb / 6P
   High Dynamic Range Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com