Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL28110 Fiches technique(PDF) 11 Page - Intersil Corporation

No de pièce ISL28110
Description  Precision Low Noise JFET Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28110 Fiches technique(HTML) 11 Page - Intersil Corporation

Back Button ISL28110 Datasheet HTML 7Page - Intersil Corporation ISL28110 Datasheet HTML 8Page - Intersil Corporation ISL28110 Datasheet HTML 9Page - Intersil Corporation ISL28110 Datasheet HTML 10Page - Intersil Corporation ISL28110 Datasheet HTML 11Page - Intersil Corporation ISL28110 Datasheet HTML 12Page - Intersil Corporation ISL28110 Datasheet HTML 13Page - Intersil Corporation ISL28110 Datasheet HTML 14Page - Intersil Corporation ISL28110 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
ISL28110, ISL28210
11
FN6639.2
September 14, 2011
FIGURE 21. THD+N vs OUTPUT VOLTAGE (VOUT) vs TEMPERATURE,
AV = 1 f = 1kHz, RL = 600Ω
FIGURE 22. THD+N vs OUTPUT VOLTAGE (VOUT) vs TEMPERATURE,
AV = 1 f =1kHz, RL = 2kΩ
FIGURE 23. CROSSTALK vs FREQUENCY
FIGURE 24. SMALL SIGNAL OVERSHOOT vs LOAD CAPACITANCE (CL)
FIGURE 25. OPEN LOOP GAIN-PHASE vs FREQUENCY
FIGURE 26. CLOSED LOOP GAIN vs FREQUENCY
Typical Performance Curves
VS = ±15V, VCM = 0V, RL = Open, T = +25°C, unless otherwise specified. (Continued)
0.0001
0.001
0.01
0.1
1
0
5
10
15
20
25
30
VOUT (VP-P)
AV = 1
VS = ±15V
CL = 4pF
f = 1kHz
RL = 600
C-WEIGHTED
22Hz to 22kHz
-40°C
+25°C
+125°C
0.0001
0.001
0.01
0.1
1
0
5
10
15
20
25
30
VOUT (VP-P)
AV = 1
VS = ±15V
CL= 4pF
f = 1kHz
RL= 2k
C-WEIGHTED
22Hz to 22kHz
-40°C
+25°C
+125°C
-140
-120
-100
-80
-60
-40
-20
0
1
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VS = ±15V
CL = 4pF
VCM = 1VP-P
RL-TRANSMIT = 2k
RL_RECEIVE = 10k
RL-TRANSMIT = ∞
RL_RECEIVE = ∞
LOAD CAPACITANCE (nF)
0
10
20
30
40
50
60
0.001
0.01
0.1
1
10
100
VS = ±15V
VOUT = 100mVP-P
AV = 10
AV = -1
AV = 1
-100
-80
-60
-40
-20
0
20
40
60
80
100
120
140
160
180
200
0.1
1
10
100
1k
10k 100k 1M 10M 100M 1G
FREQUENCY (Hz)
VS = ±15V
RL=1MΩ
GAIN
PHASE
-10
0
10
20
30
40
50
60
70
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
ACL = 1
ACL = 10
ACL = 100
ACL = 1000
VS = ±5V & ±15V
CL = 4pF
VOUT = 100mVP-P
RL = OPEN
RF = 100kΩ, RG = 100Ω
RF = 100kΩ, RG = 1kΩ
RF = 100kΩ, RG = 10kΩ
RF = 0, RG = ∞


Numéro de pièce similaire - ISL28110

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28110 INTERSIL-ISL28110 Datasheet
803Kb / 19P
   Precision Low Noise JFET Operational Amplifiers
ISL28110 INTERSIL-ISL28110 Datasheet
1Mb / 25P
   Precision Low Noise JFET Operational Amplifiers
ISL28110 INTERSIL-ISL28110 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL28110 INTERSIL-ISL28110 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
logo
Renesas Technology Corp
ISL28110 RENESAS-ISL28110 Datasheet
1Mb / 23P
   Precision Low Noise JFET Operational Amplifiers
More results

Description similaire - ISL28110

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28110 INTERSIL-ISL28110 Datasheet
803Kb / 19P
   Precision Low Noise JFET Operational Amplifiers
logo
Renesas Technology Corp
ISL28110 RENESAS-ISL28110 Datasheet
1Mb / 23P
   Precision Low Noise JFET Operational Amplifiers
logo
Intersil Corporation
ISL28110_1012 INTERSIL-ISL28110_1012 Datasheet
1Mb / 25P
   Precision Low Noise JFET Operational Amplifiers
ISL28110FBZ INTERSIL-ISL28110FBZ Datasheet
900Kb / 23P
   Precision Low Noise JFET Operational Amplifiers
November 29, 2012
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
logo
Motorola, Inc
TL071C MOTOROLA-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL071 TI-TL071_10 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL072CDT STMICROELECTRONICS-TL072CDT Datasheet
323Kb / 16P
   Low noise JFET dual operational amplifiers
logo
Texas Instruments
TL074CJ TI1-TL074CJ Datasheet
1Mb / 48P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071 TI-TL071_09 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com