Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM12 Fiches technique(PDF) 2 Page - Micro Commercial Components

No de pièce SM12
Description  5V~12Volts ESD Protection Devices
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SM12 Fiches technique(HTML) 2 Page - Micro Commercial Components

  SM12 Datasheet HTML 1Page - Micro Commercial Components SM12 Datasheet HTML 2Page - Micro Commercial Components SM12 Datasheet HTML 3Page - Micro Commercial Components SM12 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
UNIDIRECTIONAL (Circuit tied to Pins 1 and 3 or 2 and 3)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
IF
Forward Current
VF
Forward Voltage @ IF
Ppk
Peak Power Dissipation
C
Capacitance @VR=0 and f =1MHz
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, V
F = 0.9 V Max. @ IF = 10mA for all types)
V
RWM (V)
I
R (
A)
@ V
RWM
V
BR (V)
@ I
T(Note 2)
I
T
VC
@IPP =1 A
Max I
PP
+
P
pk
+ (W)
C (pF)
Pin 1 to 3
Device
Device
Marking
Max
Max
Min
Max
mA
V
A
Max
Typ
+Surge current waveform per Figure 3
2. VBR is measured with a pulse test current IT at an ambient temperature of 25°C.
MCC
TM
Micro Commercial Components
www.mccsemi.com
2 of 4
SM05
SM12
Revision:
A
20
11/01/01
12
1.0
13.3
15.75
1.0
19
11.2
300
60
5
10
6.2
7.3
1.0
9.8
12
300
110
12M
5M


Numéro de pièce similaire - SM12

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
SM12 SEMTECH-SM12 Datasheet
171Kb / 7P
   TVS Diode Array
logo
SHIKUES Electronics
SM12 SKTECHNOLGY-SM12 Datasheet
520Kb / 3P
   5V~12Volts ESD Protection Devices
logo
Micro Commercial Compon...
SM12 MCC-SM12 Datasheet
416Kb / 2P
   Transient Voltage Suppressor 500 Watt
logo
SAMYANG ELECTRONICS CO....
SM12 SAMYANG-SM12 Datasheet
1Mb / 3P
   ESD PROTECTION
logo
Microsemi Corporation
SM12 MICROSEMI-SM12 Datasheet
138Kb / 2P
   TVSarray Series
More results

Description similaire - SM12

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
ESD5V0D3 MCC-ESD5V0D3_11 Datasheet
209Kb / 4P
   5V~12Volts ESD Protection Devices
ESD5V0D3 MCC-ESD5V0D3_13 Datasheet
241Kb / 4P
   5V~12Volts ESD Protection Devices
logo
SHIKUES Electronics
SM05 SKTECHNOLGY-SM05 Datasheet
520Kb / 3P
   5V~12Volts ESD Protection Devices
logo
Micro Commercial Compon...
SM12C MCC-SM12C Datasheet
240Kb / 4P
   12Volts ESD Protection Devices
SM22 MCC-SM22 Datasheet
322Kb / 4P
   12Volts ESD Protection Devices
ESD5V0D3 MCC-ESD5V0D3 Datasheet
130Kb / 4P
   5V~12Volts ESD Protection Device
ESD3V3D5 MCC-ESD3V3D5_16 Datasheet
237Kb / 3P
   3.3V~12Volts ESD Protection Devices
ESD3V3D5 MCC-ESD3V3D5_11 Datasheet
284Kb / 3P
   3.3V~12Volts ESD Protection Devices
ESD3V3D7 MCC-ESD3V3D7 Datasheet
390Kb / 4P
   3.3V~12Volts ESD Protection Devices
ESD3V3D5 MCC-ESD3V3D5 Datasheet
206Kb / 3P
   3.3V~12Volts ESD Protection Devices
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com