Moteur de recherche de fiches techniques de composants électroniques |
|
BAS21 Fiches technique(PDF) 2 Page - Taiwan Semiconductor Company, Ltd |
|
BAS21 Fiches technique(HTML) 2 Page - Taiwan Semiconductor Company, Ltd |
2 / 3 page BAS21 / A / C / S 225mW SMD Switching Diode Small Signal Diode Electrical Characteristics Electrical Characteristics IR= IF= IF= Reverse Leakage Current VR= Junction Capacitance Tape & Reel specification Reel width W1 12.30 ±0.20 D1 55 Min Feed hole width Carrier length B 2.77 ±0.10 Dimension(mm) Carrier width A 3.15 ±0.10 Item Symbol Reel inner diameter Carrier depth C 1.22 ±0.10 1.50 ± 0.10 Reel outside diameter D 178 ± 1 Sprocket hole d 0.229 ±0.013 D2 13.0 ± 0.20 Sprocke hole position E 1.75 ±0.10 Punch hole position Sprocke hole pitch F 3.50 ±0.05 Tape width W 8.10 ±0.20 P0 4.00 ±0.10 Embossment center P1 2.00 ±0.05 Overall tape thickness T - VR=1V, f=1.0MHz Forward Voltage Reverse Breakdown Voltage 100μA 100mA 200mA 200V Reverse Recovery Time IF=IR=10mA, RL=100Ω, IRR=1mA μA pF ns 5 50.0 V(BR) VF CJ Trr IR Units V V V Max Min Symbol Type Number - - 1.00 1.25 0.1 250 - - - Top Cover Tape Carieer Tape Any Additional Label (If Required) TSC label W1 D1 D2 D T C d P1 P0 A B F W E Direction of Feed Version : C10 |
Numéro de pièce similaire - BAS21_10 |
|
Description similaire - BAS21_10 |