Moteur de recherche de fiches techniques de composants électroniques |
|
KM1202A08BE Fiches technique(PDF) 1 Page - C&K Components |
|
KM1202A08BE Fiches technique(HTML) 1 Page - C&K Components |
1 / 3 page E E–41 Dimensions are shown: mm Specifications and dimensions subject to change www.ck-components.com KM Series Subminiature Detect Switches Features/Benefits • Reliable contact design • Available with pretravel and overtravel • RoHS compliant Typical Applications • Alarm systems • Computers • Detector switch application Specifications CONTACT RATING: Q contact material: 0.25 AMPS @ 125 V AC or DC (UL). See page F-39 for additional ratings. ELECTRICAL LIFE: 10,000 actuations min. at full load. CONTACT RESISTANCE: Below 30 m Ω typ. initial @ 2-4 V DC, 100 mA, for both silver and gold plated contacts. INSULATION RESISTANCE: 109 Ω min. DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level. OPERATING TEMPERATURE: –30ºC to 85ºC. CAP INSTALLATION FORCE: 10 lbs. max. permissible. NOTE: Any models supplied with Q or B contact material are RoHS compliant. NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center. Materials HOUSING & BUSHING: 6/6 nylon (UL94V-2), black. ACTUATOR: 6/6 nylon (UL 94V-2), natural. MOVABLE CONTACT: B contact material: Bronze or copper, with gold plate over nickel plate. See page F-39 for additional contact materials. STATIONARY CONTACTS & TERMINALS: B contact material: Copper, with gold plate over nickel plate. See page F-39 for additional contact materials. RETURN SPRING: Music wire, phosphor coated. MOUNTING NUT: Brass, nickel plated. TERMINAL SEAL: Epoxy. Build-A-Switch To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages E-41 and E-43. For additional options not shown in catalog, consult Customer Service Center. Switch Function KM12 On-Mom., SPDT Actuator 02 .398" high, .122" dia. KM12 Contact Material B Gold Q Silver Seal E Epoxy Bushing/Mounting Style A Right angle Models Available Terminations 08 Right angle, PC thru-hole |
Numéro de pièce similaire - KM1202A08BE |
|
Description similaire - KM1202A08BE |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |