Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC847CT Fiches technique(PDF) 1 Page - Micro Commercial Components

No de pièce BC847CT
Description  NPN Surface Mount Small Signal Transistor 150mW
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BC847CT Fiches technique(HTML) 1 Page - Micro Commercial Components

  BC847CT Datasheet HTML 1Page - Micro Commercial Components BC847CT Datasheet HTML 2Page - Micro Commercial Components BC847CT Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Maximum Data
Case: SOT-523
Terminals: Solderable per MIL-STD-202, Method 208
Polarity: See Diagram
BC847AT, BT, CT
NPN
Surface Mount Small
Signal Transistor
150mW
Features
Epitaxial Die Construction
Complementary PNP Type Available (BC857AT,BT,CT)
Ultra-Small Surface Mount Package
Maximum Ratings @
@ 25
Unless Otherwise Specified
Symbol
Parameter
Value
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage
45
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
50
Vdc
V(BR)EBO
Collector-Emitter Breakdown Voltage
6.0
Vdc
IC
Collector Current
100
mAdc
Pd
Power Dissipation (Note 1)
150
mW
R JA
Thermal Resistance, Junction to
Ambient(Note 1)
833
/W
TJ, TSTG
Operating & Storage Temperature
-55~+150
Note: 1. Device mounted on FR-4 PCB with recommended pad
layout
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
SOT-523
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.059
.067
1.50
1.70
B
.030
.033
0.75
0.85
C
.057
.069
1.45
1.75
D
.020 Nominal
0.50Nominal
E
.035
.043
0.90
1.10
G
.000
.004
.000
.100
H
.028
.031
.70
0.80
J
.004
.008
.100
.200
K
.010
.014
.25
.35
A
C
B
D
E
G
H
J
DIMENSIONS
K
TM
Micro Commercial Components
E
B
C
Marking:BC847AT--1E,BC847BT--1F,BC847CT-1G.
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1
Revision: A
2011/01/01
www.mccsemi.com
1 of 3


Numéro de pièce similaire - BC847CT

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BC847CT PHILIPS-BC847CT Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 26
BC847CT NXP-BC847CT Datasheet
104Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
logo
Diodes Incorporated
BC847CT DIODES-BC847CT Datasheet
59Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30274 Rev. A-2
logo
NXP Semiconductors
BC847CT PHILIPS-BC847CT Datasheet
131Kb / 18P
   45 V, 100 mA NPN general-purpose transistors
Rev. 8-20 August 2012
logo
Infineon Technologies A...
BC847CT INFINEON-BC847CT Datasheet
229Kb / 9P
   NPN Silicon AF Transistors
Aug-01-2002
More results

Description similaire - BC847CT

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
BC847AT MCC-BC847AT Datasheet
84Kb / 3P
   NPN Surface Mount Small Signal Transistor 150mW
BC847AT MCC-BC847AT_13 Datasheet
237Kb / 3P
   NPN Surface Mount Small Signal Transistor 150mW
logo
Diodes Incorporated
MMBT3904 DIODES-MMBT3904 Datasheet
55Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30036 Rev. 11 - 2
MMBT4124 DIODES-MMBT4124 Datasheet
42Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30105 Rev. 5 - 2
MMBT5551 DIODES-MMBT5551_1 Datasheet
419Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30061 Rev. 9 - 2
MMST3904 DIODES-MMST3904_1 Datasheet
441Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30082 Rev. 10 - 2
MMSTA42 DIODES-MMSTA42_1 Datasheet
204Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30175 Rev. 9 - 2
logo
Transys Electronics
MMBT3904 TRSYS-MMBT3904 Datasheet
200Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMBT5551 TRSYS-MMBT5551 Datasheet
170Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
BC847BLP DIODES-BC847BLP Datasheet
99Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30525 Rev. 7 - 2
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com