Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RYM002N05 Fiches technique(PDF) 3 Page - Rohm

No de pièce RYM002N05
Description  0.9V Drive Nch MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

RYM002N05 Fiches technique(HTML) 3 Page - Rohm

  RYM002N05 Datasheet HTML 1Page - Rohm RYM002N05 Datasheet HTML 2Page - Rohm RYM002N05 Datasheet HTML 3Page - Rohm RYM002N05 Datasheet HTML 4Page - Rohm RYM002N05 Datasheet HTML 5Page - Rohm RYM002N05 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Data Sheet
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.
RYM002N05
Electrical characteristics curves (Ta = 25
C)
100
1000
10000
0.001
0.01
0.1
1
10
VGS= 1.2V
Pulsed
100
1000
10000
0.001
0.01
0.1
1
10
VGS= 0.9V
Pulsed
0
0.1
0.2
0
0.2
0.4
0.6
0.8
1
Ta=25°C
Pulsed
VGS= 2.5V
VGS= 1.5V
VGS= 1.2V
VGS= 0.9V
VGS= 0.8V
VGS= 0.7V
VGS= 4.5V
0.001
0.01
0.1
1
0
0.2
0.4
0.6
0.8
1
VDS= 10V
Pulsed
Ta= 125°C
Ta= 75°C
Ta= 25°C
Ta= 25°C
100
1000
10000
0.001
0.01
0.1
1
VGS= 0.9V
VGS= 1.2V
VGS= 1.5V
VGS= 2.5V
VGS= 4.5V
Ta= 25°C
Pulsed
0
0.1
0.2
02
46
8
10
VGS= 0.7V
Ta=25°C
Pulsed
VGS= 4.5V
VGS= 2.5V
VGS= 1.5V
VGS= 1.2V
VGS= 0.8V
VGS= 0.9V
100
1000
10000
0.001
0.01
0.1
1
10
VGS= 2.5V
Pulsed
100
1000
10000
0.001
0.01
0.1
1
VGS= 4.5V
Pulsed
100
1000
10000
0.001
0.01
0.1
1
10
VGS= 1.5V
Pulsed
Fig.1 Typical Output Characteristics( Ⅰ)
Fig.2 Typical Output Characteristics( Ⅱ)
Fig.3 Typical Transfer Characteristics
Fig.4 Static Drain-Source On-State
Resistance vs. Drain Current( Ⅰ)
Fig.5 Static Drain-Source On-State
Resistance vs. Drain Current( Ⅱ)
Fig.6 Static Drain-Source On-State
Resistance vs. Drain Current( Ⅲ)
Fig.7 Static Drain-Source On-State
Resistance vs. Drain Current( Ⅳ)
DRAIN-SOURCE VOLTAGE : VDS[V]
DRAIN-SOURCE VOLTAGE : VDS[V]
GATE-SOURCE VOLTAGE : VGS[V]
DRAIN-CURRENT : ID[A]
DRAIN-CURRENT : ID[A]
DRAIN-CURRENT : ID[A]
DRAIN-CURRENT : ID[A]
Fig.8 Static Drain-Source On-State
Resistance vs. Drain Current( Ⅴ)
DRAIN-CURRENT : ID[A]
Ta= 125°C
Ta= 75°C
Ta= 25°C
Ta= 25°C
Ta= 125°C
Ta= 75°C
Ta= 25°C
Ta= 25°C
Fig.9 Static Drain-Source On-State
Resistance vs. Drain Current( Ⅵ)
DRAIN-CURRENT : ID[A]
Ta= 125°C
Ta= 75°C
Ta= 25°C
Ta= 25°C
Ta= 125°C
Ta= 75°C
Ta= 25°C
Ta= 25°C
Ta= 125°C
Ta= 75°C
Ta= 25°C
Ta= 25°C
3/5
2010.07 - Rev.A


Description similaire - RYM002N05

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
EM6K34 ROHM-EM6K34 Datasheet
292Kb / 6P
   0.9V Drive Nch Nch MOSFET
UM6K34N ROHM-UM6K34N Datasheet
1Mb / 7P
   0.9V Drive Nch Nch MOSFET
RYB002N05 ROHM-RYB002N05 Datasheet
350Kb / 6P
   0.9V Drive Nch MOSFET
RYU002N05 ROHM-RYU002N05 Datasheet
981Kb / 6P
   0.9V Drive Nch MOSFET
logo
ZP Semiconductor
RYC002N05T316 ZPSEMI-RYC002N05T316 Datasheet
547Kb / 2P
   0.9V Drive Nch MOSFET
logo
Rohm
RYC002N05 ROHM-RYC002N05 Datasheet
1Mb / 7P
   0.9V Drive Nch MOSFET
RYE002N05 ROHM-RYE002N05 Datasheet
309Kb / 6P
   0.9V Drive Nch MOSFET
US6K1 ROHM-US6K1_09 Datasheet
193Kb / 4P
   2.5V Drive NchNch MOSFET
SH8K5 ROHM-SH8K5_09 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
QS8K13 ROHM-QS8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com