Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RYM002N05 Fiches technique(PDF) 2 Page - Rohm

No de pièce RYM002N05
Description  0.9V Drive Nch MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

RYM002N05 Fiches technique(HTML) 2 Page - Rohm

  RYM002N05 Datasheet HTML 1Page - Rohm RYM002N05 Datasheet HTML 2Page - Rohm RYM002N05 Datasheet HTML 3Page - Rohm RYM002N05 Datasheet HTML 4Page - Rohm RYM002N05 Datasheet HTML 5Page - Rohm RYM002N05 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.
RYM002N05
 
 Electrical characteristics (Ta = 25
C)
Symbol
Min.
Typ.
Max.
Unit
Gate-source leakage
IGSS
--
10
AV
GS=8V, VDS=0V
Drain-source breakdown voltage V (BR)DSS
50
-
-
V
ID=1mA, VGS=0V
Zero gate voltage drain current
IDSS
--
1
AV
DS=50V, VGS=0V
Gate threshold voltage
VGS (th)
0.3
-
0.8
V
VDS=10V, ID=1mA
-
1.6
2.2
ID=200mA, VGS=4.5V
-
1.7
2.4
ID=200mA, VGS=2.5V
-
2.0
2.8
ID=200mA, VGS=1.5V
-
2.2
3.3
ID=100mA, VGS=1.2V
-
3.0
9.0
ID=10mA, VGS=0.9V
Forward transfer admittance
l Yfs l
0.2
-
-
S
ID=200mA, VDS=10V
Input capacitance
Ciss
-
26
-
pF
VDS=10V
Output capacitance
Coss
-6
-
pF
VGS=0V
Reverse transfer capacitance
Crss
-
3
-
pF
f=1MHz
Turn-on delay time
td(on)
-5
-
ns
ID=100mA, VDD 25V
Rise time
tr
-8
-
ns
VGS=4.5V
Turn-off delay time
td(off)
-
17
-
ns
RL=250
Fall time
tf
-
43
-
ns
RG=10
*Pulsed
Body diode characteristics (Source-Drain) (Ta = 25
C)
Symbol
Min.
Typ.
Max.
Unit
Forward Voltage
VSD
-
-
1.2
V
Is=200mA, VGS=0V
*Pulsed
Conditions
Conditions
Parameter
Parameter
Static drain-source on-state
resistance
RDS (on)
*
*
*
*
*
*
*
*
*
*
2/5
2010.07 - Rev.A


Description similaire - RYM002N05

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
EM6K34 ROHM-EM6K34 Datasheet
292Kb / 6P
   0.9V Drive Nch Nch MOSFET
UM6K34N ROHM-UM6K34N Datasheet
1Mb / 7P
   0.9V Drive Nch Nch MOSFET
RYB002N05 ROHM-RYB002N05 Datasheet
350Kb / 6P
   0.9V Drive Nch MOSFET
RYU002N05 ROHM-RYU002N05 Datasheet
981Kb / 6P
   0.9V Drive Nch MOSFET
logo
ZP Semiconductor
RYC002N05T316 ZPSEMI-RYC002N05T316 Datasheet
547Kb / 2P
   0.9V Drive Nch MOSFET
logo
Rohm
RYC002N05 ROHM-RYC002N05 Datasheet
1Mb / 7P
   0.9V Drive Nch MOSFET
RYE002N05 ROHM-RYE002N05 Datasheet
309Kb / 6P
   0.9V Drive Nch MOSFET
US6K1 ROHM-US6K1_09 Datasheet
193Kb / 4P
   2.5V Drive NchNch MOSFET
SH8K5 ROHM-SH8K5_09 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
QS8K13 ROHM-QS8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com