Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSH1004-AB10A Fiches technique(PDF) 3 Page - Rohm

No de pièce LSH1004-AB10A
Description  Contact Image Sensor Heads for narrow-width scanners
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

LSH1004-AB10A Fiches technique(HTML) 3 Page - Rohm

  LSH1004-AB10A_11 Datasheet HTML 1Page - Rohm LSH1004-AB10A_11 Datasheet HTML 2Page - Rohm LSH1004-AB10A_11 Datasheet HTML 3Page - Rohm LSH1004-AB10A_11 Datasheet HTML 4Page - Rohm LSH1004-AB10A_11 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/4
www.rohm.com
c
2011 ROHM Co., Ltd. All rights reserved.
2011.03 - Rev.B
Data Sheet
LSH1004-AB10A
Timing chart
(a) CLK Timing Chart
tHOLD
tSETUP
50%
50%
50%
50%
50%
1/fCLK
twCLK
twCLK
ts
CLK
SP
Ao
1pixel
2pixel
(b) Data Output Timing Chart
After turning on the SP pulse, the analog output shape starts from the setting up point of 65 clock pulse.
Note) Output blank part cannot be used as the analog output standard level.
CLK
SP
Ao
1
2
64
65
66
VREF Output Period (64pixels)
Analog Output Period
1 to 64 pixels
1 to 432pixels


Numéro de pièce similaire - LSH1004-AB10A_11

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
LSH1004-AB10A ROHM-LSH1004-AB10A Datasheet
170Kb / 5P
   Multi line sensor heads for narrow-width scanners
More results

Description similaire - LSH1004-AB10A_11

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
LSH2004-AA20A ROHM-LSH2004-AA20A_11 Datasheet
900Kb / 5P
   Contact Image Sensor Heads for narrow-width scanners
LSH3004-AA20A ROHM-LSH3004-AA20A_11 Datasheet
899Kb / 4P
   Contact Image Sensor Heads for narrow-width scanners
LSH2004-AA10A ROHM-LSH2004-AA10A_11 Datasheet
915Kb / 4P
   Contact Image Sensor Heads for narrow-width scanners
LSH2004-AA30A ROHM-LSH2004-AA30A_11 Datasheet
900Kb / 5P
   Contact Image Sensor Heads for narrow-width scanners
LSH3004-AA10A ROHM-LSH3004-AA10A_11 Datasheet
898Kb / 4P
   Contact Image Sensor Heads for narrow-width scanners
IA3004-CE20A ROHM-IA3004-CE20A Datasheet
75Kb / 5P
   Image sensor heads for narrow-width scanners
IA2004-CE10A ROHM-IA2004-CE10A Datasheet
62Kb / 5P
   Image sensor heads for narrow-width scanners
IA2004-CE50A ROHM-IA2004-CE50A Datasheet
78Kb / 5P
   Image sensor heads for narrow-width scanners
IA3004-ME10A ROHM-IA3004-ME10A Datasheet
63Kb / 5P
   Image sensor heads for narrow-width scanners
IA2004-ME32A ROHM-IA2004-ME32A Datasheet
65Kb / 5P
   Image sensor heads for narrow-width scanners
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com