Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2903MX Fiches technique(PDF) 10 Page - Rohm

No de pièce LM2903MX
Description  NOW SERIES Comparators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

LM2903MX Fiches technique(HTML) 10 Page - Rohm

Back Button LM2903MX Datasheet HTML 6Page - Rohm LM2903MX Datasheet HTML 7Page - Rohm LM2903MX Datasheet HTML 8Page - Rohm LM2903MX Datasheet HTML 9Page - Rohm LM2903MX Datasheet HTML 10Page - Rohm LM2903MX Datasheet HTML 11Page - Rohm LM2903MX Datasheet HTML 12Page - Rohm LM2903MX Datasheet HTML 13Page - Rohm LM2903MX Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Technical Note
10/16
LM393MX,LM2903MX,LM339MX,LM2901MX
www.rohm.com
2011.06 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
0
200
400
600
800
1000
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
Reference Data LM2901 family
Input Offset Current – Supply Voltage
Input Bias Current – Supply Voltage
Input Bias Current – Ambient Temperature
Input Offset Voltage – Ambient Temperature
Supply Current – Ambient Temperature
Input Offset Voltage – Supply Voltage
Low Level Output Voltage
– Output Sink Current
(VCC=5[V])
Output Saturation Voltage
– Ambient Temperature
(IOL=4[mA])
Output Sink Current – Ambient
Temperature
(VOUT=1.5[V])
Supply Current – Supply Voltage
Output Saturation Voltage
– Supply Voltage
(IOL=4[mA])
2V
5V
36V
36V
5V
2V
-40℃
25℃
-40℃
85℃
LM 2901 family
LM 2901 family
LM 2901 family
LM 2901family
LM 2901family
LM 2901 family
LM 2901 family
LM 2901 family
LM 2901 family
Fig. 67
Fig. 68
Fig. 69
Fig. 70
Fig. 71
Fig. 72
Fig. 73
Fig. 74
Fig. 75
LM 2901 family
LM 2901 family
(*)The data above is ability value of sample, it is not guaranteed.LM2903family:-40[℃]~+85[℃]
85
25℃
85℃
5V
2V
36V
85℃
25℃
-40℃
2V
5V
85℃
36V
25℃
-40℃
-40℃
25℃
85℃
5V
2V
36V
-40℃
25℃
85℃
LM 2901 family
Derating Curve
Fig. 64
Fig. 65
Fig. 66


Numéro de pièce similaire - LM2903MX

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2903MX NSC-LM2903MX Datasheet
322Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Rohm
LM2903MX ROHM-LM2903MX Datasheet
289Kb / 6P
   SILICON MONNOLITHIC INTEGRATED CIRCUIT
logo
Texas Instruments
LM2903MX TI1-LM2903MX Datasheet
447Kb / 17P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM2903MX TI1-LM2903MX Datasheet
1Mb / 24P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
logo
Fairchild Semiconductor
LM2903MX FAIRCHILD-LM2903MX Datasheet
155Kb / 8P
   Dual Differential Comparator
More results

Description similaire - LM2903MX

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
LM358MX ROHM-LM358MX_11 Datasheet
730Kb / 18P
   NOW SERIES Operational Amplifiers
2011.06 - Rev.C
LM393DT ROHM-LM393DT_15 Datasheet
866Kb / 38P
   SIGNATURE SERIES Comparators
logo
Murata Manufacturing Co...
WSN802GCA MURATA-WSN802GCA Datasheet
1Mb / 6P
   RFMProducts are now Murata Products
logo
Rohm
LM393DR ROHM-LM393DR Datasheet
463Kb / 18P
   TROPHY SERIES Comparators
LM393DT ROHM-LM393DT_11 Datasheet
422Kb / 18P
   SIGNATURE SERIES Comparators
logo
Murata Manufacturing Co...
TR3000 MURATA-TR3000 Datasheet
600Kb / 12P
   RFM products are now Murata products
TX6004 MURATA-TX6004 Datasheet
207Kb / 6P
   RFM products are now Murata products
DR-TRC105 MURATA-DR-TRC105 Datasheet
712Kb / 1P
   RFM products are now Murata products
WSN802G MURATA-WSN802G Datasheet
1Mb / 7P
   RFM Products are now Murata products
logo
ON Semiconductor
NCS2200 ONSEMI-NCS2200_18 Datasheet
140Kb / 18P
   Comparators
March, 2018 ??Rev. 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com