Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2904WSR Fiches technique(PDF) 10 Page - Rohm

No de pièce LM2904WSR
Description  SIGNATURE SERIES Operational Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

LM2904WSR Fiches technique(HTML) 10 Page - Rohm

Back Button LM2904WSR Datasheet HTML 6Page - Rohm LM2904WSR Datasheet HTML 7Page - Rohm LM2904WSR Datasheet HTML 8Page - Rohm LM2904WSR Datasheet HTML 9Page - Rohm LM2904WSR Datasheet HTML 10Page - Rohm LM2904WSR Datasheet HTML 11Page - Rohm LM2904WSR Datasheet HTML 12Page - Rohm LM2904WSR Datasheet HTML 13Page - Rohm LM2904WSR Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Technical Note
10/17
LM358DT/PT/ST/WDT/WPT,LM2904DT/PT/ST/WDT/WPT
LM324DT/PT/WDT,LM2902DT/PT/WDT
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Reference Data LM2902 family
(*)The data above is ability value of sample, it is not guaranteed.
0.0
0.2
0.4
0.6
0.8
1.0
0
1020
3040
SUPPLY VOLTAGE [V]
0.0
0.2
0.4
0.6
0.8
1.0
-50 -25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
0
200
400
600
800
1000
0
25
50
75
100
125
150
AMBIENT TEMPERATURE : Ta [℃]
0
10
20
30
40
010
20
30
40
SUPPLY VOLTAGE [V]
0
1
2
3
4
5
-50 -25
0
25
50
75 100 125 150
AMBIENT TEMPERATURE [℃]
0
10
20
30
40
50
01234
5
OUTPUT VOLTAGE [V]
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
0
10
20
30
40
50
60
70
80
-50 -25
0
255075
100 125 150
AMBIENT TEMPERATURE [℃]
-8
-6
-4
-2
0
2
4
6
8
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
0
10
20
30
40
50
-50 -25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
0.001
0.01
0.1
1
10
100
0
0.4
0.8
1.2
1.6
2
OUTPUT VOLTAGE [V]
0
10
20
30
-50 -25
0
25
50
75 100 125 150
AMBIENT TEMPERATURE [℃]
25℃
25℃
125℃
Supply Current – Supply Voltage
40℃
Supply Current – Ambient Temperature
3V
32V
5V
Derating Curve
Maximum Output Voltage – Supply Voltage
(RL=10[kΩ])
-40℃
Maximum Output Voltage – Ambient Temperature
(VCC=5[V],RL=2[kΩ])
Output Source Current – Output Voltage
(VCC=5[V])
-40℃
25℃
105℃
Output Source Current – Ambient Temperature
(VOUT=0[V])
15V
3V
5V
Output Sink Current – Output Voltage
(VCC=5[V])
-40℃
25℃
105℃
Output Sink Current – Ambient Temperature
(VOUT=VCC)
3V
5V
15V
Low Level Sink Current - Supply Voltage
(VOUT=0.2[V])
-40℃
125℃
25℃
Low Level Sink Current - Ambient Temperature
(VOUT=0.2[V])
32V
5V
3V
Input Offset Voltage - Supply Voltage
(Vicm=0[V], VOUT=1.4[V])
-40℃
25℃
125℃
LM2902 family
125℃
105℃
105℃
125℃
105℃
125℃
105℃
LM2902 family
LM2902 family
LM2902 family
LM2902 family
LM2902 family
LM2902 family
LM2902 family
LM2902 family
LM2902 family
Fig. 73
Fig. 74
Fig. 75
Fig. 76
Fig. 77
Fig. 78
Fig. 79
Fig. 80
Fig. 81
Fig. 82
Fig. 83
Fig. 84
LM2902 family
LM2902 family
LM2902ST
LM2902DT
LM2902WDT
[℃]


Numéro de pièce similaire - LM2904WSR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
LM2904W STMICROELECTRONICS-LM2904W Datasheet
171Kb / 10P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
LM2904W STMICROELECTRONICS-LM2904W Datasheet
283Kb / 19P
   Low power dual operational amplifier
LM2904W STMICROELECTRONICS-LM2904W Datasheet
332Kb / 19P
   Low power dual operational amplifier
LM2904W STMICROELECTRONICS-LM2904W Datasheet
1Mb / 28P
   Low-power dual operational amplifier
Rev 20 - August 2022
LM2904WD STMICROELECTRONICS-LM2904WD Datasheet
332Kb / 19P
   Low power dual operational amplifier
More results

Description similaire - LM2904WSR

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
LM393DT ROHM-LM393DT_11 Datasheet
422Kb / 18P
   SIGNATURE SERIES Comparators
LM393DT ROHM-LM393DT_15 Datasheet
866Kb / 38P
   SIGNATURE SERIES Comparators
LM358DR ROHM-LM358DR Datasheet
797Kb / 18P
   TROPHY SERIES Operational Amplifiers
2011.06 - Rev.B
LM358MX ROHM-LM358MX_11 Datasheet
730Kb / 18P
   NOW SERIES Operational Amplifiers
2011.06 - Rev.C
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com