Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2903VQDR Fiches technique(PDF) 8 Page - Rohm

No de pièce LM2903VQDR
Description  TROPHY SERIES Comparators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

LM2903VQDR Fiches technique(HTML) 8 Page - Rohm

Back Button LM2903VQDR Datasheet HTML 4Page - Rohm LM2903VQDR Datasheet HTML 5Page - Rohm LM2903VQDR Datasheet HTML 6Page - Rohm LM2903VQDR Datasheet HTML 7Page - Rohm LM2903VQDR Datasheet HTML 8Page - Rohm LM2903VQDR Datasheet HTML 9Page - Rohm LM2903VQDR Datasheet HTML 10Page - Rohm LM2903VQDR Datasheet HTML 11Page - Rohm LM2903VQDR Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Technical Note
8/17
LM393DR/PWR/DGKR,LM2903DR/PWR/DGKR/VQDR/VQPWR
LM339DR/PWR,LM2901DR/PWR/VQDR/VQPWR
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-50 -25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
0
20
40
60
80
100
120
140
160
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
0
20
40
60
80
100
120
140
160
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
-50
-40
-30
-20
-10
0
10
20
30
40
50
0
10
203040
SUPPLY VOLTAGE [V]
0
200
400
600
800
1000
0
255075
100
125
150
AMBIENT TEMPERTURE [℃] .
0
50
100
150
200
0
10
203040
SUPPLY VOLTAGE [V]
0
50
100
150
200
-50
-25
0
25
50
75
100
125
150
SUPPLY VOLTAGE [V]
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
2
4
6
8
10
1214
1618
20
OUTPUT SINK CURRENT [mA]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
1020
3040
SUPPLY VOLTAGE [V]
0
10
20
30
40
-50 -25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
-8
-6
-4
-2
0
2
4
6
8
0
1020
3040
SUPPLY VOLTAGE [V]
-8
-6
-4
-2
0
2
4
6
8
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
Reference Data LM2903 family
Input Offset Current – Supply Voltage
Input Bias Current – Supply Voltage
Input Bias Current – Ambient Temperature
Input Offset Voltage – Ambient Temperature
Supply Current – Ambient Temperature
Input Offset Voltage – Supply Voltage
Low Level Output Voltage
– Output Sink Current
(VCC=5[V])
Output Saturation Voltage
– Ambient Temperature
(IOL=4[mA])
Output Sink Current – Ambient
Temperature
(VOUT=1.5[V])
Supply Current – Supply Voltage
Output Saturation Voltage
– Supply Voltage
(IOL=4[mA])
25℃
125℃
-40℃
2V
36V
5V
2V
36V
5V
-40℃
25℃
125℃
-40℃
25℃
125℃
2V
5V
36V
36V
5V
2V
-40℃
25℃
125℃
125℃
25℃
-40℃
-40℃
25℃
125℃
2V
5V
105℃
105℃
105℃
105℃
36V
LM2903 family
LM2903 family
LM2903 family
LM2903 family
LM2903 family
LM2903 family
LM2903 family
LM2903 family
LM2903 family
Fig. 44
Fig. 45
Fig. 46
Fig. 47
Fig. 48
Fig. 49
Fig. 50
Fig. 51
Fig. 52
LM2903 family
LM2903 family
105℃
105℃
(*)The data above is ability value of sample, it is not guaranteed.LM2903family:-40[℃]~+125[℃]
0
200
400
600
800
0
25
50
75
100
125
150
AMBIENT TEMPERATURE
[℃]
LM2903DT
LM2903PT
Derating Curve
LM2903DGKR
Fig. 41
Fig. 42
Fig. 43
LM2903 family


Numéro de pièce similaire - LM2903VQDR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2903VQDR TI-LM2903VQDR Datasheet
413Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM2903VQDR TI-LM2903VQDR Datasheet
3Mb / 55P
[Old version datasheet]   LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
LM2903VQDR TI-LM2903VQDR Datasheet
458Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM2903VQDR TI1-LM2903VQDR Datasheet
1Mb / 26P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM2903VQDR TI-LM2903VQDR Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
More results

Description similaire - LM2903VQDR

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
LM358DR ROHM-LM358DR Datasheet
797Kb / 18P
   TROPHY SERIES Operational Amplifiers
2011.06 - Rev.B
LM393DT ROHM-LM393DT_15 Datasheet
866Kb / 38P
   SIGNATURE SERIES Comparators
LM393DT ROHM-LM393DT_11 Datasheet
422Kb / 18P
   SIGNATURE SERIES Comparators
LM393MX ROHM-LM393MX_11 Datasheet
709Kb / 17P
   NOW SERIES Comparators
logo
ON Semiconductor
NCS2200 ONSEMI-NCS2200_18 Datasheet
140Kb / 18P
   Comparators
March, 2018 ??Rev. 20
logo
Analog Devices
ADCMP391 AD-ADCMP391 Datasheet
375Kb / 17P
   Comparators
ADCMP394 AD-ADCMP394 Datasheet
409Kb / 18P
   Comparators
logo
Panasonic Semiconductor
AN1339 PANASONIC-AN1339 Datasheet
44Kb / 3P
   Quadruple Comparators
AN1393 PANASONIC-AN1393 Datasheet
29Kb / 3P
   Dual Comparators
logo
ON Semiconductor
LM211 ONSEMI-LM211_12 Datasheet
147Kb / 9P
   Single Comparators
August, 2012 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com