Moteur de recherche de fiches techniques de composants électroniques |
|
LM393DR Fiches technique(PDF) 2 Page - Rohm |
|
LM393DR Fiches technique(HTML) 2 Page - Rohm |
2 / 18 page Technical Note 2/17 LM393DR/PWR/DGKR,LM2903DR/PWR/DGKR/VQDR/VQPWR LM339DR/PWR,LM2901DR/PWR/VQDR/VQPWR www.rohm.com 2011.06 - Rev.B © 2011 ROHM Co., Ltd. All rights reserved. ● Absolute Maximum Ratings (Ta=25℃) Parameter Symbol Ratings Unit LM393 family LM339 family LM2903 family LM2901 family Supply Voltage Vcc-GND +36 V Input Differential Voltage Vid ± 36 V Common-mode Input Vicm -0.3 to +36 V Operating Temperature Topr 0 to +70 -40 to +125 ℃ Storage Temperature Range Tstg -65 to +150 ℃ Maximum Junction Temperature Tj +150 ℃ ● Electric Characteristics ○ LM393/339 family(Unless otherwise specified, Vcc=+5[V]) Parameter Symbol Temperature range Limits Unit condition Fig. No. LM393 family LM339 family Min. Typ. Max. Min. Typ. Max. Input Offset Voltage (*1) VIO 25℃ - 2 7 - 2 7 mV Vcc=5 to 30[V],VO=1.4[V] VIC=VIC(min) 88 Full range - - 9 - - 9 Input Offset Current (*1) IIO 25℃ - 5 50 - 5 50 nA VO=1.4[V] 88 Full range - - 250 - - 150 Input Bias Current (*1) IIB 25℃ - 25 250 - 25 250 nA VO=1.4[V] 88 Full range - - 400 - - 400 Common-mode Input Voltage Range VICR 25℃ - - Vcc-1.5 - - Vcc-1.5 V - 88 Full range - - Vcc-2.0 - - Vcc-2.0 Large Signal Differential Voltage Amplification AVD 25℃ 25 200 - 25 200 - V/mA Vcc=15[V] VO=1.4 to 11.4[V], RL≧15[kΩ],VRL=15[V] 88 High Level Output Current IOH 25℃ - 0.1 - - 0.1 - nA VID=1[V],VO=5[V] 89 Full range - - 1 - - 1 μA VID=1[V],VO=30[V] Low Level Output Voltage VOL 25℃ - 150 400 - 150 400 mV VID=-1[V],IOL=4[mA] 89 Full range - - 700 - - 700 Low Level Output Current IOL 25℃ 6 - - 6 16 - mA VID=-1[V],VOL=1.5[V] 89 Supply Current ICC 25℃ - 0.8 1 - 0.8 2 mA RL=∞,Vcc=5V 89 Full range - - 2.5 - - - RL=∞,Vcc=30[V] Response Time Tre 25℃ - 1.3 - - 1.3 - μs RL=5.1[kΩ],VRL=5[V],CL=15pF VIN=100[mVp-p], overdrive=5[mV] 89 - 0.3 - - 0.3 - RL=5.1[kΩ],VRL=5[V], CL=15pF VIN=TTL-Level input step Vref=1.4[V] (*1) Absolute value |
Numéro de pièce similaire - LM393DR |
|
Description similaire - LM393DR |