Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2W02 Fiches technique(PDF) 2 Page - Micro Commercial Components

No de pièce 2W02
Description  2 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2W02 Fiches technique(HTML) 2 Page - Micro Commercial Components

  2W02 Datasheet HTML 1Page - Micro Commercial Components 2W02 Datasheet HTML 2Page - Micro Commercial Components 2W02 Datasheet HTML 3Page - Micro Commercial Components 2W02 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2W005
THRU
2W10
2 Amp Single Phase
Bridge Rectifier
50 to 1000 Volts
WOL
Features
Low Profile Package
Any Mounting Position
Silver Plated Copper Leads
Surge Overload Rating Of 60 Amps
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
---
.378
---
9.60
B
---
.291
---
7.40
C
1.000
---
25.40
---
D
1.098
---
27.90
---
E
.180
.220
4.60
5.60
Maximum Ratings
Operating Temperature: -55°C to +125°C
Storage Temperature: -55°C to +150°C
Typical Thermal Resistance Of 40°C/W Junction To Ambient
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
2W005
2W005
50V
35V
50V
2W01
2W01
100V
70V
100V
2W02
2W02
200V
140V
200V
2W04
2W04
400V
280V
400V
2W06
2W06
600V
420V
600V
2W08
2W08
800V
560V
800V
2W10
2W10
1000V
700V
1000v
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
2.0A
TJ = 25°C
Peak Forward Surge
Current
IFSM
60A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
1.1V
IFM = 2.0A;
TJ = 25°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10µA
1mA
TJ = 25°C
TJ = 100°C
*Pulse test: Pulse width 300 µsec, Duty cycle 2%
E
E
AC
AC
+
-
A
B
C
D
F
F
.028
.032
0.71
0.81
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
M C C
Revision: 7
2006/05/28
UL Recognized File # E165989
TM
Micro Commercial Components
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
www.mccsemi.com
1 of 3


Numéro de pièce similaire - 2W02

FabricantNo de pièceFiches techniqueDescription
logo
Won-Top Electronics
2W02 WTE-2W02 Datasheet
46Kb / 3P
   2.0A BRIDGE RECTIFIER
logo
ASEMI TECHNOLOGY., LTD
2W02 ASEMI-2W02 Datasheet
105Kb / 2P
   ASEMI Bridge Rectifier
2018.11 Rev.3.1
logo
Taiwan Semiconductor Co...
2W02 TSC-2W02 Datasheet
261Kb / 2P
   Single Phase 2.0 AMPS. Silicon Bridge Rectifiers
logo
Goodwork Semiconductor ...
2W02 GWSEMI-2W02 Datasheet
61Kb / 2P
   SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Jinan Gude Electronic D...
2W02 JGD-2W02 Datasheet
178Kb / 2P
   SINGLE PHASE 2.0 AMP SILICON BRIDGE RECTIFIERS
More results

Description similaire - 2W02

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
2W005 MCC-2W005 Datasheet
78Kb / 2P
   2 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
BR805DL MCC-BR805DL_07 Datasheet
148Kb / 3P
   2 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
2W005G MCC-2W005G Datasheet
165Kb / 4P
   2 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
BR805DL MCC-BR805DL Datasheet
90Kb / 2P
   2 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005 MCC-MB5005 Datasheet
78Kb / 2P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005W MCC-MB5005W_13 Datasheet
152Kb / 3P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005_10 Datasheet
199Kb / 3P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005_16 Datasheet
417Kb / 3P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005W MCC-MP5005W_08 Datasheet
110Kb / 3P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005 Datasheet
77Kb / 2P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com