Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMY1A Fiches technique(PDF) 3 Page - Rohm

No de pièce FMY1A
Description  Emitter common (dual transistors)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

FMY1A Fiches technique(HTML) 3 Page - Rohm

  FMY1A Datasheet HTML 1Page - Rohm FMY1A Datasheet HTML 2Page - Rohm FMY1A Datasheet HTML 3Page - Rohm FMY1A Datasheet HTML 4Page - Rohm FMY1A Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EMY1 / UMY1N / FMY1A
Transistors
Rev.A
3/4
COLLECTOR CURRENT : IC
(mA)
Fig.4 DC current gain vs. collector
current ( I )
500
200
100
50
−0.2 −0.5 −1 −2
−5 −10 −20
−50 −100
Ta=25˚C
VCE=
−5V
−3V
−1V
500
200
100
50
−0.2 −0.5 −1 −2
−5 −10 −20
−50 −100
VCE=
−6V
Ta=100˚C
−40˚C
25˚C
COLLECTOR CURRENT : IC
(mA)
Fig.5 DC current gain vs. collector
current ( II )
−0.1
−0.2 −0.5 −1 −2
−5 −10 −20
−50 −100
−1
−0.5
−0.2
−0.05
Ta=25˚C
IC/IB
=50
20
10
COLLECTOR CURRENT : IC
(mA)
Fig.6 Collector-emitter saturation
voltage vs. collector current ( I )
−0.1
−0.2 −0.5 −1 −2
−5 −10 −20
−50 −100
−1
−0.5
−0.2
−0.05
lC/lB=10
Ta=100˚C
25˚C
−40˚C
COLLECTOR CURRENT : IC
(mA)
Fig.7 Collector-emitter saturation
voltage vs. collector current ( II )
50
100
0.5
20
50
100
200
500
1000
12
5
10
Ta=25˚C
VCE
=
−12V
EMITTER CURRENT : IE
(mA)
Fig.8 Gain bandwidth product vs.
emitter current
-0.5
-20
2
5
10
-1
-2
-5
-10
20
Cib
Cob
COLLECTOR TO BASE VOLTAGE : VCB
(V)
EMITTER TO BASE VOLTAGE
: VEB
(V)
Fig.9
Collector output capacitance vs.
collector-base voltage
Emitter input capacitance vs.
emitter-base voltage
Ta=25˚C
f
=1MHz
IE
=0A
IC
=0A
Tr2 (NPN)
0
0.1
0.2
0.5
2
20
50
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1
5
10
VCE=
6V
BASE TO EMITTER VOLTAGE : VBE
(V)
Fig.10 Grounded emitter propagation
characteristics
0
20
40
60
80
100
0.4
0.8
1.2
1.6
2.0
0
0.05mA
0.10mA
0.15mA
0.25mA
0.30mA
0.35mA
0.20mA
Ta=25˚C
IB=0A
0.40mA
0.50mA
0.45mA
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.11 Grounded emitter output
characteristics ( I )
0
0
2
8
10
4
8
12
16
4
6
20
IB=0A
Ta=25˚C
3
µA
6
µA
9
µA
12
µA
15
µA
18
µA
21
µA
24
µA
27
µA
30
µA
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.12 Grounded emitter output
characteristics ( II )


Numéro de pièce similaire - FMY1A

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
FMY1A ROHM-FMY1A Datasheet
98Kb / 5P
   Emitter common (dual transistors)
FMY1A ROHM-FMY1A Datasheet
88Kb / 5P
   Emitter common (dual transistors)
FMY1A ROHM-FMY1A Datasheet
88Kb / 5P
   Emitter common (dual transistors)
logo
Guangdong Kexin Industr...
FMY1A KEXIN-FMY1A Datasheet
346Kb / 5P
   Emitter Common
logo
Rohm
FMY1AT148 ROHM-FMY1AT148 Datasheet
88Kb / 5P
   Emitter common (dual transistors)
More results

Description similaire - FMY1A

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
UMY1NTR ROHM-UMY1NTR Datasheet
88Kb / 5P
   Emitter common (dual transistors)
FMW1T148 ROHM-FMW1T148 Datasheet
115Kb / 3P
   Emitter common (dual transistors)
FMY1AT148 ROHM-FMY1AT148 Datasheet
88Kb / 5P
   Emitter common (dual transistors)
EMY1 ROHM-EMY1 Datasheet
98Kb / 5P
   Emitter common (dual transistors)
EMA11 ROHM-EMA11 Datasheet
61Kb / 2P
   Emitter common (dual digital transistors)
FMG9A ROHM-FMG9A Datasheet
76Kb / 2P
   Emitter common (dual digital transistors)
EMA5 ROHM-EMA5 Datasheet
1Mb / 11P
   Emitter common Dual digital transistors
UMA2N ROHM-UMA2N Datasheet
73Kb / 3P
   Emitter common (dual digital transistors)
UMG2N ROHM-UMG2N Datasheet
71Kb / 3P
   Emitter common (dual digital transistors)
FMG5A ROHM-FMG5A Datasheet
72Kb / 4P
   Emitter common (dual digital transistors)
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com