Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LS02-1A66-PP-3000W Fiches technique(PDF) 1 Page - Meder Electronic

No de pièce LS02-1A66-PP-3000W
Description  LS Level Sensor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MEDER [Meder Electronic]
Site Internet  http://www.meder.com
Logo MEDER - Meder Electronic

LS02-1A66-PP-3000W Fiches technique(HTML) 1 Page - Meder Electronic

  LS02-1A66-PP-3000W Datasheet HTML 1Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LS02-1A66-PP-3000W
Item:
Preliminary Datasheet
| Email: salesasia@meder.com
9522711304
+852 / 2955 1682
Asia:
| Email: salesusa@meder.com
+1 / 508 295 0771
USA:
Item No.:
| Email: info@meder.com
+49 / 7731 8399 0
Europe:
Special Product Data
Conditions
Min
Typ
Max
Unit
Contact rating
operating voltage
operating ampere
Switching current
Sensor-resistance
PP
Housing material
white
Case color
Polyurethan
Sealing compound
Environmental data
Conditions
Min
Typ
Max
Unit
Operating temperature
Operating temperature
Storage temperature
IP68, until the thread
safety class
Cable specification
Conditions
Min
Typ
Max
Unit
round cable
Cable typ
PVC
Cable material
0,14 qmm
Cross section
General data
Conditions
Min
Typ
Max
Unit
over 5m cable, a series resistor is recommended.
Mounting advice
Tightening torque
Modifications in the sense of technical progress are reserved
30.07.09
WKOVACS
01
Version:
Designed by:
Last Change at:
Designed at:
Last Change by:
Approval by:
Approval by:
Approval at:
Approval at:


Numéro de pièce similaire - LS02-1A66-PP-3000W

FabricantNo de pièceFiches techniqueDescription
logo
Standex Electronics, In...
LS02-1A66-PP-3000W STANDEX-LS02-1A66-PP-3000W Datasheet
123Kb / 1P
   LS02 Series Liquid Level Sensor
Rev.04
logo
Meder Electronic
LS02-1A66-PP-3000W_DE MEDER-LS02-1A66-PP-3000W_DE Datasheet
144Kb / 1P
   (deutsch) LS Level Sensor
More results

Description similaire - LS02-1A66-PP-3000W

FabricantNo de pièceFiches techniqueDescription
logo
Meder Electronic
LS01-1B85-PP-5000W MEDER-LS01-1B85-PP-5000W Datasheet
130Kb / 1P
   LS Level Sensor
LS02-1A66-PP-5000W MEDER-LS02-1A66-PP-5000W Datasheet
55Kb / 1P
   LS Level Sensor
LS02-1A85-PA-1500W MEDER-LS02-1A85-PA-1500W Datasheet
61Kb / 1P
   LS Level Sensor
LS02-1A85-S-2000W MEDER-LS02-1A85-S-2000W Datasheet
134Kb / 1P
   LS Level Sensor
LS02-1B66-PP-500W MEDER-LS02-1B66-PP-500W Datasheet
55Kb / 1P
   LS Level Sensor
LS02-1B66-PP-1000W MEDER-LS02-1B66-PP-1000W Datasheet
55Kb / 1P
   LS Level Sensor
LS02-1B84-PA-1500W MEDER-LS02-1B84-PA-1500W Datasheet
56Kb / 1P
   LS Level Sensor
LS02-1B85-PA-1500W MEDER-LS02-1B85-PA-1500W Datasheet
61Kb / 1P
   LS Level Sensor
LS02-1B85-PP-5000W MEDER-LS02-1B85-PP-5000W Datasheet
113Kb / 1P
   LS Level Sensor
LS03-1A66-PP-4000W MEDER-LS03-1A66-PP-4000W Datasheet
127Kb / 1P
   LS Level Sensor
LS03-1A66-PP-5000W MEDER-LS03-1A66-PP-5000W Datasheet
128Kb / 1P
   LS Level Sensor
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com