Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU97500FV-E2 Fiches technique(PDF) 7 Page - Rohm

No de pièce BU97500FV-E2
Description  Multifunction Segment Drivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU97500FV-E2 Fiches technique(HTML) 7 Page - Rohm

Back Button BU97500FV-E2 Datasheet HTML 3Page - Rohm BU97500FV-E2 Datasheet HTML 4Page - Rohm BU97500FV-E2 Datasheet HTML 5Page - Rohm BU97500FV-E2 Datasheet HTML 6Page - Rohm BU97500FV-E2 Datasheet HTML 7Page - Rohm BU97500FV-E2 Datasheet HTML 8Page - Rohm BU97500FV-E2 Datasheet HTML 9Page - Rohm BU97500FV-E2 Datasheet HTML 10Page - Rohm BU97500FV-E2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Technical Note
7/23
BU97930MUV,BU97931FV,BU9798KV,BU9798GUW,BU97500KV
www.rohm.com
2010.04 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Oscillation Frequency Characteristics (Ta=-40 ~ 85°C, VDD=1.8V ~ 3.6V, VLCD=2.7V ~ 5.5V, VSS=0)
Parameter
Symbol
Limits
Unit
Conditions
MIN
MIN
MIN
Frame frequency 1
fFR1
57.6
64
70.4
Hz VDD=3.3V, Ta=25°C, fFR=64Hz setting
Frame frequency 2
fFR2
51.2
64
73.0
Hz VDD=2.5 ~ 3.6V
fFR=64Hz setting
Frame frequency 3
fFR3
45.0
-
64
Hz VDD=1.8 ~ 2.5V
fFR=64Hz setting
MPU interface Characteristics (Ta=-40 ~ 85°C, VDD=1.8V ~ 3.6V, VLCD=2.7V ~ 5.5V, VSS=0)
Parameter
Symbol
Limits
Unit
Conditions
MIN
TYP
MAX
Input rise time
tr
-
-
50
ns
Input fall time
tf
-
-
50
ns
SCL cycle time
tSCYC
250
-
-
ns
“H” SCL pulse width
tSHW
50
-
-
ns
“L” SCL pulse width
tSLW
50
-
-
ns
SD setup time
tSDS
50
-
-
ns
SD hold time
tSDH
50
-
-
ns
CSB setup time
tCSS
50
-
-
ns
CSB hold time
tCSH
50
-
-
ns
“H” CSB pulse width
tCHW
50
-
-
ns
Fig.2 Serial Interface Timing
CSB
SCL
SD
tCSH
tSCYC
tSLW
tSHW
tSDS
tSDH
tf
tr
tCSS
tCHW


Numéro de pièce similaire - BU97500FV-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU9750-E2 ROHM-BU9750-E2 Datasheet
406Kb / 15P
   Standard Segment Drivers
BU97501KV ROHM-BU97501KV Datasheet
823Kb / 33P
   Integrated RAM for display data
BU9750FUV-E2 ROHM-BU9750FUV-E2 Datasheet
406Kb / 15P
   Standard Segment Drivers
BU9750FV-E2 ROHM-BU9750FV-E2 Datasheet
406Kb / 15P
   Standard Segment Drivers
BU9750GUW-E2 ROHM-BU9750GUW-E2 Datasheet
406Kb / 15P
   Standard Segment Drivers
More results

Description similaire - BU97500FV-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU97941FV ROHM-BU97941FV Datasheet
567Kb / 25P
   Multifunction LCD Segment Driver
BU97941FV-LB ROHM-BU97941FV-LB Datasheet
847Kb / 26P
   Multifunction LCD Segment Driver
BU97931FV-LB ROHM-BU97931FV-LB Datasheet
921Kb / 32P
   Multifunction LCD Segment Driver
BU97930MUV ROHM-BU97930MUV_15 Datasheet
1Mb / 32P
   Multifunction LCD Segment Driver
BU97931FV ROHM-BU97931FV Datasheet
1Mb / 32P
   Multifunction LCD Segment Driver
BU97941FV ROHM-BU97941FV_15 Datasheet
1Mb / 27P
   Multifunction LCD Segment Driver
BU9795AKV ROHM-BU9795AKV_11 Datasheet
406Kb / 15P
   Standard Segment Drivers
BU9796FS-E2 ROHM-BU9796FS-E2 Datasheet
562Kb / 18P
   Standard Segment Drivers
logo
Texas Instruments
TPS68401 TI1-TPS68401 Datasheet
861Kb / 37P
[Old version datasheet]   MULTIFUNCTION 3-CHANNEL LED DRIVERS
logo
NXP Semiconductors
MC14LC5002 NXP-MC14LC5002 Datasheet
354Kb / 17P
   72-Segment / 128-Segment LCD Drivers
REV 7 02/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com