Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU97500MUV-E2 Fiches technique(PDF) 11 Page - Rohm

No de pièce BU97500MUV-E2
Description  Multifunction Segment Drivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU97500MUV-E2 Fiches technique(HTML) 11 Page - Rohm

Back Button BU97500MUV-E2 Datasheet HTML 7Page - Rohm BU97500MUV-E2 Datasheet HTML 8Page - Rohm BU97500MUV-E2 Datasheet HTML 9Page - Rohm BU97500MUV-E2 Datasheet HTML 10Page - Rohm BU97500MUV-E2 Datasheet HTML 11Page - Rohm BU97500MUV-E2 Datasheet HTML 12Page - Rohm BU97500MUV-E2 Datasheet HTML 13Page - Rohm BU97500MUV-E2 Datasheet HTML 14Page - Rohm BU97500MUV-E2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Technical Note
11/23
BU97930MUV,BU97931FV,BU9798KV,BU9798GUW,BU97500KV
www.rohm.com
2010.04 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Oscillation Characteristics (Ta=-40 ~ 85°C, VDD=2.7 ~ 5.5V, VLCD=4.5 ~ 5.5V , VSS=0V)
Parameters
Symbol
Limits
Unit
Conditions
MIN
TYP
MAX
Frame Frequency
fCLK
56
80
104
Hz fFR = 80Hz setting, 1/4 Duty setting
MPU interface Characteristics (Ta=-40 ~ 85°C, VDD=2.7V ~ 5.5V, VLCD=4.5 ~ 5.5V , VSS=0V)
Parameters
Symbol
Limits
Unit
Conditions
MIN.
TYP.
MAX.
Input Rise Time
tr
-
-
80
ns
Input Fall Time
tf
-
-
80
ns
SCL Cycle Time
tSCYC
400
-
-
ns
“H” SCL Pulse Width
tSHW
100
-
-
ns
“L” SCL Pulse Width
tSLW
100
-
-
ns
SD Setup Time
tSDS
20
-
-
ns
SD Hold Time
tSDH
20
-
-
ns
CSB Setup Time
tCSS
50
-
-
ns
CSB Hold Time
tCSH
50
-
-
ns
“H” CSB Pulse Time
tCHW
50
-
-
ns
SCL
CSB
SD
tCSS
tf
tSLW
tSCYC
tSHW
tr
tSDS
tSDH
tCSH
tCHW
Fig.4 Serial interface Timing


Numéro de pièce similaire - BU97500MUV-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU9750-E2 ROHM-BU9750-E2 Datasheet
406Kb / 15P
   Standard Segment Drivers
BU97501KV ROHM-BU97501KV Datasheet
823Kb / 33P
   Integrated RAM for display data
BU9750FUV-E2 ROHM-BU9750FUV-E2 Datasheet
406Kb / 15P
   Standard Segment Drivers
BU9750FV-E2 ROHM-BU9750FV-E2 Datasheet
406Kb / 15P
   Standard Segment Drivers
BU9750GUW-E2 ROHM-BU9750GUW-E2 Datasheet
406Kb / 15P
   Standard Segment Drivers
More results

Description similaire - BU97500MUV-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU97941FV ROHM-BU97941FV Datasheet
567Kb / 25P
   Multifunction LCD Segment Driver
BU97941FV-LB ROHM-BU97941FV-LB Datasheet
847Kb / 26P
   Multifunction LCD Segment Driver
BU97931FV-LB ROHM-BU97931FV-LB Datasheet
921Kb / 32P
   Multifunction LCD Segment Driver
BU97930MUV ROHM-BU97930MUV_15 Datasheet
1Mb / 32P
   Multifunction LCD Segment Driver
BU97931FV ROHM-BU97931FV Datasheet
1Mb / 32P
   Multifunction LCD Segment Driver
BU97941FV ROHM-BU97941FV_15 Datasheet
1Mb / 27P
   Multifunction LCD Segment Driver
BU9795AKV ROHM-BU9795AKV_11 Datasheet
406Kb / 15P
   Standard Segment Drivers
BU9796FS-E2 ROHM-BU9796FS-E2 Datasheet
562Kb / 18P
   Standard Segment Drivers
logo
Texas Instruments
TPS68401 TI1-TPS68401 Datasheet
861Kb / 37P
[Old version datasheet]   MULTIFUNCTION 3-CHANNEL LED DRIVERS
logo
NXP Semiconductors
MC14LC5002 NXP-MC14LC5002 Datasheet
354Kb / 17P
   72-Segment / 128-Segment LCD Drivers
REV 7 02/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com