Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU95303 Fiches technique(PDF) 3 Page - Rohm

No de pièce BU95303
Description  6bit RSDS Source Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU95303 Fiches technique(HTML) 3 Page - Rohm

  BU95303 Datasheet HTML 1Page - Rohm BU95303 Datasheet HTML 2Page - Rohm BU95303 Datasheet HTML 3Page - Rohm BU95303 Datasheet HTML 4Page - Rohm BU95303 Datasheet HTML 5Page - Rohm BU95303 Datasheet HTML 6Page - Rohm BU95303 Datasheet HTML 7Page - Rohm BU95303 Datasheet HTML 8Page - Rohm BU95303 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Technical Note
3/14
BU95303
www.rohm.com
2010.10 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Electrical characteristics (DC)
(Unless otherwise noted, Ta=-10 ~ +85℃, DVDD=2.7 ~ 3.6V, AVDD=10.0 ~ 13.5V, DVSS=AVSS=0V)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Logic Part
Logic supply current
IDDL
-
-
8
mA
DVDD=3.3V, Data=00h-3Fh(dot),
fclk=65MHz, fstb=50kHz, 1Line-inverison
Input “H” voltage
V1H
0.7DVDD
-
DVDD
V
R/L,SFTR,INV
,SFTL,
POL,STB,SEL0,SEL1,
LPC0,
LPC1
Input “L” voltage
V1L
0
-
0.3DVDD
V
Input “H” current
I1H1
-
-
+1
μAVIN=DVDD
Dxx, SFTR, POL, INV,
SFTL,CLK,STB,R/L
Input “L” current
I1L1
-1
-
-
μAVIN=DVSS
Input “H” current 2
I1H2
-
20
40
μA
VIN=DVDD
DVDD=3.3V
SEL0,SEL1,
LPC1,LPC0,
Built-in Pull down R
Input “L” current 2
I1L2
-3
-
+3
μAVIN=DVSS
Input “H” current 3
I1H3
-3
-
+3
μAVIN=DVDD
Built-in Pull up R
Input “L” current 3
I1L3
-40
-20
-
μA
VIN=DVSS
DVDD=3.3V
Output “H” voltage
VOH
DVDD-0.5
-
-
V
IOH=-1.0mA
SFTR,SFTL
Output “L” voltage
VOL
-
-
0.5
V
IOL=1.0mA
Driver part
Driver supply current
IDDA
-
-
12
mA
fCLK=85MHz,DATA=00h,
fSTB=56kHz,fPOL=28kHz, No Load
AVDD=12V,V0=11.9V, V13=0.1V
γ
correction resistance
R
γUP
0.7Typ
11.88
1.3Typ
kΩ
V0 ~ V6
R
γLOW
0.7Typ
11.88
1.3Typ
kΩ
V7 ~ V13
Output voltage deviation
VOD1
*1
-
±25
±40
mV
AVDD=12V
Yout=0.1V ~ 1.5V,Yout=10.5V ~ 11.9V
-
±15
±25
mV
AVDD=12V, Yout=1.5V ~ 10.5V
Output swing voltage
Deviation
VRMS
*2
-
±25
±40
mV
AVDD=12V,
Yout=0.1V ~ 1.5V,Yout=10.5V ~ 11.9V
-
±5
±10
mV
AVDD=12V, Vout=1.5V ~ 10.5V
Output voltage deviation 2
(between chips)
VOD2
*3
-
-
±7.5
mV
AVDD=12V, Data=32-gray
Repair input voltage
V1NB
0.1
-
AVDD-0.1
V
IREP1,2
Repair input “H” current
I1BH
-1
-
+1
μAVIN=AVDD=12 V
Repair input “L” current
I1BL
-1
-
+1
μAVIN=AVSS
Driver output “H” current
IVOHY
-
-
-0.4
mA
Y1 ~ Y432, AVDD=12V, Vx=6 V, Yout=11V
IVOHR
-
-
-0.8
mA
OREP1,2 ,AVDD=12V, Vx=6 V, Yout=11V
Driver output“L” current
IVOLY
0.4
-
-
mA
Y1 ~ Y432, AVDD=12V, Vx=6 V,Yout=1V
IVOLR
0.8
-
-
mA
OREP1,2 ,AVDD=12V, Vx=6 V, Yout=1V
RSDS
TM input part
RSDS
TM input “H” voltage
VIHRSDS
100
200
-
mV
VCMRSDS=+1.2V
*4
CLKP/N,DXXP/N
(X=0,1,2)
RSDS
TM input “L” voltage
VILRSDS
-
-200
-100
mV
RSDS
TM common input
voltage
VCMRSDS
0.4
-
DVDD-1.2
V
VDIFF=200mV
*5
*1
VOD1=measured output voltage - averaged output voltage of all outputs
*2
VRMS=measured output swing voltage - averaged output swing voltage of all outputs
*3
VOD2=averaged output voltage - target value
*4
VCM RSDS = (VCLKP+VCLKN)/2 or (VDXXP+VDXXN)/2
*5
VDIFF = VCLKP- VCLKN or VDXXP-VDXXN


Numéro de pièce similaire - BU95303

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU95306 ROHM-BU95306 Datasheet
311Kb / 15P
   6bit RSDS Source Driver
More results

Description similaire - BU95303

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU95306 ROHM-BU95306 Datasheet
311Kb / 15P
   6bit RSDS Source Driver
BU95408 ROHM-BU95408 Datasheet
314Kb / 15P
   6bit RSDS Source Driver
logo
Samsung semiconductor
S6C1104 SAMSUNG-S6C1104 Datasheet
228Kb / 20P
   6 BIT 384 CHANNEL RSDS TFT-LCD SOURCE DRIVER
S6C1108 SAMSUNG-S6C1108 Datasheet
225Kb / 20P
   6 BIT 384 CHANNEL RSDS TFT-LCD SOURCE DRIVER
KS0666 SAMSUNG-KS0666 Datasheet
190Kb / 21P
   6 BIT 384 CHANNEL RSDS TFT-LCD SOURCE DRIVER
S6C0666 SAMSUNG-S6C0666 Datasheet
188Kb / 20P
   6 BIT 384 CHANNEL RSDS TFT-LCD SOURCE DRIVER
S6C0679 SAMSUNG-S6C0679 Datasheet
188Kb / 20P
   6 BIT 420 CHANNEL RSDS TFT-LCD SOURCE DRIVER
logo
New Japan Radio
NJM3548 NJRC-NJM3548 Datasheet
122Kb / 9P
   UNIVERSAL SOURCE DRIVER
logo
Toshiba Semiconductor
TD62785P TOSHIBA-TD62785P Datasheet
216Kb / 6P
   8CH SOURCE DRIVER
TD62785PG TOSHIBA-TD62785PG Datasheet
280Kb / 10P
   8CH SOURCE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com