Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU95101SL Fiches technique(PDF) 9 Page - Rohm

No de pièce BU95101SL
Description  Drivers for Large LCD Panels
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU95101SL Fiches technique(HTML) 9 Page - Rohm

Back Button BU95101SL Datasheet HTML 5Page - Rohm BU95101SL Datasheet HTML 6Page - Rohm BU95101SL Datasheet HTML 7Page - Rohm BU95101SL Datasheet HTML 8Page - Rohm BU95101SL Datasheet HTML 9Page - Rohm BU95101SL Datasheet HTML 10Page - Rohm BU95101SL Datasheet HTML 11Page - Rohm BU95101SL Datasheet HTML 12Page - Rohm BU95101SL Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Technical Note
9/14
BU95101
www.rohm.com
2010.10 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Relationship between Input Data and Output Voltage
The LCD driver output voltages are determined by the input data and 10γ-corrected power supply.
0.1V≦V10≦V9≦V8≦V7≦V6≦0.5AVDD
0.5 AVDD≦V5≦V4≦V3≦V2≦V1≦AVDD -0.1V
Fig.3 Input data - γ correction curve
V1
V2
V3
V4
V5
V6
V7
V8
V9
V10
00H
10H
20H
30H
3FH
08H
18H
28H
38H
AVDD
AVSS
Vout
Input Data
VCOM


Numéro de pièce similaire - BU95101SL

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU95103BL ROHM-BU95103BL Datasheet
434Kb / 15P
   6bit RSDS Source Driver
BU95103BR ROHM-BU95103BR Datasheet
434Kb / 15P
   6bit RSDS Source Driver
BU95103SL ROHM-BU95103SL Datasheet
434Kb / 15P
   6bit RSDS Source Driver
BU95103SR ROHM-BU95103SR Datasheet
434Kb / 15P
   6bit RSDS Source Driver
BU95106BL ROHM-BU95106BL Datasheet
311Kb / 15P
   6bit RSDS Source Driver
More results

Description similaire - BU95101SL

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD9202EFS ROHM-BD9202EFS Datasheet
520Kb / 20P
   White backlight LED drivers for medium to large LCD panels (SWREG type)
BD8112EFV-M ROHM-BD8112EFV-M_11 Datasheet
615Kb / 23P
   White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
BD6066GU ROHM-BD6066GU_11 Datasheet
389Kb / 16P
   White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
BD9428 ROHM-BD9428 Datasheet
759Kb / 29P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD8119FM-M ROHM-BD8119FM-M_14 Datasheet
2Mb / 31P
   White Backlight LED Driver For Medium to Large LCD Panels
BD9420F ROHM-BD9420F_15 Datasheet
1Mb / 32P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD9483F ROHM-BD9483F Datasheet
1Mb / 32P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9394FP ROHM-BD9394FP_14 Datasheet
1Mb / 32P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9420F ROHM-BD9420F Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD9421F ROHM-BD9421F_15 Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com