Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU9833GUL-WE2 Fiches technique(PDF) 4 Page - Rohm

No de pièce BU9833GUL-WE2
Description  WL-CSP EEPROM family I2C BUS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU9833GUL-WE2 Fiches technique(HTML) 4 Page - Rohm

  BU9833GUL-WE2 Datasheet HTML 1Page - Rohm BU9833GUL-WE2 Datasheet HTML 2Page - Rohm BU9833GUL-WE2 Datasheet HTML 3Page - Rohm BU9833GUL-WE2 Datasheet HTML 4Page - Rohm BU9833GUL-WE2 Datasheet HTML 5Page - Rohm BU9833GUL-WE2 Datasheet HTML 6Page - Rohm BU9833GUL-WE2 Datasheet HTML 7Page - Rohm BU9833GUL-WE2 Datasheet HTML 8Page - Rohm BU9833GUL-WE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Technical Note
4/18
www.rohm.com
2010.10 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BU9833GUL-W
Block diagram
Pin assignment and description
Land No.
Terminal name
Input/ Output
Function
C2
VCC
-
Power Supply
C1
A2
IN
Slave Address Set
B2
WP
IN
Write Protect Input
B1
GND
-
Ground (0V)
A2
SCL
IN
Serial Clock Input
A1
SDA
IN/OUT
Slave and Word Address,
Serial Data Input, Serial Data Output
*1
*1 An open drain output requires a pull-up resister.
Characteristic data (The following values are Typ. ones.)
Fig.2 Block diagram
SDA
SCL
WP
A2
2Kbit EEPROM array
Address
decoder
Slave – word
address register
Data
register
Control circuit
High voltage
generating circuti
Power source
voltage detection
9bit
9bit
8bit
ACK
START
STOP
VCC
GND
C
○○
B
○○
A
○○
12
INDEX POST
A1
A2
B1
B2
C1
C2
Fig.3 BU9833GUL-W (bottom view)
Fig.4 H input voltage VIH1,2,3
(A2,SCL,SDA,WP)
Fig.5 L input voltage VIL1,2,3
(A2,SCL,SDA,WP)
Fig.6 L output voltage VOL2-IOL2
(VCC=1.7V)
0
1
2
3
4
5
6
012
3
456
Vcc[V]
SPEC
0
1
2
3
4
5
6
01
234
56
Vcc[V]
SPEC
0
0.2
0.4
0.6
0.8
1
0
1
2345
6
IOL2[mA]
SPEC
Ta=85℃
Ta=25℃
Ta=-40℃
Ta=85℃
Ta=25℃
Ta=-40℃
Ta=85℃
Ta=25℃
Ta=-40℃


Numéro de pièce similaire - BU9833GUL-WE2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU9833GUL-WE2 ROHM-BU9833GUL-WE2 Datasheet
756Kb / 28P
   WLCSP EEPROM
More results

Description similaire - BU9833GUL-WE2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU9880GUL-W ROHM-BU9880GUL-W_10 Datasheet
406Kb / 17P
   WL-CSP EEPROM family I2C BUS
BU9844GUL-W ROHM-BU9844GUL-W_10 Datasheet
406Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU9847GUL-W ROHM-BU9847GUL-W_10 Datasheet
400Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU99901GUZ-W ROHM-BU99901GUZ-W_10 Datasheet
421Kb / 17P
   WL-CSP EEPROM family I2C BUS
BU9889GUL-W ROHM-BU9889GUL-W Datasheet
417Kb / 18P
   WL-CSP EEPROM family I2C BUS
BU9829GUL-W ROHM-BU9829GUL-W_10 Datasheet
584Kb / 17P
   WL-CSP EEPROM family SPI BUS
BU9832GUL-W ROHM-BU9832GUL-W_10 Datasheet
513Kb / 19P
   WL-CSP EEPROM family SPI BUS
BU9891GUL-W ROHM-BU9891GUL-W Datasheet
471Kb / 18P
   WL-CSP EEPROM family Microwire Bus
BU9897GUL-W ROHM-BU9897GUL-W_11 Datasheet
361Kb / 17P
   High Reliability Series Serial EEPROMs WL-CSP EEPROM family I2C BUS
BRCA016GWZ-W ROHM-BRCA016GWZ-W Datasheet
427Kb / 18P
   High Reliability Series Serial EEPROMs WL-CSP EEPROM family I2C BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com