Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU7858KN-E2 Fiches technique(PDF) 3 Page - Rohm

No de pièce BU7858KN-E2
Description  Mixer & Selector ICs with 16bit D/A Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU7858KN-E2 Fiches technique(HTML) 3 Page - Rohm

  BU7858KN-E2 Datasheet HTML 1Page - Rohm BU7858KN-E2 Datasheet HTML 2Page - Rohm BU7858KN-E2 Datasheet HTML 3Page - Rohm BU7858KN-E2 Datasheet HTML 4Page - Rohm BU7858KN-E2 Datasheet HTML 5Page - Rohm BU7858KN-E2 Datasheet HTML 6Page - Rohm BU7858KN-E2 Datasheet HTML 7Page - Rohm BU7858KN-E2 Datasheet HTML 8Page - Rohm BU7858KN-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Technical Note
3/24
www.rohm.com
2010.09 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BU7858KN,BU7893GU
Electrical characteristics
BU7858KN】
Unless otherwise specified, Ta=25℃, AVDD=DVDD=3.0V
Analog
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Current Consumption
Idd3
-
2.3
3.7
mA
16Ω driver part and no signal
DAC S/(N+D)
SN+D
-
85
-
dB
fs=44.1kHz, fin=1kHz, 20kHz
LPF, Vin=-0.5dBFS
DAC S/N
SNR
-
92
-
dB
fs=44.1kHz, fin=1kHz
, A-weighted, Vin=0dBFS
Headphone Amplifier
Total Harmonic Distortion
THDhp
-
0.05
0.5
%
fin=1kHz, 20kHz LPF,
Vin=-10dBV
Headphone Amplifier
Maximum Output
PO
-
10
-
mW
fin=1kHz, THD=10%, RL=16Ω
Headphone Amplifier
Output Noise Voltage
VNO
-
-94
-80
dBV
A-weighted
SPO Maximum Output Level
VOMAX1
2.0
-
-
VP-P
fin=1kHz, THD≦1%, 10kΩLoad
EXTO Maximum Output Level
VOMAX2
2.0
-
-
VP-P
fin=1kHz, THD≦1%, 600ΩLoad
Digital (DC)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Digital Input Voltage “L”
VIL
-
-
0.2 x
DVDD
V
Digital Input Voltage “H”
VIH
0.8 x
DVDD
-
-
V
Digital Output Voltage “L”
VOL
-
-
0.5
V
Iol=-500µA
Digital Output Voltage “H”
VOH
DVDD
-0.5
-
-
V
Ioh=500µA
Input Leakage Current 1
IIN1
-
-
±
2
µA
at 0V, 3V
Audio Interface
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
MCLKI Frequency
fMCLK
4.096
-
18.432
MHz
MCLKI Duty Ratio
dMCLK
45
-
55
%
LRCLK Frequency
fs
16
-
48
kHz
LRCLK Duty Ratio
dLR
45
-
55
%
BCLK Frequency
fBCK
0.512
-
3.072
MHz
BCLK Duty Ratio
dBCK
45
-
55
%
LRCLK edge to BCLK↑ Time
tLRS
50
-
-
ns
BCLK↑ to LRCLK Edge Time
tSLR
50
-
-
ns
Data Hold Time
tSDH
50
-
-
ns
Data Set-up Time
tSDS
50
-
-
ns


Numéro de pièce similaire - BU7858KN-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU7858KN-E2 ROHM-BU7858KN-E2 Datasheet
1Mb / 25P
   Mixer & Selector With 16bit D/A Converters
More results

Description similaire - BU7858KN-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU7858KN ROHM-BU7858KN_07 Datasheet
1Mb / 25P
   Mixer & Selector With 16bit D/A Converters
BU7861KN ROHM-BU7861KN_08 Datasheet
817Kb / 13P
   Mixer & Selector with PCM CODEC and 16bit D/A Converter
BU7861KN ROHM-BU7861KN_10 Datasheet
318Kb / 14P
   Mixer & Selector IC with PCM CODEC and 16bit D/A Converter
logo
Asahi Kasei Microsystem...
AKD4550-E AKM-AKD4550-E Datasheet
774Kb / 26P
   16bit A/D and D/A converter
logo
Rohm
BU7858KN ROHM-BU7858KN Datasheet
322Kb / 6P
   16bit D/A Converter Audio Path
logo
Cirrus Logic
CS5509 CIRRUS-CS5509 Datasheet
375Kb / 23P
   SINGLE SUPPLY 16BIT A/D CONVERTER
logo
Asahi Kasei Microsystem...
AKD5700-A AKM-AKD5700-A Datasheet
452Kb / 39P
   digital audio 16bit A/D converter
AKD5701-A AKM-AKD5701-A Datasheet
461Kb / 40P
   digital audio 16bit A/D converter
AKD4563A AKM-AKD4563A_06 Datasheet
555Kb / 32P
   16bit 4ch A/D and 2ch D/A converter,
AKD5702-A AKM-AKD5702-A Datasheet
1Mb / 33P
   portable digital audio 16bit A/D converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com