Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU7242F Fiches technique(PDF) 9 Page - Rohm

No de pièce BU7242F
Description  Full Swing Low Voltage Operation CMOS Operational Amplifiers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU7242F Fiches technique(HTML) 9 Page - Rohm

Back Button BU7242F Datasheet HTML 5Page - Rohm BU7242F Datasheet HTML 6Page - Rohm BU7242F Datasheet HTML 7Page - Rohm BU7242F Datasheet HTML 8Page - Rohm BU7242F Datasheet HTML 9Page - Rohm BU7242F Datasheet HTML 10Page - Rohm BU7242F Datasheet HTML 11Page - Rohm BU7242F Datasheet HTML 12Page - Rohm BU7242F Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
Technical Note
9/36
www.rohm.com
2010.12 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BU7261/BU7261S family, BU7241/BU7241S family, BU7295/BU7295S family, BU7275/BU7275S family
BU7262/BU7262S family, BU7242/BU7242S family, BU7264/BU7264S family, BU7244/BU7244S family
BU7244 family (Unless otherwise specified VDD=+3[V], VSS=0[V], Ta=25[℃])
Parameter
Symbol
Temperature
Range
Limits
Unit
Condition
BU7244F
BU7244SF
Min.
Typ.
Max.
Input Offset Voltage
(*20) (*21)
Vio
25℃
1
9
mV
VDD=1.8 ~ 5.5[V]
VOUT=VDD/2
Full range
10
Input Offset Current
(*20)
Iio
25℃
1
pA
Input Bias Current
(*20)
Ib
25℃
1
pA
Supply Current
(*21)
IDD
25℃
360
750
μA
RL=∞ All Op-Amps
AV=0[dB], VIN=1.5[V]
Full range
1200
High Level Output Voltage
VOH
25℃
VDD-0.1
V
RL=10[kΩ]
Low Level Output Voltage
VOL
25℃
VSS+0.1
V
RL=10[kΩ]
Large Signal Voltage Gain
AV
25℃
70
95
dB
RL=10[kΩ]
Input Common-mode Voltage Range
Vicm
25℃
0
3
V
VDD-VSS=3[V]
Common-mode Rejection Ratio
CMRR
25℃
45
60
dB
Power Supply Rejection Ratio
PSRR
25℃
60
80
dB
Output Source Current
(*22)
IOH
25℃
4
10
mA
VDD-0.4[V]
Output Sink Current
(*22)
IOL
25℃
5
12
mA
VSS+0.4[V]
Slew Rate
SR
25℃
0.4
V/μs CL=25[pF]
Gain Band width
FT
25℃
0.9
MHz CL=25[pF], AV=40[dB]
Phase Margin
θ
25℃
50
°
CL=25[pF], AV=40[dB]
Total Harmonic Distortion
THD
25℃
0.05
%
VOUT=0.8[Vp-p],
f=1[kHz]
Channel Separation
CS
25℃
100
dB
AV=40[dB]
(*20) Absolute value
(*21) Full range: BU7244: Ta=-40[℃] ~ +85[℃] BU7244S: Ta=-40[℃] ~ +105[℃]
(*22) Under the high temperature environment, consider the power dissipation of IC when selecting the output current.
When the terminal short circuits are continuously output, the output current is reduced to climb to the temperature inside IC.


Numéro de pièce similaire - BU7242F

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU7242F ROHM-BU7242F Datasheet
721Kb / 33P
   Low Voltage Operation CMOS Operational Amplifiers
BU7242F ROHM-BU7242F Datasheet
3Mb / 48P
   CMOS Operational Amplifiers
BU7242F-E2 ROHM-BU7242F-E2 Datasheet
3Mb / 48P
   CMOS Operational Amplifiers
BU7242FVM ROHM-BU7242FVM Datasheet
721Kb / 33P
   Low Voltage Operation CMOS Operational Amplifiers
BU7242FVM ROHM-BU7242FVM Datasheet
3Mb / 48P
   CMOS Operational Amplifiers
More results

Description similaire - BU7242F

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD7561G-TR ROHM-BD7561G-TR Datasheet
2Mb / 34P
   Input/Output Full Swing High Voltage Operation CMOS Operational Amplifiers
BU7255HFV-TR ROHM-BU7255HFV-TR Datasheet
489Kb / 22P
   Input/Output Full Swing Low Voltage Operation High Speed CMOS Operational Amplifiers
BD7561G ROHM-BD7561G_12 Datasheet
483Kb / 21P
   High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
BD7561G ROHM-BD7561G_09 Datasheet
546Kb / 21P
   High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
BU7264FV ROHM-BU7264FV Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
LMR341G ROHM-LMR341G_V01 Datasheet
4Mb / 53P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
16.Jun.2015 Rev.007
BU7295HFV-TR ROHM-BU7295HFV-TR Datasheet
897Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
LMR341G ROHM-LMR341G_15 Datasheet
4Mb / 54P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
BU7261G ROHM-BU7261G Datasheet
721Kb / 33P
   Low Voltage Operation CMOS Operational Amplifiers
BU7294F ROHM-BU7294F Datasheet
765Kb / 30P
   Input/Output Full Swing High Slew Rate Low Voltage CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com