Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU7264SF Fiches technique(PDF) 2 Page - Rohm

No de pièce BU7264SF
Description  Full Swing Low Voltage Operation CMOS Operational Amplifiers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU7264SF Fiches technique(HTML) 2 Page - Rohm

  BU7264SF Datasheet HTML 1Page - Rohm BU7264SF Datasheet HTML 2Page - Rohm BU7264SF Datasheet HTML 3Page - Rohm BU7264SF Datasheet HTML 4Page - Rohm BU7264SF Datasheet HTML 5Page - Rohm BU7264SF Datasheet HTML 6Page - Rohm BU7264SF Datasheet HTML 7Page - Rohm BU7264SF Datasheet HTML 8Page - Rohm BU7264SF Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
Technical Note
2/36
www.rohm.com
2010.12 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BU7261/BU7261S family, BU7241/BU7241S family, BU7295/BU7295S family, BU7275/BU7275S family
BU7262/BU7262S family, BU7242/BU7242S family, BU7264/BU7264S family, BU7244/BU7244S family
Pin Assignments
Input type
Package
SSOP5
HVSOF5
SOP8
VSON008X2030
MSOP8
SOP14
Input-output Full Swing
BU7261G
BU7261SG
BU7241G
BU7241SG
BU7275HFV
BU7275SHFV
BU7295HFV
BU7295SHFV
BU7262F
BU7262SF
BU7242F
BU7242SF
BU7262NUX
BU7262SNUX
BU7242NUX
BU7242SNUX
BU7262FVM
BU7262SFVM
BU7242FVM
BU7242SFVM
BU7264F
BU7264SF
BU7244F
BU7244SF
Absolute maximum rating (Ta=25[℃])
Parameter
Symbol
Ratings
BU7261G, BU7241G,
BU7262F/FVM/NUX
BU7242F/FVM/NUX
BU7264F, BU7244F
BU7295HFV, BU7275HFV
BU7261SG, BU7241SG,
BU7262SF/FVM/NUX
BU7242SF/FVM/NUX
BU7264SF, BU7244SF
BU7295SHFV, BU7275SHFV
Unit
Supply Voltage
VDD-VSS
+7
V
Differential Input Voltage
(*1)
Vid
VDD-VSS
V
Input Common-mode Voltage Range
Vicm
(VSS-0.3)(VDD
+0.3)
V
Operating Temperature
Topr
-40 ~
+85
-40 ~
+105
Storage Temperature
Tstg
-55 ~
+125
Maximum Junction Temperature
Tjmax
+125
Note: Absolute maximum rating item indicates the condition which must not be exceeded.
Application of voltage in excess of absolute maximum rating or use out absolute maximum rated temperature environment
may cause deterioration of characteristics.
(*1)
The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VSS.
SSOP5
HVSOF5
SOP8
MSOP8
VSON008X2030
SOP14
8
7
6
5
1
2
3
4
+
+
-
-
CH1
CH2
OUT2
VSS
VDD
OUT1
IN1-
IN1+
IN2+
IN2-
VSS
VDD
OUT
IN-
IN+
5
1
2
3
4
+
-
+
-
CH1
-
CH4
+
+
-
CH2
-
CH3
+
1
2
3
4
5
6
78
9
10
11
12
13
14
OUT1
OUT2
OUT3
OUT4
IN1-
IN1+
IN2+
IN2-
IN3+
IN3-
IN4-
IN4+
VDD
VSS


Numéro de pièce similaire - BU7264SF

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU7264SF ROHM-BU7264SF Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7264SF ROHM-BU7264SF Datasheet
897Kb / 46P
   Input/Output Full Swing Input/Output Full Swing
BU7264SF-E2 ROHM-BU7264SF-E2 Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7264SF-E2 ROHM-BU7264SF-E2 Datasheet
3Mb / 48P
   CMOS Operational Amplifiers
BU7264SF-E2 ROHM-BU7264SF-E2 Datasheet
897Kb / 46P
   Input/Output Full Swing Input/Output Full Swing
More results

Description similaire - BU7264SF

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD7561G-TR ROHM-BD7561G-TR Datasheet
2Mb / 34P
   Input/Output Full Swing High Voltage Operation CMOS Operational Amplifiers
BU7255HFV-TR ROHM-BU7255HFV-TR Datasheet
489Kb / 22P
   Input/Output Full Swing Low Voltage Operation High Speed CMOS Operational Amplifiers
BD7561G ROHM-BD7561G_12 Datasheet
483Kb / 21P
   High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
BD7561G ROHM-BD7561G_09 Datasheet
546Kb / 21P
   High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
BU7264FV ROHM-BU7264FV Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
LMR341G ROHM-LMR341G_V01 Datasheet
4Mb / 53P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
16.Jun.2015 Rev.007
BU7295HFV-TR ROHM-BU7295HFV-TR Datasheet
897Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
LMR341G ROHM-LMR341G_15 Datasheet
4Mb / 54P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
BU7261G ROHM-BU7261G Datasheet
721Kb / 33P
   Low Voltage Operation CMOS Operational Amplifiers
BU7294F ROHM-BU7294F Datasheet
765Kb / 30P
   Input/Output Full Swing High Slew Rate Low Voltage CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com