Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU6653NUX-TR Fiches technique(PDF) 1 Page - Rohm

No de pièce BU6653NUX-TR
Description  3ch CMOS LDO Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU6653NUX-TR Fiches technique(HTML) 1 Page - Rohm

  BU6653NUX-TR Datasheet HTML 1Page - Rohm BU6653NUX-TR Datasheet HTML 2Page - Rohm BU6653NUX-TR Datasheet HTML 3Page - Rohm BU6653NUX-TR Datasheet HTML 4Page - Rohm BU6653NUX-TR Datasheet HTML 5Page - Rohm BU6653NUX-TR Datasheet HTML 6Page - Rohm BU6653NUX-TR Datasheet HTML 7Page - Rohm BU6653NUX-TR Datasheet HTML 8Page - Rohm BU6653NUX-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1/21
www.rohm.com
2011.03 - Rev.E
© 2011 ROHM Co., Ltd. All rights reserved.
CMOS LDO Regulators for Portable Equipments
3ch CMOS LDO Regulators
BU6650NUX,BU6651NUX,BU6652NUX,BU6653NUX,BU6654NUX,BU6655NUX
Description
BU6650NUX, BU6651NUX, BU6652NUX, BU6653NUX, BU6654NUX, BU6655NUX are high-performance 3ch FULL
CMOS regulator with 200-mA outputs, which is mounted on small package VSON008X2030(2.0 mm
 3.0 mm  0.6 mm).
It has excellent noise characteristics and load responsiveness characteristics despite its low circuit current consumption of
120
A. It is most appropriate for various applications such as power supplies for logic IC, RF, and camera modules.
Features
1) High-accuracy output voltage of
1% (25 mV on 1.5 V & 1.8 V products)
2) High ripple rejection: 70 dB (Typ., 1 kHz, VOUT≦1.8 V)
3) Compatible with small ceramic capacitor (CIN=2.2
F, Co=1.0 F)
4) Low current consumption: 120
A
5) ON/OFF control pin (STBY) of output voltage
6) With built-in over current protection circuit and thermal shutdown circuit
7) With built-in output discharge circuit
8) Adopting small package VSON008X2030
Applications
Battery-powered portable equipment, etc.
Line up matrix
200 mA
BU665□NUX Series
Product Name
VOUT1
VOUT2
VOUT3
Package
BU6650NUX
2.8V
2.8V
1.8V
VSON008X2030
BU6651NUX
2.8V
1.8V
1.5V
BU6652NUX
2.8V
2.8V
1.5V
BU6653NUX
2.8V
1.8V
1.8V
BU6654NUX
3.3V
1.8V
1.5V
BU6655NUX
3.3V
2.8V
1.8V
No.11020EET06


Numéro de pièce similaire - BU6653NUX-TR

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU6653NUX ROHM-BU6653NUX Datasheet
968Kb / 18P
   High-speed Load Response Full CMOS LDP Regulators
More results

Description similaire - BU6653NUX-TR

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU18SD5WG ROHM-BU18SD5WG Datasheet
944Kb / 21P
   CMOS LDO Regulators
BH30FB1WHFV-TR ROHM-BH30FB1WHFV-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
BH15FB1WG ROHM-BH15FB1WG Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
BH25FB1WG-TR ROHM-BH25FB1WG-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
BH33FB1WG-TR ROHM-BH33FB1WG-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
BHXXFB1WG ROHM-BHXXFB1WG_09 Datasheet
832Kb / 9P
   Standard CMOS LDO Regulators
BH15FB1WG ROHM-BH15FB1WG Datasheet
700Kb / 9P
   Standard CMOS LDO Regulators
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
logo
Fairchild Semiconductor
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
FAN2500 FAIRCHILD-FAN2500 Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com